Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAF7118H Datasheet(PDF) 83 Page - NXP Semiconductors

Part # SAF7118H
Description  Multistandard video decoder with adaptive comb filter and component video input
Download  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAF7118H Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button SAF7118H Datasheet HTML 79Page - NXP Semiconductors SAF7118H Datasheet HTML 80Page - NXP Semiconductors SAF7118H Datasheet HTML 81Page - NXP Semiconductors SAF7118H Datasheet HTML 82Page - NXP Semiconductors SAF7118H Datasheet HTML 83Page - NXP Semiconductors SAF7118H Datasheet HTML 84Page - NXP Semiconductors SAF7118H Datasheet HTML 85Page - NXP Semiconductors SAF7118H Datasheet HTML 86Page - NXP Semiconductors SAF7118H Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 173 page
background image
2004 Jul 22
83
Philips Semiconductors
Product specification
Multistandard video decoder with adaptive
comb filter and component video input
SAF7118
13 CHARACTERISTICS
VDDD = 3.0 to 3.6 V; VDDA = 3.1 to 3.5 V; Tamb = −40 to +85 °C (typical values measured at Tamb =25 °C); timings and
levels refer to drawings and conditions illustrated in Fig.46; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDDD
digital supply
voltage
3.0
3.3
3.6
V
IDDD
digital supply
current
X port 3-state; 8-bit I port
85
mA
PD
power dissipation
digital part
280
mW
VDDA
analog supply
voltage
3.1
3.3
3.5
V
IDDA
analog supply
current
AOSL1 and AOSL0 = 0
CVBS mode
75
mA
Y/C mode
130
mA
component mode
250
mA
PA
power dissipation
analog part
CVBS mode
248
mW
Y/C mode
430
mW
component mode
825
mW
Ptot(A+D)
total power
dissipation analog
and digital part
CVBS mode
533
mW
Y/C mode
710
mW
component mode
1105
1350
mW
Ptot(A+D)(pd)
total power
dissipation analog
and digital part in
power-down mode
CE pulled down to ground
5
mW
Ptot(A+D)(ps)
total power
dissipation analog
and digital part in
power-save mode
I2C-bus controlled via subaddress
88H = 0FH
75
mW
Analog part
Iclamp
clamping current
VI =1VDC
−±8
−µA
Vi(p-p)
input voltage
(peak-to-peak
value)
for normal video levels 1 V (p-p),
−3 dB termination 18/56 Ω and
AC coupling required; coupling
capacitor is 47 nF
0.7
V
Z
i
input impedance
clamping current off
200
−−
k
Ci
input capacitance
−−
10
pF
α
cs
channel crosstalk
fi < 5 MHz
−−
−50
dB


Similar Part No. - SAF7118H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAF7113 PHILIPS-SAF7113 Datasheet
281Kb / 80P
   9-bit video input processor
2000 May 08
SAF7113H PHILIPS-SAF7113H Datasheet
281Kb / 80P
   9-bit video input processor
2000 May 08
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAF7115ET NXP-SAF7115ET Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAF7115HW NXP-SAF7115HW Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
More results

Similar Description - SAF7118H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7118 PHILIPS-SAA7118 Datasheet
665Kb / 169P
   Multistandard video decoder with adaptive comb filter and component video input
2001 May 30
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAA7154E NXP-SAA7154E Datasheet
420Kb / 90P
   Multistandard video decoder with comb filter, component input and RGB output
Rev. 02-6 December 2007
logo
STMicroelectronics
STV2310 STMICROELECTRONICS-STV2310 Datasheet
41Kb / 3P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
STV2310 STMICROELECTRONICS-STV2310_04 Datasheet
1Mb / 112P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
logo
Fairchild Semiconductor
TMC22X5YA FAIRCHILD-TMC22X5YA Datasheet
417Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
Renesas Technology Corp
TW9906 RENESAS-TW9906 Datasheet
201Kb / 2P
   3x10-bit Multi-Standard Comb Filter Video Decoder with YCbCr Component Input
logo
Cadeka Microcircuits LL...
TMC22X5YA CADEKA-TMC22X5YA Datasheet
554Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
NXP Semiconductors
SAF7115 PHILIPS-SAF7115_15 Datasheet
229Kb / 35P
   Multistandard video decoder with super-adaptive comb filter, scaler and VBI data read-back via I2C-bus
Rev. 01-15 October 2008
logo
Samsung semiconductor
KS0122 SAMSUNG-KS0122 Datasheet
1Mb / 46P
   MULTISTANDARD VIDEO DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com