Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAF7118H Datasheet(PDF) 61 Page - NXP Semiconductors

Part # SAF7118H
Description  Multistandard video decoder with adaptive comb filter and component video input
Download  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAF7118H Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button SAF7118H Datasheet HTML 57Page - NXP Semiconductors SAF7118H Datasheet HTML 58Page - NXP Semiconductors SAF7118H Datasheet HTML 59Page - NXP Semiconductors SAF7118H Datasheet HTML 60Page - NXP Semiconductors SAF7118H Datasheet HTML 61Page - NXP Semiconductors SAF7118H Datasheet HTML 62Page - NXP Semiconductors SAF7118H Datasheet HTML 63Page - NXP Semiconductors SAF7118H Datasheet HTML 64Page - NXP Semiconductors SAF7118H Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 173 page
background image
2004 Jul 22
61
Philips Semiconductors
Product specification
Multistandard video decoder with adaptive
comb filter and component video input
SAF7118
Table 15 Data types supported by the data slicer block
DT[3:0]
62H[3:0]
STANDARD TYPE
DATA RATE
(Mbit/s)
FRAMING CODE
FC
WINDOW
HAM
CHECK
0000
teletext EuroWST, CCST
6.9375
27H
WST625
always
0001
European closed caption
0.500
001
CC625
0010
VPS
5
9951H
VPS
0011
wide screen signalling bits
5
1E3C1FH
WSS
0100
US teletext (WST)
5.7272
27H
WST525
always
0101
US closed caption (line 21)
0.503
001
CC525
0110
(video data selected)
5
none
disable
0111
(raw data selected)
5
none
disable
1000
teletext
6.9375
programmable
general text
optional
1001
VITC/EBU time codes (Europe)
1.8125
programmable
VITC625
1010
VITC/SMPTE time codes (USA)
1.7898
programmable
VITC525
1011
reserved
1100
US NABTS
5.7272
programmable
NABTS
optional
1101
MOJI (Japanese)
5.7272
programmable (A7H) Japtext
1110
Japanese format switch (L20/22) 5
programmable
open
1111
no sliced data transmitted
(video data selected)
5
none
disable
8.6
Image port output formatter
(subaddresses 84H to 87H)
The output interface consists of a FIFO for video and for
sliced text data, an arbitration circuit, which controls the
mixed transfer of video and sliced text data over the I port
and a decoding and multiplexing unit, which generates the
8 or 16-bit wide output data stream and the accompanied
reference and supporting information.
The clock for the output interface can be derived from an
internal clock, decoder, expansion port, or an externally
provided clock which is appropriate for e.g. VGA and frame
buffer. The clock can be up to 33 MHz. The scaler provides
the following video related timing reference events
(signals), which are available on pins as defined by
subaddresses 84H and 85H:
• Output field ID
• Start and end of vertical active video range
• Start and end of active video line
• Data qualifier or gated clock
• Actually activated programming page (if CONLH is
used)
• Threshold controlled FIFO filling flags (empty, full, filled)
• Sliced data marker.
The discontinuous data stream at the scaler output is
accompanied by a data valid flag (or data qualifier), or is
transported via a gated clock. Clock cycles with invalid
data on the I port data bus (including the HPD pins in 16-bit
output mode) are marked with code 00H.
The output interface also arbitrates the transfer between
scaled video data and sliced text data over the I port
output.
The bits VITX1 and VITX0 (subaddress 86H) are used to
control the arbitration.
As a further operation the serialization of the internal 32-bit
Dwords to 8-bit or optional 16-bit output, as well as the
insertion of the extended ITU 656 codes (SAV/EAV for
video data, ANC or SAV/EAV codes for sliced text data)
are done here.
For handshake with the VGA controller, or other memory
or bus interface circuitry, programmable FIFO flags are
provided; see Section 8.6.2.


Similar Part No. - SAF7118H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAF7113 PHILIPS-SAF7113 Datasheet
281Kb / 80P
   9-bit video input processor
2000 May 08
SAF7113H PHILIPS-SAF7113H Datasheet
281Kb / 80P
   9-bit video input processor
2000 May 08
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAF7115ET NXP-SAF7115ET Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAF7115HW NXP-SAF7115HW Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
More results

Similar Description - SAF7118H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7118 PHILIPS-SAA7118 Datasheet
665Kb / 169P
   Multistandard video decoder with adaptive comb filter and component video input
2001 May 30
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAA7154E NXP-SAA7154E Datasheet
420Kb / 90P
   Multistandard video decoder with comb filter, component input and RGB output
Rev. 02-6 December 2007
logo
STMicroelectronics
STV2310 STMICROELECTRONICS-STV2310 Datasheet
41Kb / 3P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
STV2310 STMICROELECTRONICS-STV2310_04 Datasheet
1Mb / 112P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
logo
Fairchild Semiconductor
TMC22X5YA FAIRCHILD-TMC22X5YA Datasheet
417Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
Renesas Technology Corp
TW9906 RENESAS-TW9906 Datasheet
201Kb / 2P
   3x10-bit Multi-Standard Comb Filter Video Decoder with YCbCr Component Input
logo
Cadeka Microcircuits LL...
TMC22X5YA CADEKA-TMC22X5YA Datasheet
554Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
NXP Semiconductors
SAF7115 PHILIPS-SAF7115_15 Datasheet
229Kb / 35P
   Multistandard video decoder with super-adaptive comb filter, scaler and VBI data read-back via I2C-bus
Rev. 01-15 October 2008
logo
Samsung semiconductor
KS0122 SAMSUNG-KS0122 Datasheet
1Mb / 46P
   MULTISTANDARD VIDEO DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com