Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAF7118H Datasheet(PDF) 44 Page - NXP Semiconductors

Part # SAF7118H
Description  Multistandard video decoder with adaptive comb filter and component video input
Download  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAF7118H Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button SAF7118H Datasheet HTML 40Page - NXP Semiconductors SAF7118H Datasheet HTML 41Page - NXP Semiconductors SAF7118H Datasheet HTML 42Page - NXP Semiconductors SAF7118H Datasheet HTML 43Page - NXP Semiconductors SAF7118H Datasheet HTML 44Page - NXP Semiconductors SAF7118H Datasheet HTML 45Page - NXP Semiconductors SAF7118H Datasheet HTML 46Page - NXP Semiconductors SAF7118H Datasheet HTML 47Page - NXP Semiconductors SAF7118H Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 173 page
background image
2004 Jul 22
44
Philips Semiconductors
Product specification
Multistandard video decoder with adaptive
comb filter and component video input
SAF7118
Fig.28 Vertical timing diagram for 50 Hz/625 line systems.
(1) The inactive going edge of the V123 signal indicates whether the field is odd or even. If HREF is active during
the falling edge of V123, the field is ODD (field 1). If HREF is inactive during the falling edge of V123, the field
is EVEN. The specific position of the slope is dependent on the internal processing delay and may change a
few clock cycles from version to version.
The control signals listed above are available on pins RTS0, RTS1, XRH and XRV according to the following table:
For further information see Section 15.2: Tables 57, 58 and 59.
NAME
RTS0
RTS1
XRH
XRV
HREF
X
X
X
F_ITU656
−−−
X
V123
X
X
X
VGATE
X
X
−−
FID
X
X
−−
MHB540
VGATE
VSTO[8:0] = 134H
VSTA[8:0] = 15H
(a) 1st field
CVBS
ITU counting
single field counting
1
1
2
2
3
3
4
4
5
5
6
6
7
7
...
...
22
22
625
312
624
311
623
310
622
309
23
23
FID
HREF
F_ITU656
V123(1)
VGATE
CVBS
ITU counting
single field counting
FID
HREF
F_ITU656
V123(1)
VSTO[8:0] = 134H
VSTA[8:0] = 15H
(b) 2nd field
313
313
314
1
315
2
316
3
317
4
318
5
319
6
...
...
335
22
312
312
311
311
310
310
309
309
336
23


Similar Part No. - SAF7118H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAF7113 PHILIPS-SAF7113 Datasheet
281Kb / 80P
   9-bit video input processor
2000 May 08
SAF7113H PHILIPS-SAF7113H Datasheet
281Kb / 80P
   9-bit video input processor
2000 May 08
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAF7115ET NXP-SAF7115ET Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAF7115HW NXP-SAF7115HW Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
More results

Similar Description - SAF7118H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7118 PHILIPS-SAA7118 Datasheet
665Kb / 169P
   Multistandard video decoder with adaptive comb filter and component video input
2001 May 30
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAA7154E NXP-SAA7154E Datasheet
420Kb / 90P
   Multistandard video decoder with comb filter, component input and RGB output
Rev. 02-6 December 2007
logo
STMicroelectronics
STV2310 STMICROELECTRONICS-STV2310 Datasheet
41Kb / 3P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
STV2310 STMICROELECTRONICS-STV2310_04 Datasheet
1Mb / 112P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
logo
Fairchild Semiconductor
TMC22X5YA FAIRCHILD-TMC22X5YA Datasheet
417Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
Renesas Technology Corp
TW9906 RENESAS-TW9906 Datasheet
201Kb / 2P
   3x10-bit Multi-Standard Comb Filter Video Decoder with YCbCr Component Input
logo
Cadeka Microcircuits LL...
TMC22X5YA CADEKA-TMC22X5YA Datasheet
554Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
NXP Semiconductors
SAF7115 PHILIPS-SAF7115_15 Datasheet
229Kb / 35P
   Multistandard video decoder with super-adaptive comb filter, scaler and VBI data read-back via I2C-bus
Rev. 01-15 October 2008
logo
Samsung semiconductor
KS0122 SAMSUNG-KS0122 Datasheet
1Mb / 46P
   MULTISTANDARD VIDEO DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com