Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASVMX-100.000MHZ-5ABA Datasheet(PDF) 4 Page - Abracon Corporation

Part # ASVMX-100.000MHZ-5ABA
Description  Ultra-Low Phase Jitter LVPECL SMD Clock Oscillator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASVMX-100.000MHZ-5ABA Datasheet(HTML) 4 Page - Abracon Corporation

  ASVMX-100.000MHZ-5ABA Datasheet HTML 1Page - Abracon Corporation ASVMX-100.000MHZ-5ABA Datasheet HTML 2Page - Abracon Corporation ASVMX-100.000MHZ-5ABA Datasheet HTML 3Page - Abracon Corporation ASVMX-100.000MHZ-5ABA Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applica-
tions. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where
component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and
authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.
ASVMP
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Low Jitter
High Performance
Pb RoHS/RoHS II compliant
DESCRIPTION:
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 04.29.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC
7.0 x 5.0 x 1.4mm
TAPE & REEL
ASVMX-100.000MHz-5ABA
T= Tape & Reel, 1000pcs/reel. Reel Size = 7-inch Reel
MSL-3 packaging applies to –T option.
Blank = Bulk or Tube (43pcs/tube)
MSL-3 packaging applies to MOQ=43 units (tube)
313.75 ~ 316.25
5.50±0.20 6.50 Ref.
1.80+0.20/-0.10
2.80 Ref.
0.50±0.10
All sides
Ultra-Low Phase Jitter LVPECL SMD Clock Oscillator
Dimensions: mm


Similar Part No. - ASVMX-100.000MHZ-5ABA

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASVMX-100.000MHZ-5ABD ABRACON-ASVMX-100.000MHZ-5ABD Datasheet
3Mb / 4P
   Ultra-Low Phase Jitter HCSL SMD Clock Oscillator
04.29.15
More results

Similar Description - ASVMX-100.000MHZ-5ABA

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASVMX-156.250MHZ-3BNR ABRACON-ASVMX-156.250MHZ-3BNR Datasheet
5Mb / 5P
   Ultra-Low Phase Jitter LVPECL SMD Clock Oscillator
04.27.15
ASVMX-312.500MHZ-3BBA ABRACON-ASVMX-312.500MHZ-3BBA Datasheet
5Mb / 5P
   Ultra-Low Phase Jitter LVPECL SMD Clock Oscillator
04.22.15
ASFLMX-156.250MHZ-3BBA ABRACON-ASFLMX-156.250MHZ-3BBA Datasheet
8Mb / 5P
   Ultra-Low Phase Jitter LVPECL SMD Clock Oscillator
04.15.15
ASVMX-212.500MHZ-3ABA ABRACON-ASVMX-212.500MHZ-3ABA Datasheet
3Mb / 4P
   Ultra-Low Phase Jitter LVPECL SMD Clock Oscillator
04.22.15
ASVMX-25.000MHZ-5ABF ABRACON-ASVMX-25.000MHZ-5ABF Datasheet
3Mb / 4P
   Ultra-Low Phase Jitter LVPECL SMD Clock Oscillator
04.29.15
ASVMX-156.250MHZ-3BBA ABRACON-ASVMX-156.250MHZ-3BBA Datasheet
5Mb / 5P
   Ultra-Low Phase Jitter LVPECL SMD Clock Oscillator
04.27.15
ASFLMX-25.000MHZ-5ABA ABRACON-ASFLMX-25.000MHZ-5ABA Datasheet
6Mb / 4P
   Ultra-Low Phase Jitter LVPECL SMD Clock Oscillator
04.16.15
ASVMX-25.000MHZ-5ABA ABRACON-ASVMX-25.000MHZ-5ABA Datasheet
3Mb / 4P
   Ultra-Low Phase Jitter LVPECL SMD Clock Oscillator
05.01.15
logo
QUARTZCOM the communica...
PXO-P9-3PEH-6J QUARTZCOM-PXO-P9-3PEH-6J Datasheet
112Kb / 1P
   Low jitter LVPECL SMD Clock Oscillator Low phase noise
logo
Abracon Corporation
ASVMX-25.000MHZ-5ABC ABRACON-ASVMX-25.000MHZ-5ABC Datasheet
3Mb / 4P
   Ultra-Low Phase Jitter LVCMOS SMD Clock Oscillator
04.29.15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com