Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


SAF7118 Datasheet(PDF) 87 Page - NXP Semiconductors

Part No. SAF7118
Description  Multistandard video decoder with adaptive comb filter and component video input
Download  173 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 87 page
background image
2004 Jul 22
87
Philips Semiconductors
Product specification
Multistandard video decoder with adaptive
comb filter and component video input
SAF7118
Clock output timing
CL
output load
capacitance
15
50
pF
Tcy
cycle time
35
39
ns
δ
duty factors for
tXCLKH/tXCLKL
35
65
%
tr
rise time
0.6 to 2.6 V
−−
5ns
tf
fall time
2.6 to 0.6 V
−−
5ns
Data and control signal output timing X port, related to XCLK output (for XPCK[1:0]83H[5:4] = 00 is default);
note 4
CL
output load
capacitance
15
50
pF
tOHD;DAT
output data hold
time
CL =15pF
4
−−
ns
tPD
propagation delay
from positive edge
of XCLK output
CL =15pF
−−
19
ns
Control signal output timing RT port, related to LLC output
CL
output load
capacitance
15
50
pF
tOHD;DAT
output hold time
CL =15pF
4
−−
ns
tPD
propagation delay
from positive edge
of LLC output
CL =15pF
−−
19
ns
ICLK output timing
CL
output load
capacitance
15
50
pF
Tcy
cycle time
31
45
ns
δ
duty factors for
tICLKH/tICLKL
35
65
%
tr
rise time
0.6 to 2.6 V
−−
5ns
tf
fall time
2.6 to 0.6 V
−−
5ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SAA7118Multistandard video decoder with adaptive comb filter and component video input 1 2 3 4 5 MoreNXP Semiconductors
STV2310Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input 1 2 3 STMicroelectronics
TVP5147PFPNTSC/PPAL SECAM 2 X 10 BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION INPUT AND 5 LINE COMB FILTER 1 2 3 4 5 MoreTexas Instruments
SAA7114PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC comb filter VBI data slicer and high performance scaler 1 2 3 4 5 MoreNXP Semiconductors
SAA7115PAL/NTSC/SECAM Video Decoder with Adaptive PAL/NTSC Comb Filter High Performance Scaler I2C Sliced Data Readback and SQ PIXEL OUTPUT 1 2 3 4 5 MoreNXP Semiconductors
TVP5146NTSC/PAL / SECAM 4 X 10 BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION YPBPR/RGB INPUTS 5 LINE COMB FILTER AND SCART SUPPORT 1 2 3 4 5 MoreTexas Instruments
TVP5147M1PFPNTSC/PAL/SECAM 2x10-BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION YPbPr INPUTS AND 5-LINE COMB FILTER 1 2 3 4 5 MoreTexas Instruments
SAA7114HPAL/NTSC/SECAM video decoder with adaptive PAL/NTSC combfilter VBI-data slicer and high performance scaler 1 2 3 4 5 MoreNXP Semiconductors
TMC22X5YAMultistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family 8 & 10 bit 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl