Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


SAF7118 Datasheet(PDF) 73 Page - NXP Semiconductors

Part No. SAF7118
Description  Multistandard video decoder with adaptive comb filter and component video input
Download  173 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 73 page
background image
2004 Jul 22
73
Philips Semiconductors
Product specification
Multistandard video decoder with adaptive
comb filter and component video input
SAF7118
9.5.1
X PORT CONFIGURED AS OUTPUT
If data output is enabled at the expansion port, then the
data stream from the decoder is presented. The data
format of the 8-bit data bus is dependent on the chosen
data type, selectable by the line control registers
LCR2 to LCR24; see Table 4. In contrast to the image
port, the sliced data format is not available on the
expansion port. Instead, raw CVBS samples are always
transferred if any sliced data type is selected.
Some details of data types on the expansion port are as
follows:
• Active video (data type 15): contains component
Y-CB-CR 4 : 2 : 2 signal, 720 active pixels per line. The
amplitude and offsets are programmable via
DBRI7 to DBRI0, DCON7 to DCON0,
DSAT7 to DSAT0, OFFU1, OFFU0, OFFV1 and
OFFV0. The nominal levels are illustrated in Fig.19.
• Test line (data type 6): is similar to the active video
format, with some constraints within the data
processing:
– adaptive chrominance comb filter, vertical filter
(chrominance comb filter for NTSC standards, PAL
phase error correction) within the chrominance
processing are disabled
– adaptive luminance comb filter, peaking and
chrominance trap are bypassed within the luminance
processing.
This data type is defined for future enhancements.
It could be activated for lines containing standard test
signals within the vertical blanking period. Currently the
most sources do not contain test lines. The nominal
levels are illustrated in Fig.19.
• Raw samples (data types 0 to 5 and 7 to 14): CB-CR
samples are similar to data type 6, but CVBS samples
are transferred instead of processed luminance samples
within the Y time slots.
The amplitude and offset of the CVBS signal is
programmable via RAWG7 to RAWG0 and
RAWO7 to RAWO0; see Chapter 15, Tables 64 and 65.
The nominal levels are illustrated in Fig.20.
The relationship of LCR programming to line numbers is
described in Section 8.3, Tables 5 to 8.
The data type selections by LCR are overruled by setting
OFTS2 = 1 (subaddress 13H bit D2). This setting is mainly
intended for device production test. The VPO-bus carries
the upper or lower 8 bits of the two ADCs depending on the
OFTS[1:0] 13H[1:0] settings; see Table 59. The input
configuration is done via MODE[5:0] 02H[5:0] settings; see
Table 41. If a Y/C mode is selected, the expansion port
carries the multiplexed output signals of both ADCs, and in
CVBS mode the output of only one ADC. No timing
reference codes are generated in this mode.
Remark: The LSBs (bit D0) of the ADCs are also available
on pin RTS0; see Table 57.
The SAV/EAV timing reference codes define the start and
end of valid data regions. The ITU-blanking code
sequence ‘- 80 - 10 - 80 - 10 -...’ is transmitted during the
horizontal blanking period between EAV and SAV.
The position of the F-bit is constant in accordance with
ITU 656; see Tables 31 and 32.
The V-bit can be generated in two different ways
(see Tables 31 and 32) controlled via OFTS1 and OFTS0;
see Table 59.
The F and V bits change synchronously with the EAV
code.
Table 29 Data format on the expansion port
Notes
1. The generation of the timing reference codes can be suppressed by setting OFTS[2:0] to 010; see Table 59. In this
event the code sequence is replaced by the standard ‘- 80 - 10 -’ blanking values.
2. If raw samples or sliced data are selected by the line control registers (LCR2 to LCR24), the Y samples are replaced
by CVBS samples.
BLANKING
PERIOD
TIMING
REFERENCE
CODE (HEX)(1)
720 PIXELS Y-CB-CR 4:2:2 DATA(2)
TIMING
REFERENCE
CODE (HEX)(1)
BLANKING
PERIOD
...
80
10 FF 00 00 SAV CB0Y0 CR0Y1 CB2 Y2 ... CR718 Y719 FF 00 00 EAV 80 10
...




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SAA7118Multistandard video decoder with adaptive comb filter and component video input 1 2 3 4 5 MoreNXP Semiconductors
STV2310Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input 1 2 3 STMicroelectronics
TVP5147PFPNTSC/PPAL SECAM 2 X 10 BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION INPUT AND 5 LINE COMB FILTER 1 2 3 4 5 MoreTexas Instruments
SAA7114PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC comb filter VBI data slicer and high performance scaler 1 2 3 4 5 MoreNXP Semiconductors
SAA7115PAL/NTSC/SECAM Video Decoder with Adaptive PAL/NTSC Comb Filter High Performance Scaler I2C Sliced Data Readback and SQ PIXEL OUTPUT 1 2 3 4 5 MoreNXP Semiconductors
TVP5146NTSC/PAL / SECAM 4 X 10 BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION YPBPR/RGB INPUTS 5 LINE COMB FILTER AND SCART SUPPORT 1 2 3 4 5 MoreTexas Instruments
TVP5147M1PFPNTSC/PAL/SECAM 2x10-BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION YPbPr INPUTS AND 5-LINE COMB FILTER 1 2 3 4 5 MoreTexas Instruments
SAA7114HPAL/NTSC/SECAM video decoder with adaptive PAL/NTSC combfilter VBI-data slicer and high performance scaler 1 2 3 4 5 MoreNXP Semiconductors
TMC22X5YAMultistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family 8 & 10 bit 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl