Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAF7118 Datasheet(PDF) 62 Page - NXP Semiconductors

Part # SAF7118
Description  Multistandard video decoder with adaptive comb filter and component video input
Download  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAF7118 Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button SAF7118 Datasheet HTML 58Page - NXP Semiconductors SAF7118 Datasheet HTML 59Page - NXP Semiconductors SAF7118 Datasheet HTML 60Page - NXP Semiconductors SAF7118 Datasheet HTML 61Page - NXP Semiconductors SAF7118 Datasheet HTML 62Page - NXP Semiconductors SAF7118 Datasheet HTML 63Page - NXP Semiconductors SAF7118 Datasheet HTML 64Page - NXP Semiconductors SAF7118 Datasheet HTML 65Page - NXP Semiconductors SAF7118 Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 173 page
background image
2004 Jul 22
62
Philips Semiconductors
Product specification
Multistandard video decoder with adaptive
comb filter and component video input
SAF7118
8.6.1
SCALER OUTPUT FORMATTER
(SUBADDRESSES 93H AND C3H)
The output formatter organizes the packing into the output
FIFO. The following formats are available:
Y-CB-CR 4:2:2, Y-CB-CR 4:1:1, Y-CB-CR 4:2:0,
Y-CB-CR 4 : 1 : 0 and Y only (e.g. for raw samples). The
formatting is controlled by FSI[2:0] 93H[2:0], FOI[1:0]
93H[4:3] and FYSK[93H[5]].
The data formats are defined on Dwords, or multiples, and
are similar to the video formats as recommended for PCI
multimedia applications (compares to SAA7146A), but
planar formats are not supported.
FSI[2:0] defines the horizontal packing of the data,
FOI[1:0] defines how many Y only lines are expected,
before a Y/C line will be formatted. If FYSK is set to logic 0
preceding Y only lines will be skipped, and the output will
always start with a Y/C line.
Additionally the output formatter limits the amplitude range
of the video data (controlled by ILLV[85H[5]]); see
Table 18.
Table 16 Byte stream for different output formats
Table 17 Explanation to Table 16
Table 18 Limiting range on I port
OUTPUT FORMAT
BYTE SEQUENCE FOR 8-BIT OUTPUT MODES
Y-CB-CR 4:2:2
CB0Y0
CR0Y1
CB2Y2
CR2Y3
CB4Y4
CR4Y5
CB6Y6
Y-CB-CR 4:1:1
CB0Y0
CR0Y1
CB4Y2
CR4
Y3Y4
Y5Y6
Y7
CB8Y8
Y only
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
Y9
Y10
Y11
Y12
Y13
NAME
EXPLANATION
CBnCB (B − Y) colour difference component, pixel number n = 0, 2, 4 to 718
Yn
Y (luminance) component, pixel number n = 0, 1, 2, 3 to 719
CRnCR (R − Y) colour difference component, pixel number n = 0, 2, 4 to 718
LIMIT STEP
ILLV[85H[5]]
VALID RANGE
SUPPRESSED CODES (HEXADECIMAL VALUE)
DECIMAL VALUE
HEXADECIMAL VALUE
LOWER RANGE
UPPER RANGE
0
1 to 254
01 to FE
00
FF
1
8 to 247
08 to F7
00 to 07
F8 to FF
8.6.2
VIDEO FIFO (SUBADDRESS 86H)
The video FIFO at the scaler output contains 32 Dwords.
That corresponds to 64 pixels in 16-bit Y-CB-CR 4:2:2
format. But as the entire scaler can act as a pipeline buffer,
the actual available buffer capacity for the image port is
much higher, and can exceed beyond a video line.
The image port, and the video FIFO, can operate with the
video source clock (synchronous mode) or with an
externally provided clock (asynchronous and burst mode),
as appropriate for the VGA controller or attached frame
buffer.
The video FIFO provides 4 internal flags, reporting to what
extent the FIFO is actually filled.
These are:
• The FIFO Almost Empty (FAE) flag
• The FIFO Combined Flag (FCF) or FIFO filled, which is
set at almost full level and reset, with hysteresis, only
after the level crosses below the almost empty mark
• The FIFO Almost Full (FAF) flag
• The FIFO Overflow (FOVL) flag.
The trigger levels for FAE and FAF are programmable by
FFL[1:0] 86H[3:2] (16, 24, 28, full) and FEL[1:0] 86H[1:0]
(16, 8, 4, empty).
The state of this flag can be seen on the pins IGP0 or
IGP1. The pin mapping is defined by subaddresses
84H and 85H; see Section 9.6.


Similar Part No. - SAF7118

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAF7113 PHILIPS-SAF7113 Datasheet
281Kb / 80P
   9-bit video input processor
2000 May 08
SAF7113H PHILIPS-SAF7113H Datasheet
281Kb / 80P
   9-bit video input processor
2000 May 08
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAF7115ET NXP-SAF7115ET Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAF7115HW NXP-SAF7115HW Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
More results

Similar Description - SAF7118

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7118 PHILIPS-SAA7118 Datasheet
665Kb / 169P
   Multistandard video decoder with adaptive comb filter and component video input
2001 May 30
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAA7154E NXP-SAA7154E Datasheet
420Kb / 90P
   Multistandard video decoder with comb filter, component input and RGB output
Rev. 02-6 December 2007
logo
STMicroelectronics
STV2310 STMICROELECTRONICS-STV2310 Datasheet
41Kb / 3P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
STV2310 STMICROELECTRONICS-STV2310_04 Datasheet
1Mb / 112P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
logo
Fairchild Semiconductor
TMC22X5YA FAIRCHILD-TMC22X5YA Datasheet
417Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
Renesas Technology Corp
TW9906 RENESAS-TW9906 Datasheet
201Kb / 2P
   3x10-bit Multi-Standard Comb Filter Video Decoder with YCbCr Component Input
logo
Cadeka Microcircuits LL...
TMC22X5YA CADEKA-TMC22X5YA Datasheet
554Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
NXP Semiconductors
SAF7115 PHILIPS-SAF7115_15 Datasheet
229Kb / 35P
   Multistandard video decoder with super-adaptive comb filter, scaler and VBI data read-back via I2C-bus
Rev. 01-15 October 2008
logo
Samsung semiconductor
KS0122 SAMSUNG-KS0122 Datasheet
1Mb / 46P
   MULTISTANDARD VIDEO DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com