Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAF7118 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # SAF7118
Description  Multistandard video decoder with adaptive comb filter and component video input
Download  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAF7118 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button SAF7118 Datasheet HTML 45Page - NXP Semiconductors SAF7118 Datasheet HTML 46Page - NXP Semiconductors SAF7118 Datasheet HTML 47Page - NXP Semiconductors SAF7118 Datasheet HTML 48Page - NXP Semiconductors SAF7118 Datasheet HTML 49Page - NXP Semiconductors SAF7118 Datasheet HTML 50Page - NXP Semiconductors SAF7118 Datasheet HTML 51Page - NXP Semiconductors SAF7118 Datasheet HTML 52Page - NXP Semiconductors SAF7118 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 173 page
background image
2004 Jul 22
49
Philips Semiconductors
Product specification
Multistandard video decoder with adaptive
comb filter and component video input
SAF7118
Table 9
Processing trigger and start
XDV1
92H[5]
XDV0
92H[4]
XDH
92H[2]
DESCRIPTION
Internal decoder: The processing triggers at the falling edge of the V123 pulse
[see Figs 28 (50 Hz) and 29 (60 Hz)], and starts earliest with the rising edge of the
decoder HREF at line number:
0
1
0
4/7 (50/60 Hz, 1st field), respectively 3/6 (50/60 Hz, 2nd field) (decoder count)
0
0
0
2/5 (50/60 Hz, 1st field), respectively 2/5 (50/60 Hz, 2nd field) (decoder count)
000
External ITU 656 stream: The processing starts earliest with SAV at line number 23
(50 Hz system), respectively line 20 (60 Hz system) (according to ITU 656 count)
8.4.1.2
Task handling
The task handler controls the switching between the two
programming register sets. It is controlled by
subaddresses 90H and C0H. A task is enabled via the
global control bits TEA[80H[4]] and TEB[80H[5]].
The handler is then triggered by events, which can be
defined for each register set.
In the event of a programming error the task handling and
the complete scaler can be reset to the initial states by
setting the software reset bit SWRST[88H[5]] to logic 0.
Especially if the programming registers, related acquisition
window and scale are reprogrammed while a task is active,
a software reset must be performed after programming.
Contrary to the disabling/enabling of a task, which is
evaluated at the end of a running task, when SWRST is at
logic 0 it sets the internal state machines directly to their
idle states.
The start condition for the handler is defined by bits
STRC[1:0] 90H[1:0] and means: start immediately, wait for
next V-sync, next FID at logic 0 or next FID at logic 1. The
FID is evaluated, if the vertical and horizontal offsets are
reached.
When RPTSK[90H[2]] is at logic 1 the actual running task
is repeated (under the defined trigger conditions), before
handing control over to the alternate task.
To support field rate reduction, the handler is also enabled
to skip fields (bits FSKP[2:0] 90H[5:3]) before executing
the task. A TOGGLE flag is generated (used for the correct
output field processing), which changes state at the
beginning of a task, every time a task is activated;
examples are given in Section 8.4.1.3.
Remarks:
• To activate a task the start condition must be
fulfilled and the acquisition window offsets must be
reached.
For example, in case of ‘start immediately’, and two
regions are defined for one field, the offset of the lower
region must be greater than (offset + length) of the
upper region, if not, the actual counted H and V position
at the end of the upper task is beyond the programmed
offsets and the processing will ‘wait for next V’.
• Basically the trigger conditions are checked, when a
task is activated. It is important to realize, that they are
not checked while a task is inactive. So you can not
trigger to next logic 0 or logic 1 with overlapping offset
and active video ranges between the tasks (e.g. task A
STRC[2:0] = 2, YO[11:0] = 310 and task B
STRC[2:0] = 3, YO[11:0] = 310 results in output field
rate of 50
3 Hz).
• After power-on or software reset (via
SWRST[88H[5]]) task B gets priority over task A.
8.4.1.3
Output field processing
As a reference for the output field processing, two signals
are available for the back-end hardware.
These signals are the input field ID from the scaler source
and a TOGGLE flag, which shows that an active task is
used an odd (1, 3, 5...) or even (2, 4, 6...) number of times.
Using a single or both tasks and reducing the field or frame
rate with the task handling function, the TOGGLE
information can be used to reconstruct an interlaced
scaled picture at a reduced frame rate. The TOGGLE flag
isn’t synchronized to the input field detection, as it is only
dependent on the interpretation of this information by the
external hardware, whether the output of the scaler is
processed correctly; see Section 8.4.3.


Similar Part No. - SAF7118

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAF7113 PHILIPS-SAF7113 Datasheet
281Kb / 80P
   9-bit video input processor
2000 May 08
SAF7113H PHILIPS-SAF7113H Datasheet
281Kb / 80P
   9-bit video input processor
2000 May 08
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAF7115ET NXP-SAF7115ET Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAF7115HW NXP-SAF7115HW Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
More results

Similar Description - SAF7118

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7118 PHILIPS-SAA7118 Datasheet
665Kb / 169P
   Multistandard video decoder with adaptive comb filter and component video input
2001 May 30
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAA7154E NXP-SAA7154E Datasheet
420Kb / 90P
   Multistandard video decoder with comb filter, component input and RGB output
Rev. 02-6 December 2007
logo
STMicroelectronics
STV2310 STMICROELECTRONICS-STV2310 Datasheet
41Kb / 3P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
STV2310 STMICROELECTRONICS-STV2310_04 Datasheet
1Mb / 112P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
logo
Fairchild Semiconductor
TMC22X5YA FAIRCHILD-TMC22X5YA Datasheet
417Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
Renesas Technology Corp
TW9906 RENESAS-TW9906 Datasheet
201Kb / 2P
   3x10-bit Multi-Standard Comb Filter Video Decoder with YCbCr Component Input
logo
Cadeka Microcircuits LL...
TMC22X5YA CADEKA-TMC22X5YA Datasheet
554Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
NXP Semiconductors
SAF7115 PHILIPS-SAF7115_15 Datasheet
229Kb / 35P
   Multistandard video decoder with super-adaptive comb filter, scaler and VBI data read-back via I2C-bus
Rev. 01-15 October 2008
logo
Samsung semiconductor
KS0122 SAMSUNG-KS0122 Datasheet
1Mb / 46P
   MULTISTANDARD VIDEO DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com