Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHDA31A-S09 Datasheet(PDF) 1 Page - Vitec Power

Part # SHDA31A-S09
Description  30W Desktop Power Supply for Medical Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SHDA31A-S09 Datasheet(HTML) 1 Page - Vitec Power

  SHDA31A-S09 Datasheet HTML 1Page - Vitec Power SHDA31A-S09 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SHDA31A SERIES
30W Desktop Power Supply for Medical Equipment
Wide Input Voltage 90 to 264 VAC, 47 to 63Hz
Output Voltage Available From 5VDC Thru 48VDC
IEC-320-C18 Input Inlet
Single Output
Input Surge Current, Over Load, and Over Voltage Protection.
CEC Level V, and Energy Star 2.0 Compliance
Approved as Limited Power Source (LPS)
Class II Insulation
2 Year Warranty
Approvals:
Single Output
Part Number
Output Voltage
Max. Output Current
Load Regulation
Maximum
Output Power
SHDA31A-S02 *
5 ~ 6 VDC
4.00 ~ 3.33 A
5%
20W
SHDA31A-S03 *
6 ~ 8 VDC
3.83 ~ 2.87 A
5%
23W
SHDA31A-S04
8 ~ 11 VDC
3.38 ~ 2.45 A
5%
27W
SHDA31A-S05
11 ~ 13 VDC
2.74 ~ 2.30 A
5%
30W
SHDA31A-S06
13 ~ 16 VDC
2.30 ~ 1.88 A
5%
30W
SHDA31A-S07
16 ~ 21 VDC
1.88 ~ 1.43 A
3%
30W
SHDA31A-S08
21 ~ 27 VDC
1.43 ~ 1.11 A
3%
30W
SHDA31A-S09
27 ~ 33 VDC
1.11 ~ 0.91A
3%
30W
SHDA31A-S10
33 ~ 40 VDC
0.91 ~ 0.75A
3%
30W
SHDA31A-S11
40 ~ 48 VDC
0.75 ~ 0.63A
3%
30W
Mark “*” means approved by PSE.
The model number of S03~S11 had been approved by CEC level V
Total Regulation is conditioned by below configuration
(S02~S04: AWG16/4FT output cable)
(S05~S11: AWG18/6FT output cable)
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
264
VAC
Input Frequency
47
63
Hz
Output Power Range
Vin=90 to 264VAC
0
30
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
0.9
A
Input Current (High Line)
Io=Full load, Vin=230VAC
0.34
A
Low Line Inrush Current
Io=Full load, 25°C Cool start, Vin=115VAC
16
24
A
High Line Inrush Current
Io=Full load, 25°C Cool start, Vin=230VAC
32
48
A
Efficiency
Io=Full Load, Vin=230VAC
78
85
88
%
Line Regulation
Io=Full Load
0.5
%
Load Regulation
Vin=230VAC
5
%
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
12
mS
Start Up Time
Io=Full Load, Vin=100VAC
0.3
1.5
2
S
Ripple & Noise(Peak to Peak)
Full Load, Vin=90VAC
1
%
Temperature Coefficient
All output
-0.04
0.04
%/°C


Similar Part No. - SHDA31A-S09

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SHDA31A-S09 Vitec-SHDA31A-S09 Datasheet
380Kb / 2P
   30W Desktop Power Supply for Medical Equipment
More results

Similar Description - SHDA31A-S09

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SHDA31A Vitec-SHDA31A Datasheet
380Kb / 2P
   30W Desktop Power Supply for Medical Equipment
SHDA31B-SERIES Vitec-SHDA31B-SERIES Datasheet
381Kb / 2P
   30W Desktop Power Supply for Medical Equipment
SHDA31B Vitec-SHDA31B Datasheet
381Kb / 2P
   30W Desktop Power Supply for Medical Equipment
SMDA30-SERIES Vitec-SMDA30-SERIES Datasheet
391Kb / 2P
   30W Desktop for Medical Equipment
SMDA30 Vitec-SMDA30 Datasheet
403Kb / 2P
   30W Desktop for Medical Equipment
SIDA31-SERIES Vitec-SIDA31-SERIES Datasheet
335Kb / 2P
   30W Desktop Power Supply for Industrial Equipment
SIDA31 Vitec-SIDA31 Datasheet
335Kb / 2P
   30W Desktop Power Supply for Industrial Equipment
STDA31-SERIES Vitec-STDA31-SERIES Datasheet
338Kb / 2P
   30W Desktop Power Supply for I.T. Equipment
STDA31 Vitec-STDA31 Datasheet
338Kb / 2P
   30W Desktop Power Supply for I.T. Equipment
SMDA60B Vitec-SMDA60B Datasheet
372Kb / 2P
   63W Desktop Power Supply for Medical Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com