Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILPA150VU-S036ST Datasheet(PDF) 1 Page - Vitec Power

Part # ILPA150VU-S036ST
Description  150W Water-Proof Constant Voltage LED Driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

ILPA150VU-S036ST Datasheet(HTML) 1 Page - Vitec Power

  ILPA150VU-S036ST Datasheet HTML 1Page - Vitec Power ILPA150VU-S036ST Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ILPA150VU SERIES
150W Water-Proof Constant Voltage LED Driver
Wide Input Voltage 90 to 305VAC, 47 to 63Hz
Constant Output Voltage Available From 12VDC To 105VDC
Over Voltage, Over Current, Short Circuit, and Over Temperature Protection
High Efficiency (up to 94%)
Active Power Factor Correction (PFC) (99% typical)
IP67 Waterproof Rating, Metal Housing
Comply with UL8750 & EN61347 Safety Regulation (Pending)
3 Year Warranty
Approvals:
Single Output
Part Number
Output Voltage
Max.
Output Current
Efficiency
(220VAC, Full Load)
Over Voltage Protection
Min / Typ / Max
Max.
Output Power
ILPA150VU-S012ST
12 VDC
12.5 A
92%
14V / 15V / 16V
150W
ILPA150VU-S024ST
24 VDC
6.25 A
93%
27V / 30V / 34V
150W
ILPA150VU-S036ST
36 VDC
4.17 A
93%
40V / 43V / 48V
150W
ILPA150VU-S042ST
42 VDC
3.75 A
94%
45V / 50V / 53V
150W
ILPA150VU-S048ST
48 VDC
3.57 A
93%
47V / 51V / 55V
150W
ILPA150VU-S050ST
50 VDC
3.13 A
93%
54V / 58V / 61V
150W
ILPA150VU-S052ST
52VDC
3.00A
93%
56V / 60V / 63V
150W
ILPA150VU-S054ST
54 VDC
2.88 A
93%
58V / 62V / 66V
150W
ILPA150VU-S056ST
56 VDC
2.78 A
93%
60V / 65V / 69V
150W
ILPA150VU-S081ST
81 VDC
1.85 A
94%
91V / 95V / 100V
150W
ILPA150VU-S105ST
105 VDC
1.42 A
94%
118V / 128V / 135V
150W
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
305
VAC
Input Frequency
47
63
Hz
Output Power Range
Vin=90 to 264VAC
0
150
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
1.75
A
Input Current (High Line)
Io=Full load, Vin=230VAC
0.8
A
High Line Inrush Current
Io=Full load, 25°C, Cool start, Vin=230VAC
50
A
Power Factor Correction
Vin=110VAC
99
%
Power Factor Correction
Vin=220VAC
96
%
Efficiency
Io=Full Load, Vin=230VAC
93
94
%
No-Load Power Consumption
No Load, VIn=230VAC
1.5
W
Line Regulation
Io=Full Load
1
%
Load Regulation
Vin=230VAC
2
%
Over Voltage Protection
Latch mode. The power unit shall return to normal operation only after the power is turn-on again.
Over Current Protection
110
135
180
% Io
Over Temperature Protection
110
°C
Short Circuit Protection
No damage shall occur when any output operating in a short circuit condition. Self-recovery.
Output Overshoot / Undershoot
When power on or off
10
%
Start Up Time
Io=Full Load, Vin=100VAC
3
S
Ripple & Noise (Peak to Peak)
Measured by 20 MHz bandwidth oscilloscope and the
output paralleled a 0.1 uF ceramic capacitor and a 10 uF
electrolytic capacitor.
2
% Vo


Similar Part No. - ILPA150VU-S036ST

ManufacturerPart #DatasheetDescription
logo
Vitec Power
ILPA150VU-S036ST Vitec-ILPA150VU-S036ST Datasheet
286Kb / 2P
   150W Water-Proof Constant Voltage LED Driver
More results

Similar Description - ILPA150VU-S036ST

ManufacturerPart #DatasheetDescription
logo
Vitec Power
ILPA150VU Vitec-ILPA150VU Datasheet
286Kb / 2P
   150W Water-Proof Constant Voltage LED Driver
ILPA150VW-SERIES Vitec-ILPA150VW-SERIES Datasheet
286Kb / 2P
   150W Water-Proof Constant Voltage LED Driver
ILPA150VW Vitec-ILPA150VW Datasheet
286Kb / 2P
   150W Water-Proof Constant Voltage LED Driver
ILPA100VU Vitec-ILPA100VU Datasheet
300Kb / 2P
   100W Water-Proof Constant Voltage LED Driver
ILPA30VW Vitec-ILPA30VW Datasheet
280Kb / 2P
   30W Water-Proof Constant Voltage LED Driver
ILPA50VW-SERIES Vitec-ILPA50VW-SERIES Datasheet
282Kb / 2P
   50W Water-Proof Constant Voltage LED Driver
ILPA100VU-SERIES Vitec-ILPA100VU-SERIES Datasheet
288Kb / 2P
   100W Water-Proof Constant Voltage LED Driver
ILPA75VU Vitec-ILPA75VU Datasheet
295Kb / 2P
   75W Water-Proof Constant Voltage LED Driver
ILPA75VU-SERIES Vitec-ILPA75VU-SERIES Datasheet
295Kb / 2P
   75W Water-Proof Constant Voltage LED Driver
ILPA75VW Vitec-ILPA75VW Datasheet
294Kb / 2P
   75W Water-Proof Constant Voltage LED Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com