Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GXLV Datasheet(PDF) 78 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXLV
Description  Geode??GXLV Processor Series Low Power Integrated x86 Solutions
Download  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXLV Datasheet(HTML) 78 Page - National Semiconductor (TI)

Back Button GXLV Datasheet HTML 74Page - National Semiconductor (TI) GXLV Datasheet HTML 75Page - National Semiconductor (TI) GXLV Datasheet HTML 76Page - National Semiconductor (TI) GXLV Datasheet HTML 77Page - National Semiconductor (TI) GXLV Datasheet HTML 78Page - National Semiconductor (TI) GXLV Datasheet HTML 79Page - National Semiconductor (TI) GXLV Datasheet HTML 80Page - National Semiconductor (TI) GXLV Datasheet HTML 81Page - National Semiconductor (TI) GXLV Datasheet HTML 82Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 247 page
background image
www.national.com
78
Revision 1.1
Processor Programming (Continued)
Along with the base address of the page table or the page
frame, each DTE or PTE contains attribute bits and a
present bit as illustrated in Table 3-28.
If the present bit (P) is set in the DTE, the page table is
present and the appropriate page table entry is read. If P
= 1 in the corresponding PTE (indicating that the page is
in memory), the accessed and dirty bits are updated, if
necessary, and the operand is fetched. Both accessed
bits are set (DTE and PTE), if necessary, to indicate that
the table and the page have been used to translate a linear
address. The dirty bit (D) is set before the first write is made
to a page.
The present bits must be set to validate the remaining bits
in the DTE and PTE. If either of the present bits are not
set, a page fault is generated when the DTE or PTE is
accessed. If P = 0, the remaining DTE/PTE bits are avail-
able for use by the operating system. For example, the
operating system can use these bits to record where on
the hard disk the pages are located. A page fault is also
generated if the memory reference violates the page pro-
tection attributes.
Translation Look-Aside Buffer
The translation look-aside buffer (TLB) is a cache for the
paging mechanism and replaces the two-level page table
lookup procedure for TLB hits. The TLB is a four-way set
associative 32-entry page table cache that automatically
keeps the most commonly used page table entries in the
processor. The 32-entry TLB, coupled with a 4 KB page
size, results in coverage of 128 KB of memory addresses.
The TLB must be flushed when entries in the page tables
are changed. The TLB is flushed whenever the CR3 regis-
ter is loaded. An individual entry in the TLB can be flushed
using the INVLPG instruction.
DTE Cache
The DTE cache caches the two most recent DTEs so that
future TLB misses only require a single page table read to
calculate the physical address. The DTE cache is dis-
abled following RESET and can be enabled by setting the
DTE_EN bit in CCR4[4] (see CCR4 register on page 53).
Table 3-28. Directory Table Entry (DTE) and Page Table Entry (PTE)
Bit
Name
Description
31:12
BASE
ADDRESS
Base Address: Specifies the base address of the page or page table.
11:9
AVAILABLE
Available: Undefined and available to the programmer.
8:7
RSVD
Reserved: Unavailable to programmer.
6D
Dirty Bit:
PTE format — If = 1: Indicates that a write access has occurred to the page.
DTE format — Reserved.
5A
Accessed Flag: If set, indicates that a read access or write access has occurred to the page.
4:3
RSVD
Reserved: Set to 0.
2U/S
User/Supervisor Attribute:
If = 1: Page is accessible by User at privilege level 3.
If = 0: Page is accessible by Supervisor only when CPL
≤ 2.
1W/R
Write/Read Attribute:
If = 1: Page is writable.
If = 0: Page is read only.
0P
Present Flag:
If = 1: The page is present in RAM and the remaining DTE/PTE bits are validated
If = 0: The page is not present in RAM and the remaining DTE/PTE bits are available for use by the pro-
grammer.


Similar Part No. - GXLV

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
GXL CHEMI-CON-GXL Datasheet
358Kb / 2P
   Long life, 125?
logo
Sensata Technologies, I...
GXL14 SENSATA-GXL14 Datasheet
1Mb / 5P
   350 Amp 12-800 Vdc Latching Contactor
More results

Similar Description - GXLV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
GXM NSC-GXM Datasheet
4Mb / 244P
   Geode??GXm Processor Integrated x86 Solution with MMX Support
GX1 NSC-GX1 Datasheet
4Mb / 247P
   Processor Series Low Power Integrated x86 Solution
logo
Axiomtek Co., Ltd.
NA100 AXIOMTEK-NA100 Datasheet
322Kb / 1P
   Ultra low power AMD Geode LX800 processor
NA-100 AXIOMTEK-NA-100 Datasheet
209Kb / 1P
   Ultra low power AMD Geode LX800 processor
logo
AAEON Technology
PFM-535I AAEON-PFM-535I Datasheet
1Mb / 1P
   AMD Geode GX1 Processor
GENE-4312 AAEON-GENE-4312 Datasheet
385Kb / 1P
   AMD Geode GX1 Processor
PCM-5895B AAEON-PCM-5895B Datasheet
260Kb / 2P
   AMD Geode??LX800 Processor
PCM-4896 AAEON-PCM-4896 Datasheet
380Kb / 1P
   AMD Geode GX1 Processor
PCM-4896L AAEON-PCM-4896L Datasheet
452Kb / 1P
   AMD Geode GX1 Processor
HSB-460I AAEON-HSB-460I Datasheet
630Kb / 1P
   AMD Geode GX1 Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com