Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILPA40JUD-S045DS Datasheet(PDF) 1 Page - Vitec Power

Part # ILPA40JUD-S045DS
Description  40W Dimmable Water-Proof Constant Current LED Driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

ILPA40JUD-S045DS Datasheet(HTML) 1 Page - Vitec Power

  ILPA40JUD-S045DS Datasheet HTML 1Page - Vitec Power ILPA40JUD-S045DS Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ILPA40JUD SERIES
40W Dimmable Water-Proof Constant Current LED Driver
Wide Input Voltage 90 to 305VAC, 47 to 63Hz
Constant Output Current Available From 350mA To 3330mA
Over Voltage, Short Circuit, Over Load Protection
High Efficiency (up to 88%)
Active Power Factor Correction (PFC) (92% typical)
IP66 Waterproof Rating
Comply with UL8750 & EN61347 Safety Regulation (Pending)
2 Year Warranty
Approvals: (Pending)
Single Output
Part Number
Output Current Range
(Min. / Typ. / Max.)
Output Voltage
(Min. / Max.)
Efficiency
(220VAC, Full Load)
Over Voltage Protection
(Min. / Typ. / Max.)
Max.
Output Power
ILPA40JUD-S333DS
3164 / 3330 / 3497 mA
4 / 12 VDC
84%
13 / 15 / 17 VDC
35W
ILPA40JUD-S222DS
2109 / 2220 / 2331 mA
6 / 18 VDC
85%
22 / 24 / 26 VDC
36W
ILPA40JUD-S166DS
1577 / 1660 / 1743 mA
8 / 24 VDC
86%
30 / 32 / 34 VDC
38W
ILPA40JUD-S140DS
1330 / 1400 / 1470 mA
10 / 29 VDC
87%
36 / 38 / 40 VDC
36W
ILPA40JUD-S128DS
1216 / 1280 / 1344 mA
11 / 31 VDC
87%
41 / 43 / 45 VDC
38W
ILPA40JUD-S105DS
998 / 1050 / 1103 mA
12 / 36 VDC
87%
46 / 48 / 50 VDC
38W
ILPA40JUD-S070DS
665 / 700 / 735 mA
18 / 54 VDC
87%
68 / 70 / 72 VDC
38W
ILPA40JUD-S045DS
428 / 450 / 473 mA
30 / 89 VDC
88%
114 / 116 / 118 VDC
40W
ILPA40JUD-S035DS
333 / 350 / 368 mA
38 / 114 VDC
88%
146 / 148 / 150 VDC
40W
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
305
VAC
Input Frequency
47
63
Hz
Output Power Range
Vin=90 to 305VAC
0
40
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
0.48
A
Input Current (High Line)
Io=Full load, Vin=230VAC
0.23
A
High Line Inrush Current
Io=Full load, 25°C, Cool start, Vin=230VAC
20
A
Power Factor Correction
Vin=110VAC
99
%
Efficiency
Io=Full Load, Vin=220VAC
88
%
No Load Power Dissipation
3
W
Line Regulation
Io=Full Load
2
%
Load Regulation
Vin=230VAC
5
%
Over Voltage Protection
Latch mode. The power unit shall return to normal operation only after the power is turn-on again.
(Please refer to output table.)
Over Load Protection
Hiccup mode. The power supply shall be self-recovery
when the fault condition is removed.
1.25
Po
Short Circuit Protection
No damage shall occur when any output operating in a short circuit condition. The power supply shall be
self-recovery when the fault condition is removed.
Output Overshoot / Undershoot
When power on or off
10
%
Start Up Time
Io=Full Load, Vin=100VAC
1.7
2
S
Ripple & Noise (Peak to Peak)
Measured by 20 MHz bandwidth oscilloscope and the
output paralleled a 0.1 uF ceramic capacitor and a 10
uF electrolytic capacitor.
5
% Vo


Similar Part No. - ILPA40JUD-S045DS

ManufacturerPart #DatasheetDescription
logo
Vitec Power
ILPA40JUD-S045DS Vitec-ILPA40JUD-S045DS Datasheet
365Kb / 2P
   40W Dimmable Water-Proof Constant Current LED Driver
More results

Similar Description - ILPA40JUD-S045DS

ManufacturerPart #DatasheetDescription
logo
Vitec Power
ILPA40JUD Vitec-ILPA40JUD Datasheet
365Kb / 2P
   40W Dimmable Water-Proof Constant Current LED Driver
ILPA25JUD-SERIES Vitec-ILPA25JUD-SERIES Datasheet
402Kb / 2P
   25W Dimmable Water-Proof Constant Current LED Driver
ILPA25JUD Vitec-ILPA25JUD Datasheet
402Kb / 2P
   25W Dimmable Water-Proof Constant Current LED Driver
ILPA35JUD-SERIES Vitec-ILPA35JUD-SERIES Datasheet
359Kb / 2P
   35W Dimmable Water-Proof Constant Current LED Driver
ILPA35JUD Vitec-ILPA35JUD Datasheet
359Kb / 2P
   35W Dimmable Water-Proof Constant Current LED Driver
ILPA30JW-SERIES Vitec-ILPA30JW-SERIES Datasheet
288Kb / 2P
   30W Water-Proof Constant Current LED Driver
ILPA75JU-SERIES Vitec-ILPA75JU-SERIES Datasheet
296Kb / 2P
   75W Water-Proof Constant Current LED Driver
ILPA100JU-SERIES Vitec-ILPA100JU-SERIES Datasheet
287Kb / 2P
   100W Water-Proof Constant Current LED Driver
ILPA50JW-SERIES Vitec-ILPA50JW-SERIES Datasheet
288Kb / 2P
   50W Water-Proof Constant Current LED Driver
ILPA50JW Vitec-ILPA50JW Datasheet
299Kb / 2P
   50W Water-Proof Constant Current LED Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com