Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6943 Datasheet(PDF) 5 Page - Texas Instruments

Part # PT6943
Description  6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6943 Datasheet(HTML) 5 Page - Texas Instruments

  PT6943 Datasheet HTML 1Page - Texas Instruments PT6943 Datasheet HTML 2Page - Texas Instruments PT6943 Datasheet HTML 3Page - Texas Instruments PT6943 Datasheet HTML 4Page - Texas Instruments PT6943 Datasheet HTML 5Page - Texas Instruments PT6943 Datasheet HTML 6Page - Texas Instruments PT6943 Datasheet HTML 7Page - Texas Instruments PT6943 Datasheet HTML 8Page - Texas Instruments PT6943 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
PT6940 Series
Operating Features of the PT6940 Series
of Dual-Output Voltage Regulators
Over-Current Protection
The PT6940 series of regulators incorporate independent
current limit protection at both outputs (Vo1 & Vo2) with a
periodic shutdown of both outputs. Applying a load current,
in excess of the current limit threshold to either output,
results in the shutdown of both voltages after a short
period; typically 15ms. Following shutdown the module
periodically attempts to recover by executing a soft start
power-up at intervals of approximately 100ms. If the over-
current fault persists, each attempted restart will result in a
corresponding over-current trip and shutdown. During
the 15ms period prior to each successive shutdown, the
output with the load fault may not reach full regulation.
Figure 2
Power-Up Voltage Sequencing
The output voltages from the PT6940 series regulators are
independently regulated, and internally sequenced to meet
the power-up requirements of popular microprocessors
and DSP chipsets. Figure 1 shows the output voltage wave-
forms of a PT6942 (3.3V/1.8V) after either input power is
applied, or the regulator is enabled. In this example turning
Q1 off in Figure 2, removes the low-voltage signal at pin 1
and enables the regulator. Following a delay of about 3–5ms,
Vo1 and Vo2 rise together until the lower voltage, Vo2,
reaches its regulation voltage. Vo1 then continues to rise
until both outputs reach full regulation. The total power-
up time is less than 15ms, and is relatively independent of
load, temperature, and output capacitance. The turn-off of
Q1 corresponds to the rise in VSTBY. The waveforms were
measured with a 5V input voltage, and with resistive loads
of 4A at both the Vo1 and Vo2 outputs.
Figure 1
C
IN
+
Co
2
+
Inhibit
V
in
Vo
2
COM
COM
Q1
BSS138
Vo
1
Co
1
+
PT6940
13–16
4–6
23–25
26
3
7–12
17–22
Vin
V
1 Adj
V
2 Adj
Vo
1
Vo
2
V
1 Sns
V
2 Sns
27
2
STBY*
1
V1 (1V/Div)
V2 (1V/Div)
Vstby (5V/Div)
HORIZ SCALE (2ms/Div)
Notes:
1.The standby control input is
Not compatible with TTL or
other devices that incorporate a totem-pole output drive. Use
only a true open-collector device, preferably a discrete bipolar
transistor (or MOSFET). To ensure the regulator output is
disabled, the control pin must be pulled to less than 0.4Vdc
with a low-level 0.5mA sink to ground.
2 Do not use an an external pull-up resistor. The control pin
has its own internal pull-up. Adding an external pull-up
could disable the over-current protection. The open-circuit
voltage of the “STBY*” pin is the input voltage, Vin.
Standby Control
The output voltages from the PT6940 may be disabled
using the regulator’s Standby control. The standby function
is provided by the “STBY*” control (pin 1). If pin 1 is left
open-circuit the regulator operates normally, and provides
a regulated output at both Vo1 (pins 4–6) and Vo2 (pins 23–
25) whenever a valid input source voltage is applied to Vin
(pins 13–16) with respect to GND (pins 7-12 & 17–22).
Applying a low-impedance sink to ground1 at pin 1, simul-
taneously disables both regulated outputs. This places the
regulator in standby mode, and reduces the input current
drawn by the ISR to typically 10mA. The Standby control
may also be used to maintain both regulator outputs at zero
volts during the period that input power is applied.
The standby pin is ideally controlled using an open-collector
(or open-drain) discrete transistor (See Figure 2). The
open-circuit voltage is the input voltage, Vin.


Similar Part No. - PT6943

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6943A TI1-PT6943A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6943A TI1-PT6943A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6943C TI1-PT6943C Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6943C TI1-PT6943C Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
More results

Similar Description - PT6943

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6942A TI1-PT6942A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6943A TI1-PT6943A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5502 TI-PT5502 Datasheet
174Kb / 2P
[Old version datasheet]   3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5521 TI-PT5521 Datasheet
164Kb / 7P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT8100 TI-PT8100 Datasheet
231Kb / 14P
[Old version datasheet]   40-A 3.3/5-V Input Programmable Integrated Switching Regulator
PT5810 TI-PT5810 Datasheet
202Kb / 11P
[Old version datasheet]   20-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6470 TI-PT6470 Datasheet
289Kb / 14P
[Old version datasheet]   14-A 3.3-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com