Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA704 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA704
Description  CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA704 Datasheet(HTML) 3 Page - Texas Instruments

  OPA704 Datasheet HTML 1Page - Texas Instruments OPA704 Datasheet HTML 2Page - Texas Instruments OPA704 Datasheet HTML 3Page - Texas Instruments OPA704 Datasheet HTML 4Page - Texas Instruments OPA704 Datasheet HTML 5Page - Texas Instruments OPA704 Datasheet HTML 6Page - Texas Instruments OPA704 Datasheet HTML 7Page - Texas Instruments OPA704 Datasheet HTML 8Page - Texas Instruments OPA704 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
OPA703, OPA704
3
SBOS180A
OPA703NA, UA, PA
OPA2703EA, UA, PA
OPA4703EA, UA
OPA703 ELECTRICAL CHARACTERISTICS: VS = 4V to 12V
Boldface limits apply over the specified temperature range, TA = –40°C to +85°C
At TA = +25°C, RL = 20kΩ connected to VS / 2 and VOUT = VS / 2, unless otherwise noted.
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
VOS
VS = ±5V, VCM = 0V
±160
±750
µV
Drift
dVOS /dT
TA = –40°C to +85°C
±4
µV/°C
vs Power Supply
PSRR
VS = ±2V to ±6V, VCM = 0V
20
100
µV/V
Over Temperature
VS = ±2V to ±6V, VCM = 0V
200
µV/V
Channel Separation, dc
RL = 20kΩ
1
µV/V
f = 1kHz
98
dB
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(V–) – 0.3
(V+) + 0.3
V
Common-Mode Rejection Ratio
CMRR
VS = ±5V, (V–) – 0.3V < VCM < (V+) + 0.3V
70
90
dB
over Temperature
VS = ±5V, (V–) < VCM < (V+)
68
dB
VS = ±5V, (V–) – 0.3V < VCM < (V+) – 2V
80
96
dB
over Temperature
VS = ±5V, (V–) < VCM < (V+) – 2V
74
dB
INPUT BIAS CURRENT
Input Bias Current
IB
VS = ±5V, VCM = 0V
±1
±10
pA
Input Offset Current
IOS
VS = ±5V, VCM = 0V
±0.5
±10
pA
INPUT IMPEDANCE
Differential
4 • 109 || 4
Ω || pF
Common-Mode
5 • 1012 || 4
Ω || pF
NOISE
Input Voltage Noise, f = 0.1Hz to 10Hz
VS = ±5V, VCM = 0V
6
µVp-p
Input Voltage Noise Density, f = 1kHz
en
VS = ±5V, VCM = 0V
45
nV/
√Hz
Current Noise Density, f = 1kHz
in
VS = ±5V, VCM = 0V
2.5
fA/
√Hz
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
RL = 100kΩ, (V–)+0.1V < VO < (V+)–0.1V
120
dB
RL = 20kΩ, (V–)+0.075V < VO < (V+)–0.075V
100
110
dB
over Temperature
RL = 20k, (V–)+0.075V < VO < (V+)–0.075V
96
dB
RL = 5kΩ, (V–)+0.15V < VO < (V+)–0.15V
100
110
dB
over Temperature
RL = 5k, (V–)+0.15V < VO < (V+)–0.15V
96
dB
OUTPUT
Voltage Output Swing from Rail
RL = 100kΩ, AOL > 80dB
40
mV
RL = 20kΩ, AOL > 100dB
75
mV
over Temperature
RL = 20k, AOL > 96dB
75
mV
RL = 5kΩ, AOL > 100dB
150
mV
over Temperature
RL = 5k, AOL > 96dB
150
mV
Output Current
IOUT
|VS – VOUT| < 1V
±10
mA
Short-Circuit Current
ISC
±40
mA
Capacitive Load Drive
CLOAD
See Typical Performance Curves
FREQUENCY RESPONSE
CL = 100pF
Gain-Bandwidth Product
GBW
G = +1
1
MHz
Slew Rate
SR
VS = ±5V, G = +1
0.6
V/
µs
Settling Time, 0.1%
tS
VS = ±5V, 5V Step, G = +1
15
µs
0.01%
VS = ±5V, 5V Step, G = +1
20
µs
Overload Recovery Time
VIN • Gain = VS
3
µs
Total Harmonic Distortion + Noise
THD+N
VS = ±5V, VO = 3Vp-p, G = +1, f = 1kHz
0.02
%
POWER SUPPLY
Specified Voltage Range, Single Supply
VS
412
V
Specified Voltage Range, Dual Supplies
VS
±2
±6V
Operating Voltage Range
3.6 to 12
V
Quiescent Current (per amplifier)
IQ
IO = 0
160
200
µA
over Temperature
300
µA
TEMPERATURE RANGE
Specified Range
–40
85
°C
Operating Range
–55
125
°C
Storage Range
–65
150
°C
Thermal Resistance
θ
JA
SOT23-5 Surface-Mount
200
°C/W
MSOP-8 Surface-Mount
150
°C/W
TSSOP-14 Surface-Mount
100
°C/W
SO-8 Surface Mount
150
°C/W
SO-14 Surface Mount
100
°C/W
DIP-8
100
°C/W


Similar Part No. - OPA704

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA704 BURR-BROWN-OPA704 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA704 TI1-OPA704 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA704NA BURR-BROWN-OPA704NA Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA704NA/250 TI1-OPA704NA/250 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA704NA/250G4 TI1-OPA704NA/250G4 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA704

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA349SA TI-OPA349SA Datasheet
1Mb / 23P
[Old version datasheet]   1A, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com