Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP81243 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP81243
Description  Dual Output 3 & 2 Phase Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81243 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP81243 Datasheet HTML 1Page - ON Semiconductor NCP81243 Datasheet HTML 2Page - ON Semiconductor NCP81243 Datasheet HTML 3Page - ON Semiconductor NCP81243 Datasheet HTML 4Page - ON Semiconductor NCP81243 Datasheet HTML 5Page - ON Semiconductor NCP81243 Datasheet HTML 6Page - ON Semiconductor NCP81243 Datasheet HTML 7Page - ON Semiconductor NCP81243 Datasheet HTML 8Page - ON Semiconductor NCP81243 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
© Semiconductor Components Industries, LLC, 2016
February, 2016 − Rev. 0
1
Publication Order Number:
NCP81243/D
NCP81243
Dual Output 3 & 2 Phase
Controller with Single Intel
Proprietary Interface for
Desktop and Notebook CPU
Applications
The NCP81243 dual output three plus two phase buck solutions are
optimized for Intel
®’s IMVP8 CPUs. The NCP81243 offer five PWM
drive signals that can be configured in multiple setups. The controller
combines true differential voltage sensing, differential inductor DCR
current sensing, input voltage feed−forward, and adaptive voltage
positioning to provide accurately regulated power for both desktop
and notebook applications.
The control system is based on Dual−Edge pulse−width modulation
(PWM) combined with DCR current sensing providing an ultra fast
initial response to dynamic load events and reduced system cost. The
NCP81243 provides the mechanism to shed phases during light load
operation and can auto frequency scale in light load conditions while
maintaining excellent transient performance.
Dual high performance operational error amplifiers are provided to
simplify compensation of the complete system. Patented Dynamic
Reference Injection further simplifies loop compensation by
eliminating the need to compromise between closed−loop transient
response and Dynamic VID performance. Patented Total Current
Summing provides highly accurate current monitoring for droop and
digital current monitoring.
Features
Meets Intel’s IMVP8 Specification
Current Mode Dual Edge Modulation for Fast Initial Response to
Transient Loading
Dual High Performance Operational Error Amplifier
One Digital Soft Start Ramp for Both Rails
Dynamic Reference Injection
Accurate Total Summing Current Amplifier
DAC with Droop Feed−forward Injection
Dual High Impedance Differential Voltage and Total
Current Sense Amplifiers
Phase−to−Phase Dynamic Current Balancing
“Lossless” DCR Current Sensing for Current Balancing
Summed Compensated Inductor Current Sensing for
Droop
True Differential Current Balancing Sense Amplifiers
for Each Phase
Adaptive Voltage Positioning (AVP)
Switching Frequency Range of 300 kHz – 1.4 MHz
Startup into Pre−Charged Loads while Avoiding False
OVP
Pin Programmable Power Saving Phase Shedding
Vin Feed Forward Ramp Slope
Over Voltage Protection (OVP) & Under Voltage
Protection (UVP)
Over Current Protection (OCP)
Dual Power Good Output with Internal Delays
These Devices are Pb−Free, Halogen Free/BFR Free
and are RoHS Compliant
Applications
Desktop & Notebook Processors
Gaming
MARKING
DIAGRAM
www.onsemi.com
52
1
QFN52
MN SUFFIX
CASE 485BE
NCP81243 = Specific Device Code
F
= Wafer Fab
A
= Assembly Site
WL = Lot ID
YY = Year
WW = Work Week
G
= Pb−Free Package
NCP81243
FAWLYYWW
G
Device
Package
Shipping
ORDERING INFORMATION
NCP81243MNTXG
QFN52
(Pb−Free)
2500 / Tape &
Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.


Similar Part No. - NCP81243

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
NCP81243MNTXG ONSEMI-NCP81243MNTXG Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
More results

Similar Description - NCP81243

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
NCP6121 ONSEMI-NCP6121 Datasheet
315Kb / 28P
   Dual Output 3 Phase 1/0 Phase Controller
January, 2013 ??Rev. 2
logo
Linear Technology
LTC3788-1 LINER-LTC3788-1_15 Datasheet
387Kb / 30P
   2-Phase, Dual Output Synchronous Boost Controller
logo
Renesas Technology Corp
ISL68220 RENESAS-ISL68220 Datasheet
1Mb / 98P
   Digital Dual Output, 2-Phase PWM Controller
Oct.1.20
logo
Linear Technology
LTC3788 LINER-LTC3788 Datasheet
427Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1 Datasheet
415Kb / 28P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788_15 Datasheet
411Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788_1 Datasheet
372Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1_1 Datasheet
366Kb / 30P
   2-Phase, Dual Output Synchronous Boost Controller
logo
ON Semiconductor
NCP6153 ONSEMI-NCP6153 Datasheet
394Kb / 29P
   Dual Output 3/4 Phase 1/0 Phase Controller
October, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com