Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV51190MNTAG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV51190MNTAG
Description  1.5A DDR Memory Termination Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV51190MNTAG Datasheet(HTML) 6 Page - ON Semiconductor

  NCV51190MNTAG Datasheet HTML 1Page - ON Semiconductor NCV51190MNTAG Datasheet HTML 2Page - ON Semiconductor NCV51190MNTAG Datasheet HTML 3Page - ON Semiconductor NCV51190MNTAG Datasheet HTML 4Page - ON Semiconductor NCV51190MNTAG Datasheet HTML 5Page - ON Semiconductor NCV51190MNTAG Datasheet HTML 6Page - ON Semiconductor NCV51190MNTAG Datasheet HTML 7Page - ON Semiconductor NCV51190MNTAG Datasheet HTML 8Page - ON Semiconductor NCV51190MNTAG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NCP51190, NCV51190
http://onsemi.com
6
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 8. Iq vs. VCC over Temperature
VCC (V)
6
5
4
3
2
0
100
200
300
500
600
700
800
−40
°C
25
°C
85
°C
125
°C
400


Similar Part No. - NCV51190MNTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV51190MNTAG ONSEMI-NCV51190MNTAG Datasheet
113Kb / 9P
   1.5A DDR Memory Termination Regulator
January, 2017 ??Rev. 4
More results

Similar Description - NCV51190MNTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP51190 ONSEMI-NCP51190 Datasheet
152Kb / 8P
   1.5A DDR Memory Termination Regulator
May, 2013 ??Rev. 0
NCP51190 ONSEMI-NCP51190_17 Datasheet
113Kb / 9P
   1.5A DDR Memory Termination Regulator
January, 2017 ??Rev. 4
logo
Silicon Standard Corp.
SS6383 SSC-SS6383 Datasheet
745Kb / 7P
   1.5A DDR Termination Regulator
logo
BCD Semiconductor Manuf...
AP2301 BCDSEMI-AP2301 Datasheet
160Kb / 12P
   1.5A DDR TERMINATION REGULATOR
logo
Eutech Microelectronics...
EUP7996 EUTECH-EUP7996 Datasheet
316Kb / 10P
   1.5A DDR Termination Regulator
logo
ON Semiconductor
NCP51198 ONSEMI-NCP51198 Datasheet
111Kb / 9P
   DDR Memory Termination Regulator
April, 2015 ??Rev. 3
logo
Fairchild Semiconductor
FAN1654 FAIRCHILD-FAN1654 Datasheet
80Kb / 7P
   1.5A LDO, DDR Bus Termination Regulator
logo
Monolithic Power System...
MP20073 MPS-MP20073 Datasheet
437Kb / 11P
   2A, 1.3V.6.0V DDR Memory Termination Regulator
MP2007 MPS-MP2007 Datasheet
257Kb / 11P
   3A, 1.3V??.0V DDR Memory Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com