Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5661MN25T2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP5661MN25T2G
Description  Low Output Voltage Ultra-Fast 1.0 A Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5661MN25T2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP5661MN25T2G Datasheet HTML 2Page - ON Semiconductor NCP5661MN25T2G Datasheet HTML 3Page - ON Semiconductor NCP5661MN25T2G Datasheet HTML 4Page - ON Semiconductor NCP5661MN25T2G Datasheet HTML 5Page - ON Semiconductor NCP5661MN25T2G Datasheet HTML 6Page - ON Semiconductor NCP5661MN25T2G Datasheet HTML 7Page - ON Semiconductor NCP5661MN25T2G Datasheet HTML 8Page - ON Semiconductor NCP5661MN25T2G Datasheet HTML 9Page - ON Semiconductor NCP5661MN25T2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NCP5661, NCV5661
www.onsemi.com
6
0.70
0.75
0.80
0.85
0.90
0.95
1.00
0.0
0.1
Iout, OUTPUT CURRENT (A)
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Vout = 2.5 V Adjustable
Cin = 150 mF
Cout = 10 to 150 mF
TJ = 25°C
1.2
1.0
0.8
0.6
0.4
0.2
0
−40
−20
0
20
40
60
80
100
120
140
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
0
−40
−20
0
20
40
60
80
100
120
140
3.5
3.0
2.5
2.0
1.5
1.0
0.5
TJ, JUNCTION TEMPERATURE (°C)
−40
−20
0
20
40
60
80
100
120
140
2.0
1.8
1.6
1.4
1.2
1.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
Vin, INPUT VOLTAGE (V)
0.95
0.90
0.85
0.80
0.75
0.70
Iout = 10 mA
Cin = 150 mF
Cout = 1.0 to 150 mF
TJ = 25°C
Iout, OUTPUT CURRENT (A)
Vin = 3.3 V
Iout = 1.0 A maximum
Cin = 150 mF
Cout = 1.0 to 150 mF
TJ = 25°C
0.0
0.2
0.4
0.6
0.8
1.0
0.900
0.898
0.896
0.894
0.892
0.890
Figure 3. Dropout Voltage vs. Temperature
Figure 4. Dropout Voltage vs. Output Current
Figure 5. Ground Current vs. Temperature
Figure 6. Short Circuit Current Limit vs.
Temperature
Figure 7. Output Voltage vs. Input Voltage
Figure 8. Output Voltage vs. Output Load Current


Similar Part No. - NCP5661MN25T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5661MN25T2G ONSEMI-NCP5661MN25T2G Datasheet
122Kb / 12P
   Low Output Voltage, Ultra?묯ast 1.0 A Low Dropout Linear Regulator with Enable
November, 2006 ??Rev. 7
NCP5661MN25T2G ONSEMI-NCP5661MN25T2G Datasheet
188Kb / 12P
   Low Output Voltage, Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 17
More results

Similar Description - NCP5661MN25T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5661DT18RKG ONSEMI-NCP5661DT18RKG Datasheet
188Kb / 12P
   Low Output Voltage, Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 17
NCP5661 ONSEMI-NCP5661 Datasheet
111Kb / 12P
   Low Output Voltage,Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
July, 2005 ??Rev. 3
NCP5661 ONSEMI-NCP5661_06 Datasheet
122Kb / 12P
   Low Output Voltage, Ultra?묯ast 1.0 A Low Dropout Linear Regulator with Enable
November, 2006 ??Rev. 7
NCP5663 ONSEMI-NCP5663_V01 Datasheet
483Kb / 13P
   Linear Regulator - Low Output Voltage, Ultra-Fast Low Dropout, Enable 3.0 A
October, 2019 - Rev. 6
NCP5662 ONSEMI-NCP5662 Datasheet
602Kb / 12P
   Low Output Voltage, Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
June, 2005 ??Rev. 2
NCP5663 ONSEMI-NCP5663_13 Datasheet
423Kb / 12P
   Low Output Voltage, Ultra-Fast 3.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 6
NCP5662 ONSEMI-NCP5662_13 Datasheet
643Kb / 15P
   Low Output Voltage Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 15
logo
Unisonic Technologies
LR1107 UTC-LR1107 Datasheet
221Kb / 6P
   600mA FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1812 UTC-LR1812 Datasheet
243Kb / 6P
   1.0A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1108 UTC-LR1108_12 Datasheet
250Kb / 6P
   1A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com