Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1793 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1793
Description  24 BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1793 Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCM1793 Datasheet HTML 6Page - Texas Instruments PCM1793 Datasheet HTML 7Page - Texas Instruments PCM1793 Datasheet HTML 8Page - Texas Instruments PCM1793 Datasheet HTML 9Page - Texas Instruments PCM1793 Datasheet HTML 10Page - Texas Instruments PCM1793 Datasheet HTML 11Page - Texas Instruments PCM1793 Datasheet HTML 12Page - Texas Instruments PCM1793 Datasheet HTML 13Page - Texas Instruments PCM1793 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
PCM1793
SLES076A − MARCH 2003 − REVISED JANUARY 2004
www.ti.com
10
ANALOG DYNAMIC PERFORMANCE
Supply Voltage Characteristics
Figure 11
4.00
4.25
4.50
4.75
5.00
5.25
5.50
5.75
6.00
VCC − Supply Voltage − V
TOTAL HARMONIC DISTORTION + NOISE
vs
SUPPLY VOLTAGE
0.01
0.001
0.0001
fS = 192 kHz
fS = 96 kHz
fS = 44.1 kHz
Figure 12
VCC − Supply Voltage − V
108
110
112
114
116
118
4.00
4.25
4.50
4.75
5.00
5.25
5.50
5.75
6.00
DYNAMIC RANGE
vs
SUPPLY VOLTAGE
fS = 96 kHz
fS = 44.1 kHz
fS = 192 kHz
Figure 13
VCC − Supply Voltage − V
108
110
112
114
116
118
4.00
4.25
4.50
4.75
5.00
5.25
5.50
5.75
6.00
SIGNAL-to-NOISE RATIO
vs
SUPPLY VOLTAGE
fS = 96 kHz
fS = 192 kHz
fS = 44.1 kHz
Figure 14
VCC − Supply Voltage − V
102
104
106
108
110
112
114
4.00
4.25
4.50
4.75
5.00
5.25
5.50
5.75
6.00
CHANNEL SEPARATION
vs
SUPPLY VOLTAGE
fS = 96 kHz
fS = 192 kHz
fS = 44.1 kHz
NOTE: PCM mode, TA = 25°C, VDD = 3.3 V.


Similar Part No. - PCM1793

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1793 TI1-PCM1793 Datasheet
454Kb / 29P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1793DB TI1-PCM1793DB Datasheet
454Kb / 29P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1793DBG4 TI1-PCM1793DBG4 Datasheet
454Kb / 29P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1793DBR TI1-PCM1793DBR Datasheet
454Kb / 29P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1793DBRG4 TI1-PCM1793DBRG4 Datasheet
454Kb / 29P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1793

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1738 BURR-BROWN-PCM1738 Datasheet
2Mb / 33P
   24-Bit, 192kHz Sampling, Advanced Segment, Audio-Stereo DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1792 TI-PCM1792 Datasheet
517Kb / 10P
[Old version datasheet]   24 BIT 192KHZ SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL TO ANALOG CONVERTER
DSD1796 TI1-DSD1796_14 Datasheet
841Kb / 61P
[Old version datasheet]   24BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PCM1794 TI-PCM1794 Datasheet
241Kb / 27P
[Old version datasheet]   24BIT 192KHZ SAMPLING , ADVANCED SEGMENT, AUDIO STEREO DIGITAL TO ANALOG CONVERTER
DSD1796 TI-DSD1796 Datasheet
460Kb / 53P
[Old version datasheet]   24BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
DSD1794A TI-DSD1794A Datasheet
535Kb / 49P
[Old version datasheet]   24-BIT,192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
DSD1791 TI1-DSD1791_08 Datasheet
654Kb / 56P
[Old version datasheet]   24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1796 BURR-BROWN-PCM1796_06 Datasheet
706Kb / 60P
   24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DSD1791 TI-DSD1791 Datasheet
446Kb / 53P
[Old version datasheet]   24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PCM1730 TI-PCM1730 Datasheet
366Kb / 24P
[Old version datasheet]   24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com