Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P89C660HFA Datasheet(PDF) 67 Page - NXP Semiconductors

Part # P89C660HFA
Description  80C51 8-bit Flash microcontroller family
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C660HFA Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button P89C660HFA Datasheet HTML 63Page - NXP Semiconductors P89C660HFA Datasheet HTML 64Page - NXP Semiconductors P89C660HFA Datasheet HTML 65Page - NXP Semiconductors P89C660HFA Datasheet HTML 66Page - NXP Semiconductors P89C660HFA Datasheet HTML 67Page - NXP Semiconductors P89C660HFA Datasheet HTML 68Page - NXP Semiconductors P89C660HFA Datasheet HTML 69Page - NXP Semiconductors P89C660HFA Datasheet HTML 70Page - NXP Semiconductors P89C660HFA Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 89 page
background image
Philips Semiconductors
Product data
P89C660/P89C662/P89C664/
P89C668
80C51 8-bit Flash microcontroller family
16KB/32KB/64KB ISP/IAP Flash with 512B/1KB/2KB/8KB RAM
2002 Oct 28
67
RECORD TYPE
COMMAND/DATA FUNCTION
03
Miscellaneous Write Functions
:nnxxxx03ffssddcc
Where:
nn
= number of bytes (hex) in record
xxxx
= required field, but value is a “don’t care”
03
= Write Function
ff
= subfunction code
ss
= selection code
dd
= data input (as needed)
cc
= checksum
Subfunction Code = 01 (Erase Blocks)
ff = 01
ss = block code as shown below:
block 0,
0k to
8k, 00H
block 1,
8k to 16k, 20H
block 2, 16k to 32k, 40H
block 3, 32k to 48k, 80H
block 4, 48k to 64k, C0H
Example:
:0200000301C03C
erase block 4
Subfunction Code = 04 (Erase Boot Vector and Status Byte)
ff = 04
ss = don’t care
Example:
:020000030400F7
erase boot vector and status byte
Subfunction Code = 05 (Program Security Bits)
ff = 05
ss = 00 program security bit 1
(inhibit writing to Flash)
01 program security bit 2
(inhibit Flash verify)
02 program security bit 3
(disable external memory)
Example:
:020000030501F5
program security bit 2
Subfunction Code = 06 (Program Status Byte or Boot Vector)
ff = 06
ss = 00 program status byte
01 program boot vector
Example:
:030000030601FCF7
program boot vector with 0FCH
Subfunction Code = 07 (Full Chip Erase)
Erases all blocks, security bits, and sets status and boot vector to default values
ff = 07
ss = don’t care
dd = don’t care
Example:
:0100000307F5 full chip erase
04
Display Device Data or Blank Check – Record type 04 causes the contents of the entire Flash array to be sent out
the serial port in a formatted display. This display consists of an address and the contents of 16 bytes starting with that
address. No display of the device contents will occur if security bit 2 has been programmed. Data to the serial port is
initiated by the reception of any character and terminated by the reception of any character.
General Format of Function 04
:05xxxx04sssseeeeffcc
Where:
05
= number of bytes (hex) in record
xxxx
= required field, but value is a “don’t care”
04
= “Display Device Data or Blank Check” function code
ssss
= starting address
eeee
= ending address
ff
= subfunction
00 = display data
01 = blank check
cc
= checksum
Example:
:0500000440004FFF0069
display 4000–4FFF


Similar Part No. - P89C660HFA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89C660 PHILIPS-P89C660 Datasheet
24Kb / 6P
   On-chip Flash 8-bit microcontroller Errata Sheet
2001 Nov 01
More results

Similar Description - P89C660HFA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89C51RB2HXX PHILIPS-P89C51RB2HXX Datasheet
314Kb / 56P
   80C51 8-bit Flash microcontroller family
2002 May 24
P89C51RD2 PHILIPS-P89C51RD2 Datasheet
404Kb / 68P
   80C51 8-bit Flash microcontroller family
2002 Jul 18
P89C60X2 PHILIPS-P89C60X2 Datasheet
342Kb / 56P
   80C51 8-bit Flash microcontroller family
2003 Sep 11
P89C51X2 PHILIPS-P89C51X2 Datasheet
319Kb / 48P
   80C51 8-bit Flash microcontroller family
2002 Jun 05
P87CL52X2 PHILIPS-P87CL52X2 Datasheet
301Kb / 47P
   80C51 8-bit microcontroller family
2003 May 14
P83C660X2 PHILIPS-P83C660X2 Datasheet
574Kb / 102P
   80C51 8-bit microcontroller family
2003 Oct 02
89C536 PHILIPS-89C536 Datasheet
269Kb / 32P
   80C51 8-bit microcontroller family 16K/64K/512 FLASH
1998 Apr 24
89C58 PHILIPS-89C58 Datasheet
226Kb / 32P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
89C52 PHILIPS-89C52 Datasheet
245Kb / 39P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
2002 Jan 15
89C51 PHILIPS-89C51 Datasheet
212Kb / 32P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com