Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P89C660HBA Datasheet(PDF) 79 Page - NXP Semiconductors

Part # P89C660HBA
Description  80C51 8-bit Flash microcontroller family
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C660HBA Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button P89C660HBA Datasheet HTML 75Page - NXP Semiconductors P89C660HBA Datasheet HTML 76Page - NXP Semiconductors P89C660HBA Datasheet HTML 77Page - NXP Semiconductors P89C660HBA Datasheet HTML 78Page - NXP Semiconductors P89C660HBA Datasheet HTML 79Page - NXP Semiconductors P89C660HBA Datasheet HTML 80Page - NXP Semiconductors P89C660HBA Datasheet HTML 81Page - NXP Semiconductors P89C660HBA Datasheet HTML 82Page - NXP Semiconductors P89C660HBA Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 89 page
background image
Philips Semiconductors
Product data
P89C660/P89C662/P89C664/
P89C668
80C51 8-bit Flash microcontroller family
16KB/32KB/64KB ISP/IAP Flash with 512B/1KB/2KB/8KB RAM
2002 Oct 28
79
AC ELECTRICAL CHARACTERISTICS (12 CLOCK MODE)
Tamb = 0 °C to +70 °C, VCC = 5 V ± 10%, or –40 °C to +85 °C, VCC = 5 V ±5%, VSS = 0V1, 2, 3
VARIABLE CLOCK4
33 MHz CLOCK4
SYMBOL
FIGURE
PARAMETER
MIN
MAX
MIN
MAX
UNIT
1/tCLCL
57
Oscillator frequency
0
33
MHz
tLHLL
57
ALE pulse width
2tCLCL–40
21
ns
tAVLL
57
Address valid to ALE low
tCLCL–25
5
ns
tLLAX
57
Address hold after ALE low
tCLCL–25
5
ns
tLLIV
57
ALE low to valid instruction in
4tCLCL–65
55
ns
tLLPL
57
ALE low to PSEN low
tCLCL–25
5
ns
tPLPH
57
PSEN pulse width
3tCLCL–45
45
ns
tPLIV
57
PSEN low to valid instruction in
3tCLCL–60
30
ns
tPXIX
57
Input instruction hold after PSEN
0
0
ns
tPXIZ
57
Input instruction float after PSEN
tCLCL–25
5
ns
tAVIV
57
Address to valid instruction in
5tCLCL–80
70
ns
tPLAZ
57
PSEN low to address float
10
10
ns
Data Memory
tRLRH
58, 59
RD pulse width
6tCLCL–100
82
ns
tWLWH
58, 59
WR pulse width
6tCLCL–100
82
ns
tRLDV
58, 59
RD low to valid data in
5tCLCL–90
60
ns
tRHDX
58, 59
Data hold after RD
0
0
ns
tRHDZ
58, 59
Data float after RD
2tCLCL–28
32
ns
tLLDV
58, 59
ALE low to valid data in
8tCLCL–150
90
ns
tAVDV
58, 59
Address to valid data in
9tCLCL–165
105
ns
tLLWL
58, 59
ALE low to RD or WR low
3tCLCL–50
3tCLCL+50
40
140
ns
tAVWL
58, 59
Address valid to WR low or RD low
4tCLCL–75
45
ns
tQVWX
58, 59
Data valid to WR transition
tCLCL–30
0
ns
tWHQX
58, 59
Data hold after WR
tCLCL–25
5
ns
tQVWH
59
Data valid to WR high
7tCLCL–130
80
ns
tRLAZ
58, 59
RD low to address float
0
0
ns
tWHLH
58, 59
RD or WR high to ALE high
tCLCL–25
tCLCL+25
5
55
ns
External Clock
tCHCX
61
High time
17
tCLCL–tCLCX
ns
tCLCX
61
Low time
17
tCLCL–tCHCX
ns
tCLCH
61
Rise time
5
ns
tCHCL
61
Fall time
5
ns
Shift Register
tXLXL
60
Serial port clock cycle time
12tCLCL
360
ns
tQVXH
60
Output data setup to clock rising edge
10tCLCL–133
167
ns
tXHQX
60
Output data hold after clock rising edge
2tCLCL–80
50
ns
tXHDX
60
Input data hold after clock rising edge
0
0
ns
tXHDV
60
Clock rising edge to input data valid
10tCLCL–133
167
ns
NOTES:
1. Parameters are valid over operating temperature range unless otherwise specified.
2. Load capacitance for port 0, ALE, and PSEN = 100 pF, load capacitance for all other outputs = 80 pF.
3. Interfacing the microcontroller to devices with float times up to 45 ns is permitted. This limited bus contention will not cause damage to Port 0
drivers.
4. Parts are tested to 3.5 MHz, but guaranteed to operate down to 0 Hz.


Similar Part No. - P89C660HBA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89C660 PHILIPS-P89C660 Datasheet
24Kb / 6P
   On-chip Flash 8-bit microcontroller Errata Sheet
2001 Nov 01
More results

Similar Description - P89C660HBA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89C51RB2HXX PHILIPS-P89C51RB2HXX Datasheet
314Kb / 56P
   80C51 8-bit Flash microcontroller family
2002 May 24
P89C51RD2 PHILIPS-P89C51RD2 Datasheet
404Kb / 68P
   80C51 8-bit Flash microcontroller family
2002 Jul 18
P89C60X2 PHILIPS-P89C60X2 Datasheet
342Kb / 56P
   80C51 8-bit Flash microcontroller family
2003 Sep 11
P89C51X2 PHILIPS-P89C51X2 Datasheet
319Kb / 48P
   80C51 8-bit Flash microcontroller family
2002 Jun 05
P87CL52X2 PHILIPS-P87CL52X2 Datasheet
301Kb / 47P
   80C51 8-bit microcontroller family
2003 May 14
P83C660X2 PHILIPS-P83C660X2 Datasheet
574Kb / 102P
   80C51 8-bit microcontroller family
2003 Oct 02
89C536 PHILIPS-89C536 Datasheet
269Kb / 32P
   80C51 8-bit microcontroller family 16K/64K/512 FLASH
1998 Apr 24
89C58 PHILIPS-89C58 Datasheet
226Kb / 32P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
89C52 PHILIPS-89C52 Datasheet
245Kb / 39P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
2002 Jan 15
89C51 PHILIPS-89C51 Datasheet
212Kb / 32P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com