Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2846ID Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2846ID
Description  Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2846ID Datasheet(HTML) 5 Page - Texas Instruments

  OPA2846ID Datasheet HTML 1Page - Texas Instruments OPA2846ID Datasheet HTML 2Page - Texas Instruments OPA2846ID Datasheet HTML 3Page - Texas Instruments OPA2846ID Datasheet HTML 4Page - Texas Instruments OPA2846ID Datasheet HTML 5Page - Texas Instruments OPA2846ID Datasheet HTML 6Page - Texas Instruments OPA2846ID Datasheet HTML 7Page - Texas Instruments OPA2846ID Datasheet HTML 8Page - Texas Instruments OPA2846ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
OPA2846
SBOS274A −JUNE 2003 − REVISED MARCH 2004
www.ti.com
5
TYPICAL CHARACTERISTICS: VS = ±5V
TA = 25°C, G = +10, RF = 453Ω, RG = 50Ω, and RL = 100Ω, unless otherwise noted.
6
3
0
−3
−6
−9
−12
−15
−18
NONINVERTING SMALL−SIGNAL FREQUENCY RESPONSE
Frequency (Hz)
1M
10M
100M
1G
V
O =0.2VPP
R
G =50Ω
SeeFigure1
G= 50
G= 20
G= 10
G= 7
23
20
17
14
11
8
5
2
NONINVERTING LARGE−SIGNAL FREQUENCY RESPONSE
Frequency (Hz)
10M
100M
1G
R
L =100Ω
G = +10V/V
SeeFigure1
V
O =2VPP
V
O =5VPP
V
O =0.2VPP
V
O =1VPP
2.0
1.6
1.2
0.8
0.4
0
−0.4
−0.8
−1.2
−1.6
−2.0
NONINVERTING PULSE RESPONSE
Time (5ns/div)
0.5
0.4
0.3
0.2
0.1
0
−0.1
−0.2
−0.3
−0.4
−0.5
G= +10V/V
SeeFigure1
Large Signal
±1V
Left Scale
Small Signal
±100mV
Right Scale
3
0
−3
−6
−9
−12
−15
−18
INVERTING SMALL−SIGNAL FREQUENCY RESPONSE
Frequency (Hz)
1M
10M
100M
1G
V
O =0.2VPP
R
G =RS =50Ω
See Figure 2
G=
−50
G=
−20
G=
−12
29
26
23
20
17
14
11
8
5
INVERTING LARGE−SIGNAL FREQUENCY RESPONSE
Frequency (Hz)
10M
100M
1G
R
L =100Ω
R
G =RS =50Ω
G=
−20V/V
SeeFigure2
V
O =2VPP
V
O =5VPP
V
O =1VPP
V
O =0.2VPP
2.0
1.6
1.2
0.8
0.4
0
−0.4
−0.8
−1.2
−1.6
−2.0
INVERTING PULSE RESPONSE
Time (5ns/div)
0.5
0.4
0.3
0.2
0.1
0
−0.1
−0.2
−0.3
−0.4
−0.5
G=
−20V/V
Large Signal
±1V
Left Scale
Small Signal
±100mV
Right Scale


Similar Part No. - OPA2846ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2846ID TI1-OPA2846ID Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA2846IDR TI1-OPA2846IDR Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA2846IDRG4 TI1-OPA2846IDRG4 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
More results

Similar Description - OPA2846ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2846 TI1-OPA2846_14 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2686 BURR-BROWN-OPA2686 Datasheet
171Kb / 18P
   Dual, Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA846 TI1-OPA846_15 Datasheet
866Kb / 29P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA686 TI1-OPA686 Datasheet
170Kb / 16P
[Old version datasheet]   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2650 BURR-BROWN-OPA2650 Datasheet
215Kb / 12P
   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2650 TI1-OPA2650 Datasheet
169Kb / 13P
[Old version datasheet]   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA847IDRG4 TI-OPA847IDRG4 Datasheet
867Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com