Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P83C557E4 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # P83C557E4
Description  Single-chip 8-bit microcontroller
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C557E4 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button P83C557E4 Datasheet HTML 15Page - NXP Semiconductors P83C557E4 Datasheet HTML 16Page - NXP Semiconductors P83C557E4 Datasheet HTML 17Page - NXP Semiconductors P83C557E4 Datasheet HTML 18Page - NXP Semiconductors P83C557E4 Datasheet HTML 19Page - NXP Semiconductors P83C557E4 Datasheet HTML 20Page - NXP Semiconductors P83C557E4 Datasheet HTML 21Page - NXP Semiconductors P83C557E4 Datasheet HTML 22Page - NXP Semiconductors P83C557E4 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 72 page
background image
Philips Semiconductors
Product specification
P83C557E4/P80C557E4/P89C557E4
Single-chip 8-bit microcontroller
1999 Mar 02
19
A/D Input Port Scan-Select Register ADPSS
The Special Function Register ADPSS contains control bits to select
the analog input channel(s) to be scanned for A/D conversion. The
reset value of ADPSS is (00000000). Its hardware address is E7H.
ADPSS is not bit addressable.
If all bits are ‘0’ then no A/D conversion can be started. If ADPSS is
written while an A/D conversion is in progress (ADSST in the
ADCON register is ‘1’) then the autoscan loop with the previous
selected analog inputs is completed first. The next autoscan loop is
performed with the new selected analog inputs.
7
6
54
321
0
ADPSS (E7H)
ADPSS7
ADPSS6
ADPSS5
ADPSS4
ADPSS3
ADPSS2
ADPSS1
ADPSS0
Figure 16. A/D input port scan-select register.
ADPSS7–0
For each individual bit position:
0
= The corresponding analog input is skipped in the auto-scan loop.
1
= The corresponding analog input is included in the auto-scan loop.
A/D Result Registers ADRSLn and ADRSH:
The binary result code of A/D conversions is accessed by these
Special Function Registers. The result SFR are read only registers.
The read value after reset is indeterminate. Their data are not
affected by chip reset. They are not bit addressable.
There are 8 Special Function Registers ADRSLn
(ADRSL0...ADRSL7) – A/D Result Low byte – and one general SFR
ADRSH – A/D Result High byte – . Each of ADRSLn is associated
with the coincidently indexed analog input channel ADCn
(ADC0/P5.0...ADC7/P5.7). Reading an ADRSLn register by
software copies at the same time the two highest bits of the 10-bit
conversion result into two latches, thus preserving them until the
next read of any ADRSLn register. These two latches form bit
positions 0 and 1 of SFR ADRSH, the upper 6 bits of ADRSH are
always read as ’0’.
Thus it is ensured to get the 10-bit result of the same single A/D
conversion by reading any register ADRSLn first and after it the
register ADRSH.
7
6
54
321
0
ADRSH
0
0
0
0
0
0
ADRSn.9
ADRSn.8
Figure 17.
A/D Result Registers.
7
6
54
321
0
ADRSLn
ADRSn.7
ADRSn.6
ADRSn.5
ADRSn.4
ADRSn.3
ADRSn.2
ADRSn.1
ADRSn.0
(n: 0...7)


Similar Part No. - P83C557E4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P83C557E6 PHILIPS-P83C557E6 Datasheet
341Kb / 64P
   Single-chip 8-bit microcontroller
1999 Mar 02
P83C557E6EBB/YYY PHILIPS-P83C557E6EBB/YYY Datasheet
341Kb / 64P
   Single-chip 8-bit microcontroller
1999 Mar 02
P83C557E6EFB/YYY PHILIPS-P83C557E6EFB/YYY Datasheet
341Kb / 64P
   Single-chip 8-bit microcontroller
1999 Mar 02
P83C557E8 PHILIPS-P83C557E8 Datasheet
322Kb / 84P
   8 BIT MICROCONTROLLER
1999 Mar 12
P83C557E8EFB NXP-P83C557E8EFB Datasheet
326Kb / 84P
   8-bit microcontroller
1999 Mar 12
More results

Similar Description - P83C557E4

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com