Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P83C557E4 Datasheet(PDF) 67 Page - NXP Semiconductors

Part # P83C557E4
Description  Single-chip 8-bit microcontroller
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C557E4 Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button P83C557E4 Datasheet HTML 63Page - NXP Semiconductors P83C557E4 Datasheet HTML 64Page - NXP Semiconductors P83C557E4 Datasheet HTML 65Page - NXP Semiconductors P83C557E4 Datasheet HTML 66Page - NXP Semiconductors P83C557E4 Datasheet HTML 67Page - NXP Semiconductors P83C557E4 Datasheet HTML 68Page - NXP Semiconductors P83C557E4 Datasheet HTML 69Page - NXP Semiconductors P83C557E4 Datasheet HTML 70Page - NXP Semiconductors P83C557E4 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 72 page
background image
Philips Semiconductors
Product specification
P83C557E4/P80C557E4/P89C557E4
Single-chip 8-bit microcontroller
1999 Mar 02
67
tCLKL
Figure 57. External Clock Drive waveform
VIH1
VIH1
0.8V
tCLK
VIH1
VIH1
0.8V
tCLKH
tCLKR
tCLKF
2.4 V
0.45 V
2.0 V
0.8 V
NOTE:
Figure 58. AC Testing Input/Output
2.4 V
NOTE:
Figure 59. AC Testing, Float Waveform
AC inputs during testing are driven at 2.4V for a logic ‘HIGH’ and 0.45V for a logic
‘LOW’. Timing measurements are made at 2.0 V for a logic ‘HIGH’ and 0.8 V for a
logic ‘LOW’.
2.4 V
0.45 V
0.45 V
Float
2.0 V
0.8 V
2.0 V
0.8 V
Test Points
2.0 V
0.8 V
sources 400
mA at the voltage test levels.
The float state is defined as the point at which a port 0 pins sinks 3.2 mA or
tPXIZ
Figure 60. External Program Memory Read Cycle
ALE
PSEN
PORT 0
PORT 2
A8–A15
A8–A15
A0–A7
A0–A7
tAVLL
tPXIX
tLLAX
INSTR IN
tPLIV
tLHLL
tPLPH
tLLIV
tPLAZ
tLLPL
tAVIV


Similar Part No. - P83C557E4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P83C557E6 PHILIPS-P83C557E6 Datasheet
341Kb / 64P
   Single-chip 8-bit microcontroller
1999 Mar 02
P83C557E6EBB/YYY PHILIPS-P83C557E6EBB/YYY Datasheet
341Kb / 64P
   Single-chip 8-bit microcontroller
1999 Mar 02
P83C557E6EFB/YYY PHILIPS-P83C557E6EFB/YYY Datasheet
341Kb / 64P
   Single-chip 8-bit microcontroller
1999 Mar 02
P83C557E8 PHILIPS-P83C557E8 Datasheet
322Kb / 84P
   8 BIT MICROCONTROLLER
1999 Mar 12
P83C557E8EFB NXP-P83C557E8EFB Datasheet
326Kb / 84P
   8-bit microcontroller
1999 Mar 12
More results

Similar Description - P83C557E4

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com