Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM6206 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # OM6206
Description  65 X 102 pixels matrix LCD driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM6206 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button OM6206 Datasheet HTML 15Page - NXP Semiconductors OM6206 Datasheet HTML 16Page - NXP Semiconductors OM6206 Datasheet HTML 17Page - NXP Semiconductors OM6206 Datasheet HTML 18Page - NXP Semiconductors OM6206 Datasheet HTML 19Page - NXP Semiconductors OM6206 Datasheet HTML 20Page - NXP Semiconductors OM6206 Datasheet HTML 21Page - NXP Semiconductors OM6206 Datasheet HTML 22Page - NXP Semiconductors OM6206 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
2001 Nov 14
19
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
OM6206
10 HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling MOS devices (see
“Handling MOS devices”).
11 DC CHARACTERISTICS
VDD = 2.5 to 5.5 V; VSS =0V; VLCD = 4.5 to 9.0 V; Tamb = −40 to +85 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD1
supply voltage 1
2.5
5.5
V
VDD2,
VDD3
supply voltages 2 and 3
LCD voltage internally
generated (voltage generator
enabled)
2.5
4.5
V
VLCDIN
input supply voltage LCD
LCD voltage externally supplied
(voltage generator disabled)
4.5
9.0
V
VLCDOUT
output supply voltage LCD
LCD voltage internally
generated (voltage generator
enabled); note 1
4.5
9.0
V
IDD(tot)
total supply current
normal mode; VDD = 2.8 V;
VLCD = 7.6 V; no serial clock;
Tamb =25 °C; no display load;
4
× charge pump; note 2
200
300
µA
Power-down mode; with internal
or external VLCD; note 3
1.5
−µA
ILCDIN
supply current from
external VLCD
VDD = 2.8 V; VLCD = 7.6 V; no
serial clock; Tamb =25 °C; no
display load; notes 2 and 4
30
−µA
Logic
VIL
LOW-level input voltage
VSS
0.3VDD V
VIH
HIGH-level input voltage
0.7VDD
VDD
V
IL
leakage current
VI =VDD or VSS
−1
+1
µA
Column and row outputs
Rcol
output resistance of
columns C0 to C101
VLCD = 7.6 V
12
20
k
Rrow
output resistance of
rows R0 to R64
VLCD = 7.6 V
12
20
k
Vcol
bias tolerance voltage of
columns C0 to C101
−100
0
+100
mV
Vrow
bias tolerance voltage of
rows R0 to R64
−100
0
+100
mV
LCD supply voltage generator
∆V
LCD
tolerance of internally
generated VLCD
VDD = 2.8 V; VLCD = 7.6 V; no
serial clock; Tamb =25 °C;
display load is 10
µA; notes 5
and 6
−300
0
+300
mV
TC0
VLCD temperature
coefficient 0
note 7
0
× 10−3VLCD
V/
°C


Similar Part No. - OM6206

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM6211 PHILIPS-OM6211 Datasheet
243Kb / 48P
   48 X 84 dot matrix LCD driver
2002 Jan 17
OM62112 PHILIPS-OM62112 Datasheet
243Kb / 48P
   48 X 84 dot matrix LCD driver
2002 Jan 17
OM6211F1 PHILIPS-OM6211F1 Datasheet
243Kb / 48P
   48 X 84 dot matrix LCD driver
2002 Jan 17
OM6211U PHILIPS-OM6211U Datasheet
243Kb / 48P
   48 X 84 dot matrix LCD driver
2002 Jan 17
logo
List of Unclassifed Man...
OM6214SS ETC-OM6214SS Datasheet
43Kb / 4P
   TWO POWER MOSFETS IN HERMETIC ISOLATED SIP PACKAGE
More results

Similar Description - OM6206

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8549 PHILIPS-PCF8549 Datasheet
271Kb / 36P
   65 x 102 pixels matrix LCD driver
1997 Nov 21
PCF8548 PHILIPS-PCF8548 Datasheet
206Kb / 40P
   65 x 102 pixels matrix LCD driver
1999 Aug 16
PCF8812 PHILIPS-PCF8812 Datasheet
201Kb / 36P
   65 x 102 pixels matrix LCD driver
2000 Nov 22
PCF8813 PHILIPS-PCF8813 Datasheet
446Kb / 72P
   (67 1) x 102 pixels matrix LCD driver
2004 Mar 05
logo
Sitronix Technology Co....
ST7556 SITRONIX-ST7556 Datasheet
414Kb / 43P
   65 x 102 Dot Matrix LCD Controller/Driver
ST7558 SITRONIX-ST7558 Datasheet
753Kb / 56P
   65 x 102 Dot Matrix LCD Controller/Driver
logo
NXP Semiconductors
PCF8811 NXP-PCF8811 Datasheet
440Kb / 81P
   80 x 128 pixels matrix LCD driver
Rev. 04-27 June 2008
PCF8811 PHILIPS-PCF8811 Datasheet
434Kb / 73P
   80 x 128 pixels matrix LCD driver
2004 May 17
logo
STMicroelectronics
STE2004 STMICROELECTRONICS-STE2004 Datasheet
1Mb / 66P
   102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
STE2004S STMICROELECTRONICS-STE2004S Datasheet
1Mb / 79P
   102 x 65 single-chip LCD controller/driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com