Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NW6006 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # NW6006
Description  ENHANCED TYPE II CALLER ID DECODER WITH STUTTER DIAL TONE DETECTOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

NW6006 Datasheet(HTML) 1 Page - Integrated Device Technology

  NW6006 Datasheet HTML 1Page - Integrated Device Technology NW6006 Datasheet HTML 2Page - Integrated Device Technology NW6006 Datasheet HTML 3Page - Integrated Device Technology NW6006 Datasheet HTML 4Page - Integrated Device Technology NW6006 Datasheet HTML 5Page - Integrated Device Technology NW6006 Datasheet HTML 6Page - Integrated Device Technology NW6006 Datasheet HTML 7Page - Integrated Device Technology NW6006 Datasheet HTML 8Page - Integrated Device Technology NW6006 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
ENHANCED TYPE II CALLER ID DECODER
WITH STUTTER DIAL TONE DETECTOR
NW6006
The IDT logo is a registered trademark of Integrated Device Technology, Inc
INDUSTRIAL TEMPERATURE RANGE
JULY 2002
©2002 Integrated Device Technology, Inc.
DSC-6049/3
FEATURES
1200 baud Bell 202 and ITU-T V.23 Frequency Shift Keying
(FSK) Demodulation
Stutter dial tone detection
Compliant with following specifications:
Bellcore GR-30-CORE & SR-TSV-002476
TIA/EIA-716, TIA/EIA-777 Draft
TIA/EIA PN-4195 Draft
British Telecom (BT) SIN227 & SIN242
ETSI ETS 300 778-1 and -2
Bellcore “CPE Alerting Signal (CAS)”, British Telecom “Idle State
and Loop State Tone Alert Signal” and ETSI “Dual Tone Alerting
Signal (DT-AS)” detection
Two seperate OP amps with adjustable gain for Tip/Ring and
Telephone Hybrid connections
Monitoring of the stop bit for framing error check
Serial FSK data interface with selectable output of bit stream or 1
byte buffer
FSK carrier detection
3 V or 5 V operation
Low power CMOS with intelligent powerdown mode
Operating temperature range: -40 °C to +85 °C
Packages available:
NW6006-XS 20 pin SOIC
(where ‘X’ is the revision ID)
DESCRIPTION
The NW6006 device is a single-chip, 3/5 Volt CMOS caller ID with
call waiting detection circuit. It can receive signals following Bellcore
GR-30-CORE & SR-TSV-002476, BT SIN227 & SIN242, and ETSI
ETS 300 788-1/-2 specifications.
The NW6006 provides 1200 baud Bell 202 and ITU-T V.23 FSK
demodulation, detection in stutter dial tone mode and CAS/DT-AS
detection. Two seperate differential input amplifiers allow the device to
be connected with both Tip/Ring and Telephone Hybrid receive pair.
FSK demodulation is implemented only on Tip/Ring, while DT-AS(or
CAS) detection can be on either Tip/Ring or Hybrid Receive. In
addition, NW6006 provides a serial FSK data interface via which the
data can be selected to be processed as a bit stream or extracted
from a 1 byte built-in buffer. An on-chip Stutter Dial Tone Detector is
provided to support the voice mail applications.
The device can be used in feature or cordless phones with voice
mail for BT Calling Line Identity Presentation (CLIP), CCA CLIP and
Bellcore Calling Identity Delivery (CID) systems. It can also be used in
caller ID boxes, modem, fax machines, answering machines,
database query systems and Computer Telephony Integration (CTI)
systems.
VREF
IN1+
OSCOUT
OSCIN
CB0
CB1 CB2
ST/GT
DR/STD
IN2+
Oscillator
Control Bit Decoder
Bias
Generator
Guard Time
Tone Alert
Detector
FSK
Demodulator
Data/Timing Recovery
+
-
+
-
PWDN
PWDN
CASEN
CASEN
FSKEN
MODE
GS1EN
GS2EN
FSKEN
MODE
GS1EN
GS2EN
SDTEN
Stutter Dial Tone
Detector
SDTEN
Figure 1. Block Diagram
FUNCTIONAL BLOCK DIAGRAM
IN1-
GS1
IN2-
GS2
EST
CD/STRDT
DCLK
DATA


Similar Part No. - NW6006

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
NW6003 IDT-NW6003 Datasheet
306Kb / 21P
   TYPE II CALLER ID DECODER
NW6005 IDT-NW6005 Datasheet
282Kb / 20P
   ENHANCED TYPE II CALLER ID DECODER
NW6005AS IDT-NW6005AS Datasheet
313Kb / 20P
   ENHANCED TYPE II CALLER ID DECODER
logo
Molex Electronics Ltd.
NW6005ASG MOLEX-NW6005ASG Datasheet
28Kb / 1P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
More results

Similar Description - NW6006

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
NW6005AS IDT-NW6005AS Datasheet
313Kb / 20P
   ENHANCED TYPE II CALLER ID DECODER
NW6005 IDT-NW6005 Datasheet
282Kb / 20P
   ENHANCED TYPE II CALLER ID DECODER
NW6003 IDT-NW6003 Datasheet
306Kb / 21P
   TYPE II CALLER ID DECODER
logo
ELAN Microelectronics C...
EM92547A EMC-EM92547A Datasheet
136Kb / 13P
   CALLER ID FSK DECODER
logo
Silicon Laboratories
SI2493D SILABS-SI2493D Datasheet
1Mb / 60P
   Type I and II caller ID decode
logo
Holtek Semiconductor In...
HT95168 HOLTEK-HT95168 Datasheet
182Kb / 13P
   Caller ID Telephone IC
logo
Nippon Precision Circui...
SM8222A NPC-SM8222A Datasheet
112Kb / 15P
   Caller ID Service IC with Call Waiting
logo
National Semiconductor ...
LM567 NSC-LM567 Datasheet
296Kb / 8P
   Tone Decoder
logo
Micro Linear Corporatio...
ML2031 MICRO-LINEAR-ML2031 Datasheet
459Kb / 9P
   TONE DETECTOR
logo
Mixed Signal Integratio...
MSDETC MSI-MSDETC Datasheet
47Kb / 4P
   Tone Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com