Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NUP2301MW6T1 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. NUP2301MW6T1
Description  Low Capacitance Diode Array for ESD Protection in Two Data Lines
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUP2301MW6T1 Datasheet(HTML) 1 Page - ON Semiconductor

  NUP2301MW6T1 Datasheet HTML 1Page - ON Semiconductor NUP2301MW6T1 Datasheet HTML 2Page - ON Semiconductor NUP2301MW6T1 Datasheet HTML 3Page - ON Semiconductor NUP2301MW6T1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 Semiconductor Components Industries, LLC, 2005
January, 2005 − Rev. 2
1
Publication Order Number:
NUP2301MW6T1/D
NUP2301MW6T1
Low Capacitance Diode
Array for ESD Protection in
Two Data Lines
NUP2301MW6T1 is a MicroIntegration
 device designed to
provide protection for sensitive components from possible harmful
electrical transients; for example, ESD (electrostatic discharge).
Features
Low Capacitance (2.0 pf Maximum Between I/O Lines)
Single Package Integration Design
Provides ESD Protection for JEDEC Standards JESD22
Machine Model = Class C
Human Body Model = Class 3B
Protection for IEC61000−4−2 (Level 4)
8.0 kV (Contact)
15 kV (Air)
Ensures Data Line Speed and Integrity
Fewer Components and Less Board Space
Direct the Transient to Either Positive Side or to the Ground
Pb−Free Package is Available
Applications
T1/E1 Secondary IC Protection
T3/E3 Secondary IC Protection
HDSL, IDSL Secondary IC Protection
Video Line Protection
Microcontroller Input Protection
Base Stations
I2C Bus Protection
MAXIMUM RATINGS (Each Diode) (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
70
Vdc
Forward Current
IF
200
mAdc
Peak Forward Surge Current
IFM(surge)
500
mAdc
Repetitive Peak Reverse Voltage
VRRM
70
V
Average Rectified Forward
Current (Note 1)
(Averaged over any 20 ms Period)
IF(AV)
715
mA
Repetitive Peak Forward Current
IFRM
450
mA
Non−Repetitive Peak Forward Current
t = 1.0 ms
t = 1.0 ms
t = 1.0 S
IFSM
2.0
1.0
0.5
A
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits
are exceeded, device functional operation is not implied, damage may occur
and reliability may be affected.
1. FR−5 = 1.0  0.75  0.062 in.
Device
Package
Shipping
ORDERING INFORMATION
NUP2301MW6T1
SC−88
3000/Tape & Reel
MARKING DIAGRAM
SC−88
CASE 419B
STYLE 23
68d
68 = Specific Device Code
d
= Date Code
1
6
N/C
5
VN
I/O
VP
2
5
3
4
6
5
4
I/O
N/C
1
2
3
PIN CONFIGURATION
AND SCHEMATIC
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
NUP2301MW6T1G
SC−88
(Pb−Free)
3000/Tape & Reel


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn