Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTF5P03T3D Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTF5P03T3D
Description  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTF5P03T3D Datasheet(HTML) 5 Page - ON Semiconductor

  NTF5P03T3D Datasheet HTML 1Page - ON Semiconductor NTF5P03T3D Datasheet HTML 2Page - ON Semiconductor NTF5P03T3D Datasheet HTML 3Page - ON Semiconductor NTF5P03T3D Datasheet HTML 4Page - ON Semiconductor NTF5P03T3D Datasheet HTML 5Page - ON Semiconductor NTF5P03T3D Datasheet HTML 6Page - ON Semiconductor NTF5P03T3D Datasheet HTML 7Page - ON Semiconductor NTF5P03T3D Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NTF5P03T3
http://onsemi.com
5
TYPICAL ELECTRICAL CHARACTERISTICS
10
10
020
30
RDS(on) LIMIT
–VGS
100
1
0.1
0.01
1000
100
10
12.5
5.0
2.5
0
300
100
50
0
3
0
5000
4000
GATE–TO–SOURCE OR DRAIN–TO–SOURCE VOLTAGE
(VOLTS)
3000
2000
Qg, TOTAL GATE CHARGE (nC)
Figure 7. Capacitance Variation
Figure 8. Gate–to–Source and
Drain–to–Source Voltage versus Total Charge
Figure 9. Resistive Switching Time Variation
versus Gate Resistance
RG, GATE RESISTANCE (W)
Figure 10. Diode Forward Voltage versus Current
–VSD, SOURCE–TO–DRAIN VOLTAGE (VOLTS)
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
–VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 12. Maximum Avalanche Energy versus
Starting Junction Temperature
TJ, STARTING JUNCTION TEMPERATURE (°C)
050
40
20
60
1
10
100
0.5
0.7
0.6
1.0
0.1
10
100
1
25
125
150
100
75
50
ID = –2 A
TJ = 25°C
–VGS
VGS = 0 V
VDS = 0 V
TJ = 25°C
Crss
Ciss
Coss
Crss
1
0.8
0.9
Ciss
VGS = 20 V
SINGLE PULSE
TC = 25°C
VDD = –15 V
ID = –4.0 A
VGS = –10 V
VGS = 0 V
TJ = 25°C
ID = –6 A
1 ms
100
ms
10 ms
dc
tr
td(off)
td(on)
–VDS
150
200
250
Q2
Q1
QT
0
30
10
tf
THERMAL LIMIT
PACKAGE LIMIT
1000
6000
7.5
10
10
2
350
–VDS
10
ms
Mounted on 2”sq. FR4 board (1”sq. 2 oz. Cu 0.06” thick
single sided) with on die operating, 10 s max.
0
5
10
15
20
25


Similar Part No. - NTF5P03T3D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTF5P03T3G ONSEMI-NTF5P03T3G Datasheet
150Kb / 7P
   Power MOSFET 5.2 A, 30 V
October, 2011 ??Rev. 5
NTF5P03T3G ONSEMI-NTF5P03T3G Datasheet
113Kb / 7P
   Power MOSFET
August, 2013 ??Rev. 6
logo
VBsemi Electronics Co.,...
NTF5P03T3G VBSEMI-NTF5P03T3G Datasheet
999Kb / 8P
   P-Channel 35 V (D-S) MOSFET
More results

Similar Description - NTF5P03T3D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com