Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ78D05 Datasheet(PDF) 2 Page - ZP Semiconductor

Part # CJ78D05
Description  TO-252 Plastic-Encapsulate Regulators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

CJ78D05 Datasheet(HTML) 2 Page - ZP Semiconductor

  CJ78D05 Datasheet HTML 1Page - ZP Semiconductor CJ78D05 Datasheet HTML 2Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-25
0
25
50
75
100
125
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
5
10
15
20
25
30
35
0
1
2
3
4
5
6
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
0
1
2
3
4
5
6
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
1
2
3
4
5
6
Quiescent Current vs Output Current
V
in
=10V
T
J
=25℃
Pulsed
OUTPUT CURRENT
I
O
(A)
V
in
=10V
I
O
=500mA
Pulsed
Output Voltage vs Ambient Temperature
AMBIENT TEMPERATURE
T
a
(
)
I
O
=0mA
T
J
=25℃
Pulsed
INPUT VOLTAGE
V
IN
(V)
Output Characteristics
I
O
=0mA
I
O
=250mA,500mA,750mA,1A
T
J
=25℃
Pulsed
INPUT VOLTAGE
V
IN
(V)
Dropout Characteristics
Current Cut-off Grid Voltage
OUTPUT CURRENT
I
O
(A)
V
IN
=10V
T
J
=25℃
Pulsed
2 of 2
sales@zpsemi.com
www.zpsemi.com
CJ78D05


Similar Part No. - CJ78D05

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJ78D05 JIANGSU-CJ78D05 Datasheet
3Mb / 4P
   Plastic-Encapsulate Regulators
More results

Similar Description - CJ78D05

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ7908-TO252-2L ZPSEMI-CJ7908-TO252-2L Datasheet
641Kb / 1P
   TO-252-2L Plastic-Encapsulate Voltage Regulators
CJ78M15 ZPSEMI-CJ78M15 Datasheet
1Mb / 2P
   TO-251/TO-252-2L Plastic-Encapsulate Regulators
CJ78M08-TO251-3L ZPSEMI-CJ78M08-TO251-3L Datasheet
613Kb / 1P
   TO-251-3L/TO-252-2L Plastic-Encapsulate Regulators
CJ7812-TO251 ZPSEMI-CJ7812-TO251 Datasheet
519Kb / 1P
   TO-251/TO-252-2L Plastic-Encapsulate Voltage Regulators
CJ78M06-TO251-3L ZPSEMI-CJ78M06-TO251-3L Datasheet
651Kb / 1P
   TO-251-3L/TO-252-2L Plastic-Encapsulate Regulators
CJ78M12-TO251-3L ZPSEMI-CJ78M12-TO251-3L Datasheet
1,002Kb / 1P
   TO-251-3L/TO-252-2L Plastic-Encapsulate Regulators
CJ7805-TO2513L ZPSEMI-CJ7805-TO2513L Datasheet
1Mb / 2P
   TO-251-3L/TO-252-2L Plastic-Encapsulate Voltage Regulators
CJ7806-TO251-3L ZPSEMI-CJ7806-TO251-3L Datasheet
474Kb / 1P
   TO-251-3L/TO-252-2L Plastic-Encapsulate Voltage Regulators
CJ7809-TO251-3L ZPSEMI-CJ7809-TO251-3L Datasheet
703Kb / 1P
   TO-251-3L/TO-252-2L Plastic-Encapsulate Voltage Regulators
CJ7912-TO252-2L ZPSEMI-CJ7912-TO252-2L Datasheet
618Kb / 1P
   TO-252-2L Encapsulate Voltage Regulators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com