Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0914879 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0914879
Description  Thermomagnetic device circuit breaker - TMC 2 F1 120 8,0A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0914879 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0914879 Datasheet HTML 1Page - PHOENIX CONTACT 0914879 Datasheet HTML 2Page - PHOENIX CONTACT 0914879 Datasheet HTML 3Page - PHOENIX CONTACT 0914879 Datasheet HTML 4Page - PHOENIX CONTACT 0914879 Datasheet HTML 5Page - PHOENIX CONTACT 0914879 Datasheet HTML 6Page - PHOENIX CONTACT 0914879 Datasheet HTML 7Page - PHOENIX CONTACT 0914879 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
https://www.phoenixcontact.com/us/products/0914879
08/01/2016   Page 2 / 8
Thermomagnetic device circuit breaker - TMC 2 F1 120 8,0A - 0914879
Technical data
Electrical data
65 V DC
Rated current IN
8 A
Insulation resistance Riso
> 100 MΩ (500 V DC)
Rated short-circuit switching capacity Icn
800 A
2500 A (32 V DC)
Short-circuit switching capacity Ik
5000 A
2000 A UL 1077: 65 V DC
Dielectric strength
3000 V AC (Actuation area)
3000 V AC (Main to auxiliary circuit)
1500 V AC (Position to position)
Switching cycles, max.
10000 (At 1 x In, inductive)
Degree of pollution
2
Overvoltage category
II
Insulating material group
II
Dimensions
Height
82.5 mm
Width
25 mm
Depth
96 mm
Ambient conditions
Degree of protection
IP30 (Actuation area)
IP20 (Connection area)
Ambient temperature (operation)
-30 °C ... 60 °C
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
6 mm²
Conductor cross section flexible min.
0.2 mm²
Conductor cross section flexible max.
4 mm²
Conductor cross section AWG min.
24
Conductor cross section AWG max.
10
Conductor cross section flexible, with ferrule without plastic sleeve min.
0.25 mm²
Conductor cross section flexible, with ferrule without plastic sleeve max.
4 mm²
Conductor cross section flexible, with ferrule with plastic sleeve min.
0.25 mm²
Conductor cross section flexible, with ferrule with plastic sleeve max.
2.5 mm²
2 conductors with same cross section, solid min.
0.2 mm²
2 conductors with same cross section, solid max.
0.75 mm²
2 conductors with same cross section, stranded min.
0.2 mm²


Similar Part No. - 0914879

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0914808 PHOENIX-0914808 Datasheet
94Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 1,5A
0914824 PHOENIX-0914824 Datasheet
90Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 2,5A
0914853 PHOENIX-0914853 Datasheet
94Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 5,0A
0914866 PHOENIX-0914866 Datasheet
94Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 6,0A
logo
HARTING Technology Grou...
09148811405 HARTING-09148811405 Datasheet
513Kb / 2P
   Han M12 Crimp D-coded male
More results

Similar Description - 0914879

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0915056 PHOENIX-0915056 Datasheet
83Kb / 7P
   Thermomagnetic device circuit breaker - TMC 2 M1 120 8,0A
11.06.2012
0914730 PHOENIX-0914730 Datasheet
94Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 0,2A
0914808 PHOENIX-0914808 Datasheet
94Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 1,5A
0914743 PHOENIX-0914743 Datasheet
94Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 0,3A
0914769 PHOENIX-0914769 Datasheet
94Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 0,5A
0914756 PHOENIX-0914756 Datasheet
94Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 0,4A
0914785 PHOENIX-0914785 Datasheet
94Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 0,8A
0914895 PHOENIX-0914895 Datasheet
94Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 12,0A
0914824 PHOENIX-0914824 Datasheet
90Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 2,5A
0914866 PHOENIX-0914866 Datasheet
94Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 6,0A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com