Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0914853 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 0914853
Description  Thermomagnetic device circuit breaker - TMC 2 F1 120 5,0A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0914853 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  0914853 Datasheet HTML 1Page - PHOENIX CONTACT 0914853 Datasheet HTML 2Page - PHOENIX CONTACT 0914853 Datasheet HTML 3Page - PHOENIX CONTACT 0914853 Datasheet HTML 4Page - PHOENIX CONTACT 0914853 Datasheet HTML 5Page - PHOENIX CONTACT 0914853 Datasheet HTML 6Page - PHOENIX CONTACT 0914853 Datasheet HTML 7Page - PHOENIX CONTACT 0914853 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
https://www.phoenixcontact.com/us/products/0914853
08/01/2016   Page 3 / 8
Thermomagnetic device circuit breaker - TMC 2 F1 120 5,0A - 0914853
Technical data
Connection data
2 conductors with same cross section, stranded, ferrules without plastic
sleeve, min.
0.25 mm²
2 conductors with same cross section, stranded, ferrules without plastic
sleeve, max.
1 mm²
2 conductors with same cross section, stranded, TWIN ferrules with plastic
sleeve, min.
0.5 mm²
2 conductors with same cross section, stranded, TWIN ferrules with plastic
sleeve, max.
2.5 mm²
Connection method
Screw connection
Stripping length
12 mm
Internal cylindrical gage
A3
Screw thread
M3
Tightening torque, min
0.6 Nm
Tightening torque max
0.8 Nm
Standards and Regulations
Standards/specifications
EN 60934
UL 1077
Drawings
Diagram
Classifications
eCl@ss
eCl@ss 4.0
27141116
eCl@ss 4.1
27141116
eCl@ss 5.0
27141116
eCl@ss 5.1
27141116
eCl@ss 6.0
27141116
eCl@ss 7.0
27141116
eCl@ss 8.0
27141116
eCl@ss 9.0
27141116
ETIM
ETIM 2.0
EC000899
ETIM 3.0
EC000899
ETIM 4.0
EC000899


Similar Part No. - 0914853

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0914808 PHOENIX-0914808 Datasheet
94Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 1,5A
0914824 PHOENIX-0914824 Datasheet
90Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 2,5A
0914866 PHOENIX-0914866 Datasheet
94Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 6,0A
0914879 PHOENIX-0914879 Datasheet
94Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 8,0A
logo
HARTING Technology Grou...
09148811405 HARTING-09148811405 Datasheet
513Kb / 2P
   Han M12 Crimp D-coded male
More results

Similar Description - 0914853

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0914138 PHOENIX-0914138 Datasheet
160Kb / 8P
   Thermomagnetic device circuit breaker - TMC 1 F1 100 5,0A
05.10.2012
0914316 PHOENIX-0914316 Datasheet
153Kb / 8P
   Thermomagnetic device circuit breaker - TMC 1 F1 200 5,0A
11.06.2012
0914730 PHOENIX-0914730 Datasheet
94Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 0,2A
0914808 PHOENIX-0914808 Datasheet
94Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 1,5A
0914879 PHOENIX-0914879 Datasheet
94Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 8,0A
0914743 PHOENIX-0914743 Datasheet
94Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 0,3A
0914769 PHOENIX-0914769 Datasheet
94Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 0,5A
0914756 PHOENIX-0914756 Datasheet
94Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 0,4A
0914785 PHOENIX-0914785 Datasheet
94Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 0,8A
0914895 PHOENIX-0914895 Datasheet
94Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 12,0A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com