Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0914769 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0914769
Description  Thermomagnetic device circuit breaker - TMC 2 F1 120 0,5A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0914769 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0914769 Datasheet HTML 1Page - PHOENIX CONTACT 0914769 Datasheet HTML 2Page - PHOENIX CONTACT 0914769 Datasheet HTML 3Page - PHOENIX CONTACT 0914769 Datasheet HTML 4Page - PHOENIX CONTACT 0914769 Datasheet HTML 5Page - PHOENIX CONTACT 0914769 Datasheet HTML 6Page - PHOENIX CONTACT 0914769 Datasheet HTML 7Page - PHOENIX CONTACT 0914769 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
https://www.phoenixcontact.com/us/products/0914769
08/01/2016   Page 2 / 8
Thermomagnetic device circuit breaker - TMC 2 F1 120 0,5A - 0914769
Technical data
Electrical data
65 V DC
Rated current IN
0.5 A
Insulation resistance Riso
> 100 MΩ (500 V DC)
Rated short-circuit switching capacity Icn
400 A
2500 A (32 V DC)
Short-circuit switching capacity Ik
5000 A
2000 A UL 1077: 65 V DC
Dielectric strength
3000 V AC (Actuation area)
3000 V AC (Main to auxiliary circuit)
1500 V AC (Position to position)
Switching cycles, max.
10000 (At 1 x In, inductive)
Degree of pollution
2
Overvoltage category
II
Insulating material group
II
Dimensions
Height
82.5 mm
Width
25 mm
Depth
96 mm
Ambient conditions
Degree of protection
IP30 (Actuation area)
IP20 (Connection area)
Ambient temperature (operation)
-30 °C ... 60 °C
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
6 mm²
Conductor cross section flexible min.
0.2 mm²
Conductor cross section flexible max.
4 mm²
Conductor cross section AWG min.
24
Conductor cross section AWG max.
10
Conductor cross section flexible, with ferrule without plastic sleeve min.
0.25 mm²
Conductor cross section flexible, with ferrule without plastic sleeve max.
4 mm²
Conductor cross section flexible, with ferrule with plastic sleeve min.
0.25 mm²
Conductor cross section flexible, with ferrule with plastic sleeve max.
2.5 mm²
2 conductors with same cross section, solid min.
0.2 mm²
2 conductors with same cross section, solid max.
0.75 mm²
2 conductors with same cross section, stranded min.
0.2 mm²


Similar Part No. - 0914769

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0914701 PHOENIX-0914701 Datasheet
126Kb / 8P
   Thermomagnetic device circuit breaker - TMC 1 M1 200 10,0A
04.10.2012
0914724 PHOENIX-0914724 Datasheet
48Kb / 3P
   Fuse modular terminal block - TMC 1 M1 200 0,1A
2/3/14
0914725 PHOENIX-0914725 Datasheet
48Kb / 3P
   Fuse modular terminal block - TMC 1 M1 200 32,0A
2/3/14
0914726 PHOENIX-0914726 Datasheet
48Kb / 3P
   Fuse modular terminal block - TMC 1 M1 200 25,0A
2/3/14
0914729 PHOENIX-0914729 Datasheet
48Kb / 3P
   Fuse modular terminal block - TMC 1 M1 200 20,0A
2/3/14
More results

Similar Description - 0914769

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0914947 PHOENIX-0914947 Datasheet
103Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 M1 120 0,5A
09/11/2020
0914730 PHOENIX-0914730 Datasheet
94Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 0,2A
0914808 PHOENIX-0914808 Datasheet
94Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 1,5A
0914879 PHOENIX-0914879 Datasheet
94Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 8,0A
0914743 PHOENIX-0914743 Datasheet
94Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 0,3A
0914756 PHOENIX-0914756 Datasheet
94Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 0,4A
0914785 PHOENIX-0914785 Datasheet
94Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 0,8A
0914895 PHOENIX-0914895 Datasheet
94Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 12,0A
0914824 PHOENIX-0914824 Datasheet
90Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 2,5A
0914866 PHOENIX-0914866 Datasheet
94Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 6,0A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com