Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0914743 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 0914743
Description  Thermomagnetic device circuit breaker - TMC 2 F1 120 0,3A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0914743 Datasheet(HTML) 7 Page - PHOENIX CONTACT

  0914743 Datasheet HTML 1Page - PHOENIX CONTACT 0914743 Datasheet HTML 2Page - PHOENIX CONTACT 0914743 Datasheet HTML 3Page - PHOENIX CONTACT 0914743 Datasheet HTML 4Page - PHOENIX CONTACT 0914743 Datasheet HTML 5Page - PHOENIX CONTACT 0914743 Datasheet HTML 6Page - PHOENIX CONTACT 0914743 Datasheet HTML 7Page - PHOENIX CONTACT 0914743 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
https://www.phoenixcontact.com/us/products/0914743
08/01/2016   Page 7 / 8
Thermomagnetic device circuit breaker - TMC 2 F1 120 0,3A - 0914743
Accessories
DIN rail perforated - NS 35/15 PERF 2000MM - 1201730
DIN rail, material: steel galvanized and passivated with a thick layer, perforated, height 15 mm, width 35 mm, length:
2000 mm
 
 
DIN rail perforated - NS 35/ 7,5 PERF 2000MM - 0801733
DIN rail, material: steel galvanized and passivated with a thick layer, perforated, height 7.5 mm, width 35 mm, length:
2000 mm
 
 
End block
End clamp - E/UK 1 - 1201413
End clamps, for supporting the ends of double-level and three-level terminal blocks, width: 10 mm, color: gray
 
 
Insertion bridge
Insertion bridge - EB 80-12 - 3009338
Insertion bridge, Pitch: 12 mm, Number of positions: 80, Color: gray
 
 
Screwdriver tools


Similar Part No. - 0914743

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0914701 PHOENIX-0914701 Datasheet
126Kb / 8P
   Thermomagnetic device circuit breaker - TMC 1 M1 200 10,0A
04.10.2012
0914724 PHOENIX-0914724 Datasheet
48Kb / 3P
   Fuse modular terminal block - TMC 1 M1 200 0,1A
2/3/14
0914725 PHOENIX-0914725 Datasheet
48Kb / 3P
   Fuse modular terminal block - TMC 1 M1 200 32,0A
2/3/14
0914726 PHOENIX-0914726 Datasheet
48Kb / 3P
   Fuse modular terminal block - TMC 1 M1 200 25,0A
2/3/14
0914729 PHOENIX-0914729 Datasheet
48Kb / 3P
   Fuse modular terminal block - TMC 1 M1 200 20,0A
2/3/14
More results

Similar Description - 0914743

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0914730 PHOENIX-0914730 Datasheet
94Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 0,2A
0914808 PHOENIX-0914808 Datasheet
94Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 1,5A
0914879 PHOENIX-0914879 Datasheet
94Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 8,0A
0914769 PHOENIX-0914769 Datasheet
94Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 0,5A
0914756 PHOENIX-0914756 Datasheet
94Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 0,4A
0914785 PHOENIX-0914785 Datasheet
94Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 0,8A
0914895 PHOENIX-0914895 Datasheet
94Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 12,0A
0914824 PHOENIX-0914824 Datasheet
90Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 2,5A
0914866 PHOENIX-0914866 Datasheet
94Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 6,0A
0914772 PHOENIX-0914772 Datasheet
94Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 F1 120 0,6A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com