Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS2001SN1T1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCS2001SN1T1G
Description  0.9 V, Rail-to-Rail, Single Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2001SN1T1G Datasheet(HTML) 5 Page - ON Semiconductor

  NCS2001SN1T1G Datasheet HTML 1Page - ON Semiconductor NCS2001SN1T1G Datasheet HTML 2Page - ON Semiconductor NCS2001SN1T1G Datasheet HTML 3Page - ON Semiconductor NCS2001SN1T1G Datasheet HTML 4Page - ON Semiconductor NCS2001SN1T1G Datasheet HTML 5Page - ON Semiconductor NCS2001SN1T1G Datasheet HTML 6Page - ON Semiconductor NCS2001SN1T1G Datasheet HTML 7Page - ON Semiconductor NCS2001SN1T1G Datasheet HTML 8Page - ON Semiconductor NCS2001SN1T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NCS2001
http://onsemi.com
5
1.0
20
80
10 k
60
100 k
1.0 k
100
1.0 M
40
0
10
VCC = 2.5 V
VEE = −2.5 V
RL = 10 k to GND
TA = 25°C
100
10 M
Phase
Margin = 60
°
Gain
Phase
0
45
90
135
180
t, time (1.0
ms/Div)
t, time (500 ns/Div)
VS = ±2.5 V
RL = 10 k
CL = 10 pf
AV = 1.0
TA = 25°C
TA, Ambient Temperature (°C)
Figure 2. Split Supply Output Saturation vs.
Load Resistance
Figure 3. Split Supply Output Saturation vs.
Load Current
Figure 4. Input Bias Current vs. Temperature
Figure 5. Gain and Phase vs. Frequency
Figure 6. Transient Response
Figure 7. Slew Rate
0
100
1.0 k
10 k
100 k
1.0 M
RL, Load Resistance (W)
0.2
0.4
0.6
−0.6
−0.4
−0.2
0
VCC
VEE
High State Output
Sourcing Current
Low State Output
Sinking Current
VCC = 2.5 V
VEE = −2.5 V
RL to GND
TA = 25°C
0
0
2.0
8.0
10
12
IL, Load Current (mA)
0.1
0.2
0.3
−0.3
−0.2
−0.1
0
VCC
VEE
High State Output
Sourcing Current
Low State Output
Sinking Current
VCC = 2.5 V
VEE = −2.5 V
IL to GND
TA = 25°C
4.0
6.0
VS = ±2.5 V
AV = 1.0
RL = 10 k
CL = 10 pF
TA = 25°C
f, Frequency (Hz)
1000
100
1.0
0
0
25
50
75
100
125
10
VCC = 2.5 V
VEE = −2.5 V


Similar Part No. - NCS2001SN1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2001SN1T1G ONSEMI-NCS2001SN1T1G Datasheet
206Kb / 17P
   0.9 V, Rail?뭪o?뭃ail, Single Operational Amplifier
January, 2007 ??Rev. 15
NCS2001SN1T1G ONSEMI-NCS2001SN1T1G Datasheet
184Kb / 16P
   Rail-to-Rail, Single Operational Amplifier
June, 2013 ??Rev. 17
NCS2001SN1T1G ONSEMI-NCS2001SN1T1G Datasheet
141Kb / 16P
   0.9 V, Rail-to-Rail, Single Operational Amplifier
January, 2017 ??Rev. 18
More results

Similar Description - NCS2001SN1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2001 ONSEMI-NCS2001_17 Datasheet
141Kb / 16P
   0.9 V, Rail-to-Rail, Single Operational Amplifier
January, 2017 ??Rev. 18
NCS2001 ONSEMI-NCS2001_07 Datasheet
206Kb / 17P
   0.9 V, Rail?뭪o?뭃ail, Single Operational Amplifier
January, 2007 ??Rev. 15
NCS2001 ONSEMI-NCS2001_13 Datasheet
184Kb / 16P
   Rail-to-Rail, Single Operational Amplifier
June, 2013 ??Rev. 17
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
   Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
logo
Richtek Technology Corp...
RT9137 RICHTEK-RT9137 Datasheet
309Kb / 21P
   Rail-to-Rail Operational Amplifier
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
   Rail-to-Rail Operational Amplifier
RT9133A RICHTEK-RT9133A Datasheet
218Kb / 13P
   Rail-to-Rail Operational Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
NJM2730F-TE1 NJRC-NJM2730F-TE1 Datasheet
298Kb / 9P
   Rail-to-Rail Input/Output Single Operational Amplifier
logo
Texas Instruments
OPA2340TDF1 TI-OPA2340TDF1 Datasheet
80Kb / 5P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER MicroAmplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com