Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJ88C22 Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # NJ88C22
Description  Frequency Synthesiser with resettable counters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

NJ88C22 Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  NJ88C22 Datasheet HTML 1Page - Zarlink Semiconductor Inc NJ88C22 Datasheet HTML 2Page - Zarlink Semiconductor Inc NJ88C22 Datasheet HTML 3Page - Zarlink Semiconductor Inc NJ88C22 Datasheet HTML 4Page - Zarlink Semiconductor Inc NJ88C22 Datasheet HTML 5Page - Zarlink Semiconductor Inc NJ88C22 Datasheet HTML 6Page - Zarlink Semiconductor Inc NJ88C22 Datasheet HTML 7Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NJ88C22
Characteristic
Units
Conditions
Min.
Typ.
Max.
FIN and OSC IN input level
200
mV RMS 10MHz AC-coupled sinewave
Max. operating frequency, fFIN and fosc
20
MHz
Input squarewave VDD to VSS,
25
°C.
Propagation delay, clock to modulus control MC
30
50
ns
See note 2
Programming Inputs
Clock high time, tCH
0·5
µs
Clock low time, tCL
0·5
µs
Enable set-up time, tES
0·2
tCH
µs
Enable hold time, tEH
0·2
µs
Data set-up time, tDS
0·2
µs
Data hold time, tDH
0·2
µs
Clock rise and fall times
0·2
µs
High level threshold
VDD20·8
V
See note 1
Low level threshold
0·8
V
See note 1
Hysteresis
1·0
V
See note 1
Phase Detector
Digital phase detector propagation delay
500
ns
Gain programming resistor, RB
5
k
Hold capacitor, CH
1
nF
See note 3
Programming capacitor, CAP
1
nF
Output resistance, PDA
5
k
Characteristic
Units
Conditions
Min.
Typ.
Max.
Supply current
5·5
mA
fosc, fFIN = 10MHz
1.5
mA
fosc, fFIN = 1MHz
Modulus Control Output (MC)
High level
4·6
V
ISOURCE = 1mA
Low level
0·4
V
ISINK = 1mA
Lock Detect Output (LD)
Low level
0·4
V
ISINK = 4mA
Open drain pull-up voltage
7·0
V
PDB Output
High level
4·6
V
ISOURCE = 5mA
Low level
0·4
V
ISINK = 5mA
3-state leakage current
±0·1
µA
2
ELECTRICAL CHARACTERISTICS AT VDD = 5V
Test conditions unless otherwise stated:
VDD–VSS=5V ±0·5V. Temperature range = –40°C to +85°C
DC Characteristics
Value
AC Characteristics
All timing periods
are referenced to
the negative
transition of the
clock waveform
Value
0 to 5V
square
wave
NOTES
1. Data, Clock and Enable inputs are high impedance Schmitt buffers without pull-up resistors; they are therefore not TTL compatible.
2. All counters have outputs directly synchronous with their respective clock rising edges.
3. The finite output resistance of the internal voltage follower and ‘on’ resistance of the sample switch driving this pin will add a finite time constant
to the loop. An external 1nF hold capacitor will give a maximum time constant of 5
µs.
4. The inputs to the device should be at logic ‘0’ when power is applied if latch-up conditions are to be avoided. This includes the signal/osc.
frequency inputs.


Similar Part No. - NJ88C22

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
NJ88C21 ZARLINK-NJ88C21 Datasheet
476Kb / 8P
   FREQUENCY SYNTHESISER (MICROPROCESSOR INTERFACE) WITH RESETTABLE COUNTERS
NJ88C24 ZARLINK-NJ88C24 Datasheet
126Kb / 6P
   Frequency Synthesiser with non-resettable counters
NJ88C24MADG ZARLINK-NJ88C24MADG Datasheet
126Kb / 6P
   Frequency Synthesiser with non-resettable counters
NJ88C24MADP ZARLINK-NJ88C24MADP Datasheet
126Kb / 6P
   Frequency Synthesiser with non-resettable counters
NJ88C24MAMP ZARLINK-NJ88C24MAMP Datasheet
126Kb / 6P
   Frequency Synthesiser with non-resettable counters
More results

Similar Description - NJ88C22

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
NJ88C24 ZARLINK-NJ88C24 Datasheet
126Kb / 6P
   Frequency Synthesiser with non-resettable counters
NJ88C21 ZARLINK-NJ88C21 Datasheet
476Kb / 8P
   FREQUENCY SYNTHESISER (MICROPROCESSOR INTERFACE) WITH RESETTABLE COUNTERS
NJ8821 ZARLINK-NJ8821 Datasheet
475Kb / 10P
   FREQUENCY SYNTHESISER (MICROPROCESSOR INTERFACE) WITH RESETTABLE COUNTERS
logo
General Electric Compan...
NJ8821 GEC-NJ8821 Datasheet
136Kb / 5P
   FREQUENCY SYNTHESISER (MICROPROCESSOR INTERFACE) WITH RESETTABLE COUNTERS
logo
Zarlink Semiconductor I...
WL800 ZARLINK-WL800 Datasheet
573Kb / 12P
   2.5GHz Frequency Synthesiser
logo
Mitel Networks Corporat...
WL800 MITEL-WL800 Datasheet
150Kb / 11P
   2.5GHz Frequency Synthesiser
logo
Zarlink Semiconductor I...
NJ8820 ZARLINK-NJ8820 Datasheet
493Kb / 11P
   FREQUENCY SYNTHESISER (PROM INTERFACE)
logo
B&K Precision Corporati...
1823A BK-1823A Datasheet
950Kb / 1P
   Frequency Counters
logo
Mitel Networks Corporat...
NJ88C33 MITEL-NJ88C33 Datasheet
155Kb / 11P
   Frequency Synthesiser (I2C BUS Programmable)
NJ88C50 MITEL-NJ88C50 Datasheet
209Kb / 15P
   Dual Low Power Frequency Synthesiser
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com