Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSV14196 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DSV14196
Description  3.3V Supply EIA/TIA-232 5 Driver x 3 Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DSV14196 Datasheet(HTML) 8 Page - National Semiconductor (TI)

  DSV14196 Datasheet HTML 1Page - National Semiconductor (TI) DSV14196 Datasheet HTML 2Page - National Semiconductor (TI) DSV14196 Datasheet HTML 3Page - National Semiconductor (TI) DSV14196 Datasheet HTML 4Page - National Semiconductor (TI) DSV14196 Datasheet HTML 5Page - National Semiconductor (TI) DSV14196 Datasheet HTML 6Page - National Semiconductor (TI) DSV14196 Datasheet HTML 7Page - National Semiconductor (TI) DSV14196 Datasheet HTML 8Page - National Semiconductor (TI) DSV14196 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Typical Performance Characteristics
Driver Output Slew Rate between +3V and −3V vs Load
Capacitance
Conditions: V
CC = 3.3V, RL = 5kΩ,TA = 25˚C, fIN = 64
kHz Square Wave
DS100853-8
Driver Output Voltage vs Frequency and C
L
Conditions: V
CC = 3.3V, RL = 5kΩ,TA = 25˚C
DS100853-9
Driver Output Current vs Output Voltage
DS100853-10
www.national.com
8


Similar Part No. - DSV14196

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
DSV-40 PAIRUI-DSV-40 Datasheet
517Kb / 4P
   DC-DC Converter
DSV-50 PAIRUI-DSV-50 Datasheet
515Kb / 4P
   DC-DC Converter
logo
List of Unclassifed Man...
DSV321SR ETC1-DSV321SR Datasheet
171Kb / 1P
   DSV321SV
DSV321SV ETC1-DSV321SV Datasheet
171Kb / 1P
   DSV321SV
logo
PAIRUI GROUP INC.
DSV40-11011 PAIRUI-DSV40-11011 Datasheet
517Kb / 4P
   DC-DC Converter
More results

Similar Description - DSV14196

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS14C335 TI1-DS14C335_15 Datasheet
897Kb / 16P
[Old version datasheet]   3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
logo
National Semiconductor ...
DS14C335 NSC-DS14C335 Datasheet
179Kb / 9P
   3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
logo
Texas Instruments
DS14C335MSAX TI-DS14C335MSAX Datasheet
877Kb / 16P
[Old version datasheet]   DS14C335 3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
logo
National Semiconductor ...
DS14C535 NSC-DS14C535 Datasheet
122Kb / 8P
   5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
logo
Texas Instruments
DS14C535 TI1-DS14C535_15 Datasheet
794Kb / 14P
[Old version datasheet]   5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
logo
National Semiconductor ...
DS14C239 NSC-DS14C239 Datasheet
120Kb / 8P
   Dual Supply TIA/EIA-232 3 x 5 Driver/Receiver
DS14185 NSC-DS14185 Datasheet
173Kb / 8P
   EIA/TIA-232 3 Driver x 5 Receiver
DS14196 NSC-DS14196 Datasheet
131Kb / 7P
   EIA/TIA-232 5 Driver x 3 Receiver
logo
Texas Instruments
DS14185WMX TI1-DS14185WMX Datasheet
900Kb / 15P
[Old version datasheet]   DS14185 EIA/TIA-232 3 Driver x 5 Receiver
logo
National Semiconductor ...
DS14C241 NSC-DS14C241 Datasheet
158Kb / 8P
   Single Supply TIA/EIA-232 4 x 5 Driver/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com