Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSV14196 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DSV14196
Description  3.3V Supply EIA/TIA-232 5 Driver x 3 Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DSV14196 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DSV14196 Datasheet HTML 1Page - National Semiconductor (TI) DSV14196 Datasheet HTML 2Page - National Semiconductor (TI) DSV14196 Datasheet HTML 3Page - National Semiconductor (TI) DSV14196 Datasheet HTML 4Page - National Semiconductor (TI) DSV14196 Datasheet HTML 5Page - National Semiconductor (TI) DSV14196 Datasheet HTML 6Page - National Semiconductor (TI) DSV14196 Datasheet HTML 7Page - National Semiconductor (TI) DSV14196 Datasheet HTML 8Page - National Semiconductor (TI) DSV14196 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Electrical Characteristics(Note 2) (Note 3)
DSV14196 (Continued)
Over recommended operating supply and temperature ranges unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RECEIVER CHARACTERISTICS
V
TH
Input High Threshold
V
OUT ≤ 0.4V, IO = 3.2 mA
1.5
1.85
2.4
V
(Recognized as a High
Signal)
V
TL
Input Low Threshold
(Recognized as a Low
Signal)
V
OUT ≥ 1.7V, IO = −0.5 mA
0.7
0.9
1.3
V
R
IN
Input Resistance
V
IN = ±3V to ±15V
3.0
3.8
7.0
k
I
IN
Input Current
V
IN = +15V
2.1
4.0
5.0
mA
V
IN = +3V
0.43
0.7
1.0
mA
V
IN = −15V
−2.1
−4.0
−5.0
mA
V
IN = −3V
−0.43
−0.7
−1.0
mA
V
OH
High Level Output Voltage
(Note 7)
I
OH = −0.5 mA, VIN = −3V
1.7
2.4
V
I
OH = −10 µA, VIN = −3V
2.7
3.2
V
I
OH = −0.5 mA, VIN = Open Circuit
1.7
2.4
V
I
OH = −10 µA, VIN = Open Circuit
2.7
3.2
V
V
OL
Low Level Output Voltage
I
OL = 3.2 mA, VIN = +3V
0.2
0.4
V
I
OSR
Short Circuit Current
V
OUT = 0V, VIN = 0V (Note 4)
−0.6
−1.8
−3.0
mA
Electrical Characteristics(Note 2) (Note 3)
DSV14196T
Over recommended operating supply and temperature ranges unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DEVICE CHARACTERISTICS
I
CC
V
CC Supply Current
No Load, All Inputs at +3.3V
8
16
mA
I
+
V
+ Supply Current
No Load, All
Driver Inputs at
0.8V or +2V. All
Receiver Inputs
at 0.7V or 2.4V.
V
+ = +9V, V= −9V
16
26
mA
V
+ = +13.2V, V= −13.2V
23
36
mA
I
V
Supply Current
V
+ = +9V, V= −9V
−18
−26
mA
V
+ = +13.2V, V= −13.2V
−25
−36
mA
DRIVER CHARACTERISTICS
V
IH
High Level Input Voltage
2.0
V
V
IL
Low Level Input Voltage
0.8
V
I
IH
High Level Input Current
V
IN = 3.3V
10
µA
I
IL
Low Level Input Current
V
IN = 0V
−1.1
−1.9
mA
V
OH
High Level Output Voltage
R
L = 3kΩ,VIN = 0.8V, V
+ = +9V, V= −9V
5.5
7
V
R
L = 3kΩ,VIN = 0.8V, V
+ = +12V, V= −12V
7.5
9
V
R
L = 7kΩ,VIN = 0.8V, V
+ = +13.2V, V= −13.2V
9
11.5
V
V
OL
Low Level Output Voltage
R
L = 3kΩ,VIN = 2V, V
+ = +9V, V= −9V
−7
−5.5
V
R
L = 3kΩ,VIN = 2V, V
+ = +12V, V= −12V
−10
−7.5
V
R
L = 7kΩ,VIN = 2V, V
+ = +13.2V, V= −13.2V
−11.5
−9
V
I
OS+
Output High Short
V
OUT = 0V, VIN = 0.8V
−4
−12
−22
mA
Circuit Current (Note 4)
I
OS
Output Low Short
V
OUT = 0V, VIN = 2.0V
4
12
22
mA
Circuit Current (Note 4)
R
O
Output Resistance
−2V
≤ V
OUT ≤ +2V, V
+ = V= V
CC = 0V
300
−2V
≤ V
OUT ≤ +2V, V
+ = V= V
CC = Open Circuit
300
www.national.com
3


Similar Part No. - DSV14196

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
DSV-40 PAIRUI-DSV-40 Datasheet
517Kb / 4P
   DC-DC Converter
DSV-50 PAIRUI-DSV-50 Datasheet
515Kb / 4P
   DC-DC Converter
logo
List of Unclassifed Man...
DSV321SR ETC1-DSV321SR Datasheet
171Kb / 1P
   DSV321SV
DSV321SV ETC1-DSV321SV Datasheet
171Kb / 1P
   DSV321SV
logo
PAIRUI GROUP INC.
DSV40-11011 PAIRUI-DSV40-11011 Datasheet
517Kb / 4P
   DC-DC Converter
More results

Similar Description - DSV14196

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS14C335 TI1-DS14C335_15 Datasheet
897Kb / 16P
[Old version datasheet]   3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
logo
National Semiconductor ...
DS14C335 NSC-DS14C335 Datasheet
179Kb / 9P
   3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
logo
Texas Instruments
DS14C335MSAX TI-DS14C335MSAX Datasheet
877Kb / 16P
[Old version datasheet]   DS14C335 3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
logo
National Semiconductor ...
DS14C535 NSC-DS14C535 Datasheet
122Kb / 8P
   5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
logo
Texas Instruments
DS14C535 TI1-DS14C535_15 Datasheet
794Kb / 14P
[Old version datasheet]   5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
logo
National Semiconductor ...
DS14C239 NSC-DS14C239 Datasheet
120Kb / 8P
   Dual Supply TIA/EIA-232 3 x 5 Driver/Receiver
DS14185 NSC-DS14185 Datasheet
173Kb / 8P
   EIA/TIA-232 3 Driver x 5 Receiver
DS14196 NSC-DS14196 Datasheet
131Kb / 7P
   EIA/TIA-232 5 Driver x 3 Receiver
logo
Texas Instruments
DS14185WMX TI1-DS14185WMX Datasheet
900Kb / 15P
[Old version datasheet]   DS14185 EIA/TIA-232 3 Driver x 5 Receiver
logo
National Semiconductor ...
DS14C241 NSC-DS14C241 Datasheet
158Kb / 8P
   Single Supply TIA/EIA-232 4 x 5 Driver/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com