Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4407 Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # 4407
Description  P-Channel Enhancement Mode MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

4407 Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  4407 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. 4407 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. 4407 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. 4407 Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page:P4-P1
Plastic-Encapsulate Mosfets
GUANGDONG
HOTTECH
INDUSTRIAL
CO., LTD.
FEATURES
VDS (V) = -30V
ID = -12A
RDS(ON) < 11mΩ (VGS = -20V)
RDS(ON) < 13mΩ (VGS = -10V)
RDS(ON) < 38mΩ (VGS = -10V)
Absolute Maximum Ratings (TA=25oC, unless otherwise noted)
Parameter
Symbol
10 Sec
Steady State
Unit
Drain-Source Voltage
V
DS
-30
V
Gate-Source Voltage
V
GS
±25
V
Continuous Drain
Current
A
T
A=25°C
I
-12
-9.2
A
T =70°C
-10
-7.4
Pulsed Drain Current
B
I
DM
-60
Avalanche Current
G
I
AR
26
Repetitive avalanche energy L=0.3Mh
G
E
AR
101
mJ
Power Dissipation
A
T
A=25°C
P
D
3.1
1.7
W
T
A=70°C
2.0
1.1
Junction and Storage Temperature Range
T
J, TSTG
-55 to 150
°C
Thermal Characteristics
Parameter
Symbol
Typ
Max
Unit
Maximum Junction-to-Ambient
A
t ≤ 10s
R
θJA
32
40
°C/W
Maximum Junction-to-Ambient
A
Steady State
60
75
°C/W
Maximum Junction-to-Lead
C
Steady State
R
θJL
17
24
°C/W
4407
P-Channel MOSFET
G
S
S
S
D
D
D
D
G
D
S
Top View
SOP-8
P-Channel Enhancement Mode MOSFET


Similar Part No. - 4407

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
4407 VBSEMI-4407 Datasheet
1,002Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Heyco.
4407 HEYCO-4407 Datasheet
70Kb / 1P
   Push Rivet-Arrow
logo
List of Unclassifed Man...
4407000400 ETC2-4407000400 Datasheet
2Mb / 164P
   We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
logo
SHENZHEN FUMAN ELECTRON...
4407A FUMAN-4407A Datasheet
232Kb / 3P
   30V P-Channel Increased MOS FET
logo
Alpha & Omega Semicondu...
4407A AOSMD-4407A Datasheet
192Kb / 5P
   30V P-Channel MOSFET
More results

Similar Description - 4407

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com