Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430FE42X Datasheet(PDF) 34 Page - Texas Instruments

Part # MSP430FE42X
Description  MIXED SIGNAL MICROCONTROLLER
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430FE42X Datasheet(HTML) 34 Page - Texas Instruments

Back Button MSP430FE42X Datasheet HTML 30Page - Texas Instruments MSP430FE42X Datasheet HTML 31Page - Texas Instruments MSP430FE42X Datasheet HTML 32Page - Texas Instruments MSP430FE42X Datasheet HTML 33Page - Texas Instruments MSP430FE42X Datasheet HTML 34Page - Texas Instruments MSP430FE42X Datasheet HTML 35Page - Texas Instruments MSP430FE42X Datasheet HTML 36Page - Texas Instruments MSP430FE42X Datasheet HTML 37Page - Texas Instruments MSP430FE42X Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
MSP430FE42x
MIXED SIGNAL MICROCONTROLLER
SLAS396A − JULY 2003 − REVISED APRIL 2004
34
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ESP430CE1, I1 SD16GAINx = 4 typical characteristics (see Note 1)
Figure 19
Line Current − A
−1.00
−0.75
−0.50
−0.25
0.00
0.25
0.50
0.75
1.00
0.01
0.10
1.00
10.00
100.00
MEASUREMENT ERROR AS % OF READING
(TA = 25°C)
PF = 0
PF = 0.5 lag
PF = 0.8 lead
fMAINS = 50 Hz
VLINE = 230 V
Figure 20
Line Current − A
−1.00
−0.75
−0.50
−0.25
0.00
0.25
0.50
0.75
1.00
0.01
0.10
1.00
10.00
100.00
MEASUREMENT ERROR AS % OF READING
(TA = −40°C)
PF = 0
PF = 0.5 lag
PF = 0.8 lead
fMAINS = 50 Hz
VLINE = 230 V
Figure 21
Line Current − A
−1.00
−0.75
−0.50
−0.25
0.00
0.25
0.50
0.75
1.00
0.01
0.10
1.00
10.00
100.00
MEASUREMENT ERROR AS % OF READING
(TA = 85°C)
PF = 0
PF = 0.5 lag
PF = 0.8 lead
fMAINS = 50 Hz
VLINE = 230 V
NOTES:
1. Results corrected for typical phase error of CT used. (−40
°C to 25°C: −0.7°; 25°C to 85°C: +0.5°)
See Figure 14 for test circuitry: CT part number = T60404−E4624−X101 ( Vacuumschmelze), R1 = 9.36Ω, RB = 3.16Ω


Similar Part No. - MSP430FE42X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430FE42X TI-MSP430FE42X Datasheet
975Kb / 51P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42X TI1-MSP430FE42X Datasheet
1Mb / 65P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FE42X2 TI-MSP430FE42X2 Datasheet
897Kb / 48P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA Datasheet
670Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430FE42X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com