Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APSG160E Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # APSG160E
Description  Radial Lead
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

APSG160E Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  APSG160E Datasheet HTML 1Page - United Chemi-Con, Inc. APSG160E Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
◆PART NUMBERING SYSTEM
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 150
µF:151)
Lead forming·Taping code
Terminal code
Voltage code (ex. 16V:160,20V:200)
Series code
Category
A P S G
E
S
M
13
4
2
6
7
8
9
10
13
12
518
17
16
11
15
14
◆STANDARD RATINGS
□□ : Enter the appropriate lead forming or taping code.
Please refer to “Product code guide (conductive polymer type)”
◆DIMENSIONS [mm]
◆MARKING
Size code
φ
D
φ
d
F
φ
D'
L'
F05
0.45
F08
6.3
2.5
H06
H08
8.0
0.6
3.5
HB5
JB5
10.0
5.0
L+1.5max.
L+1.0max.
D+0.5max.
Coated Case
L'
15min.
4min.
Coated Case
L'
15min.
4min.
F05,F08,H06,H08
HB5,JB5
G 6D6
150
16V
EX) 16V150—F
Terminal Code : E
WV(Vdc)
16
20
150
270
270
470
560
820
1,000
6.3×5
6.3×8
8×6
8×8
8×11.5
10×11.5
10×11.5
20
15
22
16
14
12
12
3,200
3,800
3,300
4,000
4,970
5,400
5,400
APSG160E□□151MF05S
APSG160E□□271MF08S
APSG160E□□271MH06S
APSG160E□□471MH08S
APSG160E□□561MHB5S
APSG160E□□821MJB5S
APSG160E□□102MJB5S
120
6.3×5
20
3,200
APSG200E□□121MF05S
Cap(
µF)
Case size
φ
D
×L (mm)
ESR
(m
Ωmax./20℃, 100k to 300kHz)
Rated ripple current
(mArms/105
℃, 100kHz)
Part No.
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
New!
Radial Lead
CAT. No. E1001L
(2/2)


Similar Part No. - APSG160E

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
APSG160E102MH20S NPC-APSG160E102MH20S Datasheet
342Kb / 2P
   Super low ESR, high ripple current capability
APSG160E102MJB5S NPC-APSG160E102MJB5S Datasheet
86Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSG160E102MJB5S NPC-APSG160E102MJB5S Datasheet
342Kb / 2P
   Super low ESR, high ripple current capability
APSG160E122MH20S NPC-APSG160E122MH20S Datasheet
342Kb / 2P
   Super low ESR, high ripple current capability
APSG160E151MF05S NPC-APSG160E151MF05S Datasheet
86Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
More results

Similar Description - APSG160E

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
APSE2R5E CHEMI-CON-APSE2R5E Datasheet
79Kb / 2P
   Radial Lead
APSE6R3E CHEMI-CON-APSE6R3E Datasheet
79Kb / 2P
   Radial Lead
PASE4R0E CHEMI-CON-PASE4R0E Datasheet
79Kb / 2P
   Radial Lead
APSK2R5E CHEMI-CON-APSK2R5E Datasheet
94Kb / 2P
   Radial Lead
APSG200E CHEMI-CON-APSG200E Datasheet
86Kb / 2P
   Radial Lead
logo
Illinois Capacitor, Inc...
127DCR2R3SLZ ILLINOISCAPACITOR-127DCR2R3SLZ Datasheet
132Kb / 1P
   Radial lead capacitor
107DER2R5SBG ILLINOISCAPACITOR-107DER2R5SBG Datasheet
131Kb / 1P
   Radial lead capacitor
207DER2R5SDH ILLINOISCAPACITOR-207DER2R5SDH Datasheet
132Kb / 1P
   Radial lead capacitor
logo
Panasonic Semiconductor
ECA-2AM221 PANASONIC-ECA-2AM221 Datasheet
308Kb / 5P
   Radial Lead Type
EEUMG2C100 PANASONIC-EEUMG2C100 Datasheet
61Kb / 3P
   Radial Lead Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com