Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8A3361 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PT8A3361
Description  NTCLCD Heating Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A3361 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PT8A3361 Datasheet HTML 1Page - Pericom Semiconductor Corporation PT8A3361 Datasheet HTML 2Page - Pericom Semiconductor Corporation PT8A3361 Datasheet HTML 3Page - Pericom Semiconductor Corporation PT8A3361 Datasheet HTML 4Page - Pericom Semiconductor Corporation PT8A3361 Datasheet HTML 5Page - Pericom Semiconductor Corporation PT8A3361 Datasheet HTML 6Page - Pericom Semiconductor Corporation PT8A3361 Datasheet HTML 7Page - Pericom Semiconductor Corporation PT8A3361 Datasheet HTML 8Page - Pericom Semiconductor Corporation PT8A3361 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
NTC+LCD Heating Controller
12-07-0006
PT0356-1
07/06/12
1
PT8A3361/62/63/64
Features
 LCD screen showing temperature setting
 Dual Temperature (Fahrenheit/Centigrade) Display
 Backlights indicating work status
 Auto temperature control with NTC
 8 and 11 temperature levels option
 Three keys: On/Off, Up and Down
 NTC open protection
 Pulse trigger for high current SCR/TRIAC (up to
15mA)
 1 hour auto power off.
 Dual Voltage (120V/240V) operations
 Internal 5V zener
 Lead free and Green QFN-24, TSSOP-24 and
SOIC-24 package; Lead free DIP-24 package
Description
The PT8A336x is a mixed signal CMOS LSI chip
designed as heating controller with help of external NTC
(Negative
Temperature
Component).
NTC
open
protection is implemented for device safety and 11
temperature levels. It can drive TRIAC or SCR directly.
It has 3 keys function setting. LCD displays and
backlight indicate the working status.
This device can be used in both 120V and 240V power
line supplier, as it will automatically adjust the heating
power according to the power line voltage to avoid
heating appliance damage or long heating time.
The PT8A336x build-in timer will be auto-power off
after power on 1 hour both 60Hz and 50Hz.
Applications
 Heating Controller
Block Diagram


Similar Part No. - PT8A3361

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A3230 PERICOM-PT8A3230 Datasheet
337Kb / 7P
   Heating Controller
PT8A3231 PERICOM-PT8A3231 Datasheet
337Kb / 7P
   Heating Controller
PT8A3232 PERICOM-PT8A3232 Datasheet
337Kb / 7P
   Heating Controller
PT8A3233 PERICOM-PT8A3233 Datasheet
337Kb / 7P
   Heating Controller
PT8A3234 PERICOM-PT8A3234 Datasheet
337Kb / 7P
   Heating Controller
More results

Similar Description - PT8A3361

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A3263-66A-F PERICOM-PT8A3263-66A-F Datasheet
541Kb / 15P
   NTC Heating Controller with Multi LEDs
PT8A3230 PERICOM-PT8A3230 Datasheet
337Kb / 7P
   Heating Controller
PT8A3280 PERICOM-PT8A3280 Datasheet
239Kb / 8P
   Heating Controller
PT8A3290 PERICOM-PT8A3290 Datasheet
250Kb / 8P
   Heating Controller
PT8A3240 PERICOM-PT8A3240 Datasheet
310Kb / 7P
   Heating Controller
PT8A3270 PERICOM-PT8A3270 Datasheet
239Kb / 8P
   Heating Controller
PT8A3251 PERICOM-PT8A3251 Datasheet
218Kb / 8P
   Ceramic Heating Controller
PT8A3252 PERICOM-PT8A3252 Datasheet
203Kb / 7P
   5LED Ceramic Heating Controller
logo
ELAN Microelectronics C...
EM83040A EMC-EM83040A Datasheet
948Kb / 16P
   LCD CONTROLLER
logo
Generalplus Technology ...
GPLB39B GENERALPLUS-GPLB39B Datasheet
983Kb / 19P
   LCD CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com