Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS82582TT19 Datasheet(PDF) 8 Page - GSI Technology

Part # GS82582TT19
Description  288Mb SigmaDDR-IITM Burst of 2 SRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS82582TT19 Datasheet(HTML) 8 Page - GSI Technology

Back Button GS82582TT19 Datasheet HTML 4Page - GSI Technology GS82582TT19 Datasheet HTML 5Page - GSI Technology GS82582TT19 Datasheet HTML 6Page - GSI Technology GS82582TT19 Datasheet HTML 7Page - GSI Technology GS82582TT19 Datasheet HTML 8Page - GSI Technology GS82582TT19 Datasheet HTML 9Page - GSI Technology GS82582TT19 Datasheet HTML 10Page - GSI Technology GS82582TT19 Datasheet HTML 11Page - GSI Technology GS82582TT19 Datasheet HTML 12Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Common I/O SigmaDDR-II+ Burst of 2 SRAM Truth Table
Kn
LD
R/W
DQ
Operation
A + 0
A + 1
1
X
Hi-Z / *
Hi-Z / *
Deselect
0
0
D@Kn+1
D@Kn+1
Write
0
1
Q@Kn+2
Q@Kn+2
Read
Notes:
1. “1” = input “high”; “0” = input “low”; “V” = input “valid”; “X” = input “don’t care”.
2. D1 and D2 indicate the first and second pieces of Write Data transferred during Write operations.
3. Q1 and Q2 indicate the first and second pieces of Read Data transferred during Read operations.
4. When On-Die Termination is disabled (ODT = 0), DQ drivers are disabled (i.e., DQ pins are tri-stated) for one cycle in response to NOP
and Write commands, 2.0 cycles after the command is sampled.
5. When On-Die Termination is enabled (ODT = 1), DQ drivers are disabled for one cycle in response to NOP and Write commands, 2.0
cycles after the command is sampled. The state of the DQ pins during that time (denoted by “*” in the table above) is determined by the
state of the DQ input termination. See the Input Termination Impedance Control section for more information.
Burst of 2 Byte Write Clock Truth Table
BW
BW
Current Operation
D
D
K
(tn + 1)
K
(tn + 1½)
K
(tn)
K
(tn +1 )
K
(tn + 1½)
T
T
Write
Dx stored if BWn = 0 in both data transfers
D1
D2
T
F
Write
Dx stored if BWn = 0 in 1st data transfer only
D1
X
F
T
Write
Dx stored if BWn = 0 in 2nd data transfer only
X
D2
F
F
Write Abort
No Dx stored in either data transfer
X
X
Notes:
1. “1” = input “high”; “0” = input “low”; “X” = input “don’t care”; “T” = input “true”; “F” = input “false”.
2. If one or more BWn = 0, then BW = “T”, else BW = “F”.
GS82582TT19/37GE-450/400/375/333
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03 4/2016
8/26
© 2012, GSI Technology


Similar Part No. - GS82582TT19

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS82582TT20 GSI-GS82582TT20 Datasheet
438Kb / 24P
   288Mb SigmaDDR-IITM Burst of 2 SRAM
More results

Similar Description - GS82582TT19

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS82582TT20 GSI-GS82582TT20 Datasheet
438Kb / 24P
   288Mb SigmaDDR-IITM Burst of 2 SRAM
GS82582T20 GSI-GS82582T20 Datasheet
444Kb / 26P
   288Mb SigmaDDR-IITM Burst of 2 SRAM
GS82582T19 GSI-GS82582T19 Datasheet
477Kb / 27P
   288Mb SigmaDDR-IITM Burst of 2 SRAM
GS8182T19 GSI-GS8182T19 Datasheet
342Kb / 27P
   18Mb SigmaDDR-IITM Burst of 2 SRAM
GS8342TT37BGD-450I GSI-GS8342TT37BGD-450I Datasheet
363Kb / 31P
   36Mb SigmaDDR-IITM Burst of 2 SRAM
GS82582Q19GE-400 GSI-GS82582Q19GE-400 Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q37GE-300 GSI-GS82582Q37GE-300 Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582QT19GE-400I GSI-GS82582QT19GE-400I Datasheet
325Kb / 26P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q19GE-400I GSI-GS82582Q19GE-400I Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
GS82582Q37GE-400 GSI-GS82582Q37GE-400 Datasheet
436Kb / 25P
   288Mb SigmaQuad-IITM Burst of 2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com