Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100ES6011DR2 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC100ES6011DR2
Description  2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC100ES6011DR2 Datasheet(HTML) 3 Page - Motorola, Inc

  MC100ES6011DR2 Datasheet HTML 1Page - Motorola, Inc MC100ES6011DR2 Datasheet HTML 2Page - Motorola, Inc MC100ES6011DR2 Datasheet HTML 3Page - Motorola, Inc MC100ES6011DR2 Datasheet HTML 4Page - Motorola, Inc MC100ES6011DR2 Datasheet HTML 5Page - Motorola, Inc MC100ES6011DR2 Datasheet HTML 6Page - Motorola, Inc MC100ES6011DR2 Datasheet HTML 7Page - Motorola, Inc MC100ES6011DR2 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC100ES6011
TIMING SOLUTIONS
3
MOTOROLA
Table 4. DC Characteristics (VCC = 0 V; VEE = –3.8 to –3.135 or VCC = 3.8 to 3.135 V; VEE = 0 V)1
1. ES6011 circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit
is in a test socket or mounted on a printed circuit board and transverse airflow > 500 LFPM is maintained.
Symbol
Characteristic
–40
°C
0
°C to 85°C
Unit
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
12
25
12
25
mA
VOH
Output HIGH Voltage2
2. Output termination voltage V
TT = 0 V for VCC = 2.5 V operation is supported but the power consumption of the device will increase.
VCC–1160
VCC–1005
VCC–880
VCC–1100
VCC–955
VCC–740
mV
VOL
Output LOW Voltage2
VCC–1830
VCC–1705
VCC–1405
VCC–1830
VCC–1705
VCC–1405
mV
VOUTPP Output Peak-to-Peak Voltage
200
200
mV
VIH
Input HIGH Voltage (Single Ended)
VCC–1165
VCC–880
VCC–1165
VCC–880
mV
VIL
Input LOW Voltage (Single Ended)
VCC–1810
VCC–1475
VCC–1810
VCC–1475
mV
VPP
Differential Input Voltage3
3. V
PP (DC) is the minimum differential input voltage swing required to maintain device functionality.
0.12
1.3
0.12
1.3
V
VCMR
Differential Cross Point Voltage4
4. V
CMR (DC) is the crosspoint of the differential input signal. Functional operation is obtained when the crosspoint is within the VCMR (DC) range
and the input swing lies within the VPP (DC) specification.
VEE+1.0
VCC–0.8
VEE+1.0
VCC–0.8
V
IIN
Input Current
±150
±150
µA
Table 5. AC Characteristics (VCC = 0 V; VEE = –3.8 to –2.375 or VCC = 2.375 to 3.8 V; VEE = 0 V)1
1. Measured using a 750 mV source 50% Duty Cycle clock source. All loading with 50
Ω to V
CC–2.0 V.
Symbol
Characteristic
–40
°C25°C0°C to 85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fMAX
Maximum Frequency
> 3
> 3
> 3
GHz
tPLH,
tPHL
Propagation Delay (Differential)
CLK to Q, Q
170
260
300
180
270
310
210
285
360
ps
tSKEW
Within Device Skew Q, Q
Device-to-Device Skew2
2. Skew is measured between outputs under identical transitions.
9
20
130
9
20
130
9
20
150
ps
tJITTER Cycle-to-Cycle Jitter RMS (1σ)
1
1
1
ps
VPP
Input Voltage Swing (Differential)
150
1200
150
1200
150
1200
mV
VCMR
Differential Cross Point Voltage
VEE+1.2
VCC–1.1 VEE+1.2
VCC–1.1
VEE+1.2
VCC–1.1
V
tr
tf
Output Rise/Fall Times
(20% – 80%)
70
220
70
220
70
220
ps
Figure 2. VOUTPP versus Frequency
Figure 3. Typical Termination for Output Driver
and Device Evaluation
50
Driver
Device
Receiver
Device
Q
Qb
D
Db
50
VTT
VTT = VCC – 2.0 V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC100ES6011DR2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MC100ES6011DR2 RENESAS-MC100ES6011DR2 Datasheet
440Kb / 9P
   2.5 V/3.3 V ECL 1:2 Differential Fanout Buffer
2019
More results

Similar Description - MC100ES6011DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10LVEP11 ONSEMI-MC10LVEP11_06 Datasheet
166Kb / 12P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 11
MC10LVEP11 ONSEMI-MC10LVEP11 Datasheet
134Kb / 10P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
February, 2005 ??Rev. 7
MC100LVEL11 ONSEMI-MC100LVEL11_06 Datasheet
141Kb / 8P
   3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
logo
Fairchild Semiconductor
100LVEL11 FAIRCHILD-100LVEL11 Datasheet
131Kb / 6P
   3.3V ECL 1:2 Differential Fanout Buffer
logo
Micrel Semiconductor
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U Datasheet
49Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY10EP11U MICREL-SY10EP11U Datasheet
512Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11_06 Datasheet
163Kb / 11P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
MC10EP11 ONSEMI-MC10EP11 Datasheet
76Kb / 8P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com