Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS8182T08 Datasheet(PDF) 11 Page - GSI Technology

Part # GS8182T08
Description  18Mb SigmaDDR-II??Burst of 2 SRAM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8182T08 Datasheet(HTML) 11 Page - GSI Technology

Back Button GS8182T08 Datasheet HTML 7Page - GSI Technology GS8182T08 Datasheet HTML 8Page - GSI Technology GS8182T08 Datasheet HTML 9Page - GSI Technology GS8182T08 Datasheet HTML 10Page - GSI Technology GS8182T08 Datasheet HTML 11Page - GSI Technology GS8182T08 Datasheet HTML 12Page - GSI Technology GS8182T08 Datasheet HTML 13Page - GSI Technology GS8182T08 Datasheet HTML 14Page - GSI Technology GS8182T08 Datasheet HTML 15Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
GS8182T08/09/18/36BD-400/375/333/300/250/200/167
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04c 11/2011
11/36
© 2007, GSI Technology
FLXDrive-II Output Driver Impedance Control
HSTL I/O SigmaDDR-II SRAMs are supplied with programmable impedance output drivers. The ZQ pin must be connected to
VSS via an external resistor, RQ, to allow the SRAM to monitor and adjust its output driver impedance. The value of RQ must be
5X the value of the desired RAM output impedance. The allowable range of RQ to guarantee impedance matching continuously is
between 175
Ω and 350Ω. Periodic readjustment of the output driver impedance is necessary as the impedance is affected by drifts
in supply voltage and temperature. The SRAM’s output impedance circuitry compensates for drifts in supply voltage and tempera-
ture. A clock cycle counter periodically triggers an impedance evaluation, resets and counts again. Each impedance evaluation may
move the output driver impedance level one step at a time towards the optimum level.
Common I/O SigmaDDR-II B2 SRAM Truth Table
Kn
LD
R/W
DQ
Operation
A + 0
A + 1
1
X
Hi-Z
Hi-Z
Deselect
0
0
D@Kn+1
D@Kn+1
Write
0
1
Q@Kn+1
or
Cn+1
Q@Kn+2
or
Cn+2
Read
Note:
Q is controlled by K clocks if C clocks are not used.
B2 Byte Write Clock Truth Table
BW
BW
Current Operation
D
D
K
(tn+1)
K
(tn+2)
K
(tn)
K
(tn+1)
K
(tn+2)
T
T
Write
Dx stored if BWn = 0 in both data transfers
D1
D2
T
F
Write
Dx stored if BWn = 0 in 1st data transfer only
D1
X
F
T
Write
Dx stored if BWn = 0 in 2nd data transfer only
X
D2
F
F
Write Abort
No Dx stored in either data transfer
X
X
Notes:
1. “1” = input “high”; “0” = input “low”; “X” = input “don’t care”; “T” = input “true”; “F” = input “false”.
2. If one or more BWn = 0, then BW = “T”, else BW = “F”.


Similar Part No. - GS8182T08

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8182T19 GSI-GS8182T19 Datasheet
342Kb / 27P
   18Mb SigmaDDR-IITM Burst of 2 SRAM
More results

Similar Description - GS8182T08

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8182T19 GSI-GS8182T19 Datasheet
342Kb / 27P
   18Mb SigmaDDR-IITM Burst of 2 SRAM
GS82582TT20 GSI-GS82582TT20 Datasheet
438Kb / 24P
   288Mb SigmaDDR-IITM Burst of 2 SRAM
GS8182Q18D GSI-GS8182Q18D Datasheet
811Kb / 28P
   18Mb Burst of 2 SigmaQuad-II SRAM
GS82582T20 GSI-GS82582T20 Datasheet
444Kb / 26P
   288Mb SigmaDDR-IITM Burst of 2 SRAM
GS8342TT37BGD-450I GSI-GS8342TT37BGD-450I Datasheet
363Kb / 31P
   36Mb SigmaDDR-IITM Burst of 2 SRAM
GS82582T19 GSI-GS82582T19 Datasheet
477Kb / 27P
   288Mb SigmaDDR-IITM Burst of 2 SRAM
GS82582TT19 GSI-GS82582TT19 Datasheet
474Kb / 26P
   288Mb SigmaDDR-IITM Burst of 2 SRAM
GS8182S18D GSI-GS8182S18D Datasheet
1Mb / 31P
   18Mb Burst of 2 DDR SigmaSIO-II SRAM
GS8342T08 GSI-GS8342T08 Datasheet
494Kb / 35P
   36Mb SigmaDDR-IITM Burst of 2 SRAM
GS8182D19BD-435I GSI-GS8182D19BD-435I Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com