Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS8182S08 Datasheet(PDF) 1 Page - GSI Technology

Part # GS8182S08
Description  18Mb Burst of 2 SigmaSIO DDR-IITM SRAM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8182S08 Datasheet(HTML) 1 Page - GSI Technology

  GS8182S08 Datasheet HTML 1Page - GSI Technology GS8182S08 Datasheet HTML 2Page - GSI Technology GS8182S08 Datasheet HTML 3Page - GSI Technology GS8182S08 Datasheet HTML 4Page - GSI Technology GS8182S08 Datasheet HTML 5Page - GSI Technology GS8182S08 Datasheet HTML 6Page - GSI Technology GS8182S08 Datasheet HTML 7Page - GSI Technology GS8182S08 Datasheet HTML 8Page - GSI Technology GS8182S08 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
GS8182S08/09/18/36BD-400/375/333/300/250/200/167
18Mb Burst of 2
SigmaSIO DDR-IITM SRAM
400 MHz–167 MHz
1.8 V VDD
1.8 V and 1.5 V I/O
165-Bump BGA
Commercial Temp
Industrial Temp
Rev: 1.03c 11/2011
1/36
© 2007, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Features
• Simultaneous Read and Write SigmaSIO™ Interface
• JEDEC-standard pinout and package
• Dual Double Data Rate interface
• Byte Write controls sampled at data-in time
• DLL circuitry for wide output data valid window and future
frequency scaling
• Burst of 2 Read and Write
• 1.8 V +100/–100 mV core power supply
• 1.5 V or 1.8 V HSTL Interface
• Pipelined read operation
• Fully coherent read and write pipelines
• ZQ mode pin for programmable output drive strength
• IEEE 1149.1 JTAG-compliant Boundary Scan
• Pin-compatible with present 9Mb, 36Mb, and 72Mb and
future 144Mb devices
• 165-bump, 13 mm x 15 mm, 1 mm bump pitch BGA package
• RoHS-compliant 165-bump BGA package available
SigmaSIO DDR-II™ Family Overview
GS8182S08/09/18/36BD are built in compliance with the
SigmaSIO DDR-II SRAM pinout standard for Separate I/O
synchronous SRAMs. They are 18,874,368-bit (18Mb)
SRAMs. These are the first in a family of wide, very low
voltage HSTL I/O SRAMs designed to operate at the speeds
needed to implement economical high performance
networking systems.
165-Bump, 13 mm x 15 mm BGA
1 mm Bump Pitch, 11 x 15 Bump Array
Bottom View
JEDEC Std. MO-216, Variation CAB-1
Clocking and Addressing Schemes
A Burst of 2 SigmaSIO DDR-II SRAM is a synchronous
device. It employs dual input register clock inputs, K and K.
The device also allows the user to manipulate the output
register clock input quasi independently with dual output
register clock inputs, C and C. If the C clocks are tied high, the
K clocks are routed internally to fire the output registers
instead. Each Burst of 2 SigmaSIO DDR-II SRAM also
supplies Echo Clock outputs, CQ and CQ, which are
synchronized with read data output. When used in a source
synchronous clocking scheme, the Echo Clock outputs can be
used to fire input registers at the data’s destination.
Each internal read and write operation in a SigmaSIO DDR-II
B2 RAM is two times wider than the device I/O bus. An input
data bus de-multiplexer is used to accumulate incoming data
before it is simultaneously written to the memory array. An
output data multiplexer is used to capture the data produced
from a single memory array read and then route it to the
appropriate output drivers as needed. Therefore, the address
field of a SigmaSIO DDR-II B2 is always one address pin less
than the advertised index depth (e.g., the 2M x 8 has a 1M
addressable index).
Parameter Synopsis
-400
-375
-333
-300
-250
-200
-167
tKHKH
2.5 ns
2.67 ns
3.0 ns
3.3 ns
4.0 ns
5.0 ns
6.0 ns
tKHQV
0.45 ns
0.45 ns
0.45 ns
0.45 ns
0.45 ns
0.45 ns
0.5 ns


Similar Part No. - GS8182S08

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8182S18D GSI-GS8182S18D Datasheet
1Mb / 31P
   18Mb Burst of 2 DDR SigmaSIO-II SRAM
GS8182S18D-167 GSI-GS8182S18D-167 Datasheet
1Mb / 31P
   18Mb Burst of 2 DDR SigmaSIO-II SRAM
GS8182S18D-167I GSI-GS8182S18D-167I Datasheet
1Mb / 31P
   18Mb Burst of 2 DDR SigmaSIO-II SRAM
GS8182S18D-200 GSI-GS8182S18D-200 Datasheet
1Mb / 31P
   18Mb Burst of 2 DDR SigmaSIO-II SRAM
GS8182S18D-200I GSI-GS8182S18D-200I Datasheet
1Mb / 31P
   18Mb Burst of 2 DDR SigmaSIO-II SRAM
More results

Similar Description - GS8182S08

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8342S08 GSI-GS8342S08 Datasheet
502Kb / 35P
   36Mb SigmaSIO DDR-IITM Burst of 2 SRAM
GS8182S18D GSI-GS8182S18D Datasheet
1Mb / 31P
   18Mb Burst of 2 DDR SigmaSIO-II SRAM
GS8182Q18BD-300M GSI-GS8182Q18BD-300M Datasheet
446Kb / 35P
   18Mb SigmaQuad-IITM Burst of 2 SRAM
GS8182Q36BGD-167 GSI-GS8182Q36BGD-167 Datasheet
738Kb / 36P
   18Mb SigmaQuad-IITM Burst of 2 SRAM
GS8182Q09BD-200I GSI-GS8182Q09BD-200I Datasheet
738Kb / 36P
   18Mb SigmaQuad-IITM Burst of 2 SRAM
GS8182Q36BD-167I GSI-GS8182Q36BD-167I Datasheet
738Kb / 36P
   18Mb SigmaQuad-IITM Burst of 2 SRAM
GS8342S08E GSI-GS8342S08E Datasheet
1Mb / 39P
   36Mb Burst of 2 DDR SigmaSIO-II SRAM
GS8662S08E GSI-GS8662S08E Datasheet
1Mb / 37P
   72Mb Burst of 2 DDR SigmaSIO-II SRAM
GS8182D09BGD-333 GSI-GS8182D09BGD-333 Datasheet
726Kb / 36P
   18Mb SigmaQuad-IITM Burst of 4 SRAM
GS8182D08BD-167I GSI-GS8182D08BD-167I Datasheet
726Kb / 36P
   18Mb SigmaQuad-IITM Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com