Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS4576C09 Datasheet(PDF) 1 Page - GSI Technology

Part # GS4576C09
Description  64M x 9, 32M x 18, 16M x 36 576Mb CIO Low Latency DRAM (LLDRAM II)
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS4576C09 Datasheet(HTML) 1 Page - GSI Technology

  GS4576C09 Datasheet HTML 1Page - GSI Technology GS4576C09 Datasheet HTML 2Page - GSI Technology GS4576C09 Datasheet HTML 3Page - GSI Technology GS4576C09 Datasheet HTML 4Page - GSI Technology GS4576C09 Datasheet HTML 5Page - GSI Technology GS4576C09 Datasheet HTML 6Page - GSI Technology GS4576C09 Datasheet HTML 7Page - GSI Technology GS4576C09 Datasheet HTML 8Page - GSI Technology GS4576C09 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
GS4576C09/18/36L
64M x 9, 32M x 18, 16M x 36
576Mb CIO Low Latency DRAM (LLDRAM II)
533 MHz–300 MHz
2.5 V VEXT
1.8 V VDD
1.5 V or 1.8 V VDDQ
144-Ball
BGA
Commercial Temp
Industrial Temp
Rev: 1.04 11/2013
1/62
© 2011, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Features
• Pin- and function-compatible with Micron RLDRAM® II
• 533 MHz DDR operation (1.067Gb/s/pin data rate)
• 38.4 Gb/s peak bandwidth (x36 at 533 MHz clock frequency)
• 16M x 36, 32M x 18, and 64M x 9 organizations available
• 8 banks
• Reduced cycle time (15 ns at 533 MHz)
• Address Multiplexing (Nonmultiplexed address option
available)
• SRAM-type interface
• Programmable Read Latency (RL), row cycle time, and burst
sequence length
• Balanced Read and Write Latencies in order to optimize data
bus utilization
• Data mask for Write commands
• Differential input clocks (CK, CK)
• Differential input data clocks (DKx, DKx)
• On-chip DLL generates CK edge-aligned data and output
data clock signals
• Data valid signal (QVLD)
• 32 ms refresh (16K refresh for each bank; 128K refresh
command must be issued in total each 32 ms)
• 144-ball
BGA package
• HSTL I/O (1.5 V or 1.8 V nominal)
• 25
–60 matched impedance outputs
• 2.5 V VEXT, 1.8 V VDD, 1.5 V or 1.8 V VDDQ I/O
• On-die termination (ODT) RTT
• Commerical and Industrial Temperature
Commercial (+0°
T
C +95°C)
Industrial (–40°
T
C +95°C)
Introduction
The GSI Technology 576Mb Low Latency DRAM
(LLDRAM II) is a high speed memory device designed for
high address rate data processing typically found in networking
and telecommunications applications. The 8-bank architecture
and low tRC allows access rates formerly only found in
SRAMs.
The Double Data Rate (DDR) I/O interface provides high
bandwidth data transfers, clocking out two beats of data per
clock cycle at the I/O balls. Source-synchronous clocking can
be implemented on the host device with the provided free-
running data output clock.
Commands, addresses, and control signals are single data rate
signals clocked in by the True differential input clock
transition, while input data is clocked in on both crossings of
the input data clock(s).
Read and Write data transfers always in short bursts. The burst
length is programmable to 2, 4 or 8 by setting the Mode
Register.
The device is supplied with 2.5 V VEXT and 1.8 V VDD for the
core, and 1.5 V or 1.8 V for the HSTL output drivers.
Internally generated row addresses facilitate bank-scheduled
refresh.
The device is delivered in an efficent
BGA 144-ball package.


Similar Part No. - GS4576C09

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS4576C09GL-18 GSI-GS4576C09GL-18 Datasheet
2Mb / 63P
   576Mb CIO Low Latency DRAM (LLDRAM II)
GS4576C09GL-24 GSI-GS4576C09GL-24 Datasheet
2Mb / 63P
   576Mb CIO Low Latency DRAM (LLDRAM II)
GS4576C09GL-25 GSI-GS4576C09GL-25 Datasheet
2Mb / 63P
   576Mb CIO Low Latency DRAM (LLDRAM II)
GS4576C09GL-33 GSI-GS4576C09GL-33 Datasheet
2Mb / 63P
   576Mb CIO Low Latency DRAM (LLDRAM II)
GS4576C09L-18 GSI-GS4576C09L-18 Datasheet
2Mb / 63P
   576Mb CIO Low Latency DRAM (LLDRAM II)
More results

Similar Description - GS4576C09

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS4288C09 GSI-GS4288C09 Datasheet
2Mb / 62P
   32M x 9, 16M x 18, 8M x 36 288Mb CIO Low Latency DRAM (LLDRAM) II
GS4576C36GL-25I GSI-GS4576C36GL-25I Datasheet
2Mb / 63P
   576Mb CIO Low Latency DRAM (LLDRAM II)
logo
Integrated Silicon Solu...
IS42S86400B ISSI-IS42S86400B Datasheet
913Kb / 61P
   64M x 8, 32M x 16 512Mb SYNCHRONOUS DRAM
logo
Mosel Vitelic, Corp
V54C3256164VALT6 MOSEL-V54C3256164VALT6 Datasheet
838Kb / 52P
   256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4
V54C3256 MOSEL-V54C3256 Datasheet
853Kb / 52P
   256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4
logo
Integrated Silicon Solu...
IS61DDB42M18 ISSI-IS61DDB42M18 Datasheet
515Kb / 26P
   36 Mb (1M x 36 & 2M x 18) DDR-II (Burst of 4) CIO Synchronous SRAMs
IS61DDB22M18 ISSI-IS61DDB22M18 Datasheet
550Kb / 25P
   36 Mb (1M x 36 & 2M x 18) DDR-II (Burst of 2) CIO Synchronous SRAMs
logo
Elpida Memory
MC-4R64FKE8D-840 ELPIDA-MC-4R64FKE8D-840 Datasheet
458Kb / 14P
   Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 18-BIT)
MC-4R64FKE8D ELPIDA-MC-4R64FKE8D Datasheet
135Kb / 14P
   Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 18-BIT)
logo
Integrated Silicon Solu...
IS61DDB22M36 ISSI-IS61DDB22M36 Datasheet
624Kb / 25P
   72 Mb (2M x 36 & 4M x 18) DDR-II (Burst of 2) CIO Synchronous SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com