Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD3985G49R Datasheet(PDF) 8 Page - STMicroelectronics

Part # LD3985G49R
Description  ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REGULATORS LOW ESR CAPACITORS COMPATIBLE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD3985G49R Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LD3985G49R Datasheet HTML 4Page - STMicroelectronics LD3985G49R Datasheet HTML 5Page - STMicroelectronics LD3985G49R Datasheet HTML 6Page - STMicroelectronics LD3985G49R Datasheet HTML 7Page - STMicroelectronics LD3985G49R Datasheet HTML 8Page - STMicroelectronics LD3985G49R Datasheet HTML 9Page - STMicroelectronics LD3985G49R Datasheet HTML 10Page - STMicroelectronics LD3985G49R Datasheet HTML 11Page - STMicroelectronics LD3985G49R Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LD3985 SERIES
8/14
Figure 20: Line Transient Response
Figure 21: START-UP
Figure 22: TURN-OFF
VI = 3.8V to 4.4V, TJ = 25°C, IO = 150mA, CI = CO = 1µF (X7R),
CBYP = 10nF, Rise-Fall time = 1µsec, VO = 2.7V
VI = 3.3V, IO = 1mA, CI = CO = 1µF (cer), CBYP = 10nF, Tr = 20ns,
VO = 2.8V
VI = 3.3V, IO = 1mA, CI = CO = 1µF (cer), CBYP = 10nF, Tf = 20ns,
VO = 2.8V


Similar Part No. - LD3985G49R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD3985G47R STMICROELECTRONICS-LD3985G47R Datasheet
552Kb / 22P
   Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible
More results

Similar Description - LD3985G49R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD3985XX STMICROELECTRONICS-LD3985XX Datasheet
552Kb / 22P
   Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible
LD2980ABXX STMICROELECTRONICS-LD2980ABXX Datasheet
429Kb / 23P
   Ultra low drop voltage regulators compatible with low ESR inhibit output capacitors
LD2981ABXX STMICROELECTRONICS-LD2981ABXX Datasheet
430Kb / 23P
   Ultra low drop voltage regulators with inhibit low ESR output capacitors compatible
LD3986 STMICROELECTRONICS-LD3986 Datasheet
230Kb / 12P
   DUAL ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REG. FOR USE WITH VERY LOW ESR OUT. CAPACITORS
LD2980 STMICROELECTRONICS-LD2980 Datasheet
416Kb / 17P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT LOW ESR OUTPUT CAPACITORS COMPATIBLE
logo
Stanson Technology
ST6206 STANSON-ST6206 Datasheet
297Kb / 8P
   Low ESR Low Drop Out Voltage Regulators
logo
STMicroelectronics
LD39150 STMICROELECTRONICS-LD39150 Datasheet
459Kb / 19P
   Ultra low drop BICMOS voltage regulator
LD39080 STMICROELECTRONICS-LD39080 Datasheet
504Kb / 20P
   Ultra low drop BICMOS voltage regulator
LD39150XX STMICROELECTRONICS-LD39150XX Datasheet
511Kb / 19P
   Ultra low drop BiCMOS voltage regulator
LD39300 STMICROELECTRONICS-LD39300 Datasheet
359Kb / 17P
   Ultra low drop BICMOS voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com