Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN6360QA Datasheet(PDF) 5 Page - Altera Corporation

Part # EN6360QA
Description  Integrated Inductor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EN6360QA Datasheet(HTML) 5 Page - Altera Corporation

  EN6360QA Datasheet HTML 1Page - Altera Corporation EN6360QA Datasheet HTML 2Page - Altera Corporation EN6360QA Datasheet HTML 3Page - Altera Corporation EN6360QA Datasheet HTML 4Page - Altera Corporation EN6360QA Datasheet HTML 5Page - Altera Corporation EN6360QA Datasheet HTML 6Page - Altera Corporation EN6360QA Datasheet HTML 7Page - Altera Corporation EN6360QA Datasheet HTML 8Page - Altera Corporation EN6360QA Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
EN6360QA
Electrical Characteristics
NOTE: VIN=6.6V, Minimum and Maximum values are over operating ambient temperature range unless otherwise noted.
Typical values are at TA = 25°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Operating Input
Voltage
VIN
2.5
6.6
V
VFB Pin Voltage
VVFB
Internal Voltage Reference at:
VIN = 5V, ILOAD = 0, TA = 25°C
0.594
0.600
0.606
V
VFB Pin Voltage
(Line, Load and
Temperature)
VVFB
2.5
V ≤ V
IN
≤ 6.6V
0A ≤ I
LOAD
≤ 8A
0.588
0.600
0.612
V
VFB Pin Input Leakage
Current
IVFB
VFB Pin Input Leakage Current
-0.2
0.2
µA
Shut-Down Supply
Current
IS
Power Supply Current with
ENABLE=0
1.5
mA
Under Voltage Lock-
out – VIN Rising
VUVLOR
Voltage Above Which UVLO is Not
Asserted
2.2
V
Under Voltage Lock-
out – VIN Falling
VUVLOF
Voltage Below Which UVLO is
Asserted
2.1
V
Drop Out Voltage
VDO
VINMIN – VOUT at Full Load
400
800
mV
Drop Out Resistance
RDO
Input to Output Resistance
50
100
Continuous Output
Current
IOUT_SRC
(Subject to De-rating)
0
8
A
Over Current Trip
Level
IOCP
Sourcing Current
16
A
Switching Frequency
FSW
RFADJ = 4.42 kΩ, VIN = 5V
0.9
1.2
1.5
MHz
External SYNC Clock
Frequency Lock
Range
FPLL_LOCK
SYNC Clock Input Frequency
Range
0.9*Fsw
Fsw
1.1*Fsw
MHz
S_IN Clock Amplitude
– Low
VS_IN_LO
SYNC Clock Logic Low
0
0.8
V
S_IN Clock Amplitude
– High
VS_IN_HI
SYNC Clock Logic High
1.8
2.5
V
S_IN Clock Duty Cycle
(PLL)
DCS_INPLL
M/S Pin Float or Low
20
80
%
S_IN Clock Duty Cycle
(PWM)
DCS_INPWM
M/S Pin High
10
90
%
Pre-Bias Level
VPB
Allowable Pre-bias as a Fraction of
Programmed Output Voltage for
Monotonic start up. Minimum Pre-
bias Voltage = 300mV.
20
75
%
Non-Monotonicity
VPB_NM
Allowable Non-monotonicity Under
Pre-bias Startup
100
mV
VOUT Range for POK =
High
Range of Output Voltage as a
Fraction of Programmed Value
When POK is Asserted. (Note 3)
90
120
%
www.altera.com/enpirion, Page 5
10396
October 7, 2014
Rev A


Similar Part No. - EN6360QA

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN6360QI ENPIRION-EN6360QI Datasheet
1Mb / 24P
   8A Synchronous Highly Integrated DC-DC PowerSoC
logo
Altera Corporation
EN6360QI ALTERA-EN6360QI Datasheet
1Mb / 24P
   DC-DC Buck with Integrated Inductor
logo
Enpirion, Inc.
EN6360QI-E ENPIRION-EN6360QI-E Datasheet
1Mb / 24P
   8A Synchronous Highly Integrated DC-DC PowerSoC
More results

Similar Description - EN6360QA

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN2340QI ALTERA-EN2340QI Datasheet
1Mb / 23P
   Integrated Inductor
EN5312QI ALTERA-EN5312QI Datasheet
990Kb / 16P
   Integrated Inductor
EN6337QI ALTERA-EN6337QI Datasheet
1Mb / 23P
   Integrated Inductor
EN6347QA ALTERA-EN6347QA Datasheet
1Mb / 25P
   Integrated Inductor
EN63A0QI ALTERA-EN63A0QI Datasheet
2Mb / 25P
   Integrated Inductor
EN6337QA ALTERA-EN6337QA Datasheet
1Mb / 23P
   Integrated Inductor
EP5348UI ALTERA-EP5348UI Datasheet
822Kb / 12P
   Integrated Inductor
EP5358LUA ALTERA-EP5358LUA Datasheet
1Mb / 21P
   Integrated Inductor
EN6310QI ALTERA-EN6310QI Datasheet
1Mb / 23P
   Integrated Inductor
EN63A0QA ALTERA-EN63A0QA Datasheet
1Mb / 25P
   Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com