Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN5366QI Datasheet(PDF) 15 Page - Altera Corporation

Part # EN5366QI
Description  External Output Voltage Programming
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EN5366QI Datasheet(HTML) 15 Page - Altera Corporation

Back Button EN5366QI Datasheet HTML 8Page - Altera Corporation EN5366QI Datasheet HTML 9Page - Altera Corporation EN5366QI Datasheet HTML 10Page - Altera Corporation EN5366QI Datasheet HTML 11Page - Altera Corporation EN5366QI Datasheet HTML 12Page - Altera Corporation EN5366QI Datasheet HTML 13Page - Altera Corporation EN5366QI Datasheet HTML 14Page - Altera Corporation EN5366QI Datasheet HTML 15Page - Altera Corporation EN5366QI Datasheet HTML 16Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
EN5366QI
Package Dimensions
Figure 9. Package dimensions.
15
www.altera.com/enpirion
03817
October 11, 2013
Rev E


Similar Part No. - EN5366QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5366QI ENPIRION-EN5366QI Datasheet
841Kb / 16P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Output Voltage Programming
EN5366QI-E ENPIRION-EN5366QI-E Datasheet
841Kb / 16P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Output Voltage Programming
More results

Similar Description - EN5366QI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN5336QI ALTERA-EN5336QI Datasheet
471Kb / 15P
   Output Voltage Programming
logo
Enpirion, Inc.
EN5396QI ENPIRION-EN5396QI Datasheet
553Kb / 19P
   9A Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Output Voltage Programming
EN5366QI ENPIRION-EN5366QI Datasheet
841Kb / 16P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Output Voltage Programming
EN5336QI ENPIRION-EN5336QI Datasheet
243Kb / 13P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Feedback Output Voltage Programming
logo
Microchip Technology
PIC12LF1612 MICROCHIP-PIC12LF1612 Datasheet
359Kb / 38P
   HIGH-VOLTAGE ICSP PROGRAMMING
03/25/14
PIC12LF1571 MICROCHIP-PIC12LF1571 Datasheet
543Kb / 32P
   HIGH-VOLTAGE ICSP PROGRAMMING
11/29/12
PIC16LF18313 MICROCHIP-PIC16LF18313 Datasheet
487Kb / 44P
   HIGH-VOLTAGE ICSP PROGRAMMING
07/14/15
logo
Lineage Power Corporati...
AN04-005 LINEAGEPOWER-AN04-005 Datasheet
187Kb / 4P
   Margining and Voltage Programming
logo
Maxim Integrated Produc...
MAX15020 MAXIM-MAX15020_11 Datasheet
316Kb / 18P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
Rev 1; 5/11
logo
Vishay Siliconix
71128 VISHAY-71128 Datasheet
77Kb / 7P
   Simple Solution for Dynamically Programming the Output Voltage of DC-DC Converters
28-Jan-00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com