Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN5365QI Datasheet(PDF) 11 Page - Altera Corporation

Part # EN5365QI
Description  3-Pin VID Output Voltage Select
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EN5365QI Datasheet(HTML) 11 Page - Altera Corporation

Back Button EN5365QI Datasheet HTML 7Page - Altera Corporation EN5365QI Datasheet HTML 8Page - Altera Corporation EN5365QI Datasheet HTML 9Page - Altera Corporation EN5365QI Datasheet HTML 10Page - Altera Corporation EN5365QI Datasheet HTML 11Page - Altera Corporation EN5365QI Datasheet HTML 12Page - Altera Corporation EN5365QI Datasheet HTML 13Page - Altera Corporation EN5365QI Datasheet HTML 14Page - Altera Corporation EN5365QI Datasheet HTML 15Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
EN5365QI
Theory of Operation
Synchronous Buck Converter
The
EN5365QI
is
a
synchronous,
pin
programmable
power
supply
with
integrated
power
MOSFET
switches
and
integrated
inductor. The nominal input voltage range is
2.375-5.5V. The output can be set to common
pre-set
voltages
by
connecting
appropriate
combinations
of 3 voltage selection pins to
ground. The feedback control loop is a type III
voltage-mode and the part uses a low-noise
PWM topology. Up to 6A of output current can be
drawn from this converter. The 5MHz operating
frequency enables the use of small-size output
capacitors.
The power supply has the following protection
features:
• Programmable over-current protection (to
protect the IC from excessive load current)
• Thermal shutdown with hysteresis.
• Over-voltage protection
• Under-voltage lockout circuit to disable the
converter output when the input voltage is
less than approximately 2.2V
Additional features include:
• Soft-start circuit, limiting the in-rush
current when the converter is powered up.
• Power good circuit indicating whether the
output voltage is within 90%-120% of the
programmed voltage.
Output Voltage Programming
The EN5365QI output voltage is programmed
using a 3-pin voltage-ID or VID selector. Three
binary VID pins allow the user to choose one of
seven pre-set voltages. Refer to table 1 for the
proper VID pin settings to program VOUT.
The voltage select pins, VS0, VS1, and VS2, are
pulled-up internally and so will default to a logic
high, or “1”, if left “open”. Connecting the voltage
select pin to ground will result in a logic “0”. For a
device
capable
of
external
output
voltage
adjustment, refer to the EN5366QI datasheet.
Table 1: Output Voltage Select Table
VS2*
VS1*
VS0*
Output Voltage
0
0
0
3.3V
0
0
1
2.5V
0
1
0
1.8V
0
1
1
1.5V
1
0
0
1.25V
1
0
1
1.2V
1
1
0
0.8V
1
1
1
Reserved
Input Capacitor Selection
The EN5365QI requires about 40-50uF of input
capacitance. Low ESR ceramic capacitors are
required with X5R or X7R dielectric formulation.
Y5V or equivalent dielectric formulations must
not be used as they lose capacitance with
frequency, temperature and bias voltage.
In
some
applications,
lower
value
ceramic
capacitors maybe needed in parallel with the
larger
capacitors
in
order
to
provide
high
frequency decoupling.
Table 2. Recommended input capacitors.
Description
MFG
P/N
22uF, 10V,
X5R, 1206
Murata
GRM31CR61A226ME19L
(2 capacitors needed)
Taiyo Yuden
LMK316BJ226ML-T
47uF, 10V,
X5R, 1210
Murata
GRM32ER61A476KE20L
(1 capacitor needed)
Taiyo Yuden
LMK325BJ476MM-T
Output Capacitor Selection
The EN5365QI has been optimized for use with
approximately 50μF of output capacitance. Low
ESR ceramic capacitors are required with X5R or
X7R dielectric formulation.
Y5V or equivalent
dielectric formulations must not be used as these
lose capacitance with frequency, temperature
and bias voltage.
11
www.altera.com/enpirion
03816
October 11, 2013
Rev G


Similar Part No. - EN5365QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5365QI ENPIRION-EN5365QI Datasheet
831Kb / 17P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
EN5365QI-E ENPIRION-EN5365QI-E Datasheet
831Kb / 17P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
More results

Similar Description - EN5365QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5395QI ENPIRION-EN5395QI Datasheet
551Kb / 18P
   9A Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
EN5365QI ENPIRION-EN5365QI Datasheet
831Kb / 17P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
logo
Altera Corporation
EN5395QI ALTERA-EN5395QI Datasheet
1Mb / 18P
   9A PowerSoC Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
logo
Panasonic Semiconductor
AN79LXX PANASONIC-AN79LXX Datasheet
145Kb / 12P
   3-pin negative output voltage regulator
logo
Maxim Integrated Produc...
MAX17480 MAXIM-MAX17480 Datasheet
994Kb / 48P
   AMD 2-/3-Output Mobile Serial VID Controller
Rev 0; 2/09
MAX17080 MAXIM-MAX17080 Datasheet
983Kb / 48P
   AMD 2-/3-Output Mobile Serial VID Controller
Rev 1; 5/09
logo
Linear Technology
LTC1706-19 LINER-LTC1706-19_15 Datasheet
203Kb / 8P
   VID Voltage Programmer
LTC1706-19 LINER-LTC1706-19 Datasheet
212Kb / 8P
   VID Voltage Programmer
logo
Panasonic Semiconductor
AN7900T PANASONIC-AN7900T Datasheet
102Kb / 8P
   3-pin Negative Output Voltage Regulators 1A Type
AN79N00 PANASONIC-AN79N00 Datasheet
63Kb / 9P
   3-pin Negative Output Voltage Regulator 300mA Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com