Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN5339QI Datasheet(PDF) 1 Page - Altera Corporation

Part # EN5339QI
Description  Converter with Integrated Inductor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EN5339QI Datasheet(HTML) 1 Page - Altera Corporation

  EN5339QI Datasheet HTML 1Page - Altera Corporation EN5339QI Datasheet HTML 2Page - Altera Corporation EN5339QI Datasheet HTML 3Page - Altera Corporation EN5339QI Datasheet HTML 4Page - Altera Corporation EN5339QI Datasheet HTML 5Page - Altera Corporation EN5339QI Datasheet HTML 6Page - Altera Corporation EN5339QI Datasheet HTML 7Page - Altera Corporation EN5339QI Datasheet HTML 8Page - Altera Corporation EN5339QI Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Enpirion
® Power Datasheet
EN5339QI 3A PowerSoC
Low Profile Synchronous Buck DC-DC
Converter with Integrated Inductor
www.altera.com/enpirion Page 1
Description
The EN5339QI is a highly integrated, low profile,
highly efficient, 3A synchronous buck power system
on a chip (PowerSoC). The device features an
advance integrated inductor, integrated MOSFETs, a
PWM
voltage-mode
controller,
and
internal
compensation providing the smallest possible solution
size.
The EN5339QI PowerSoC is designed specifically to
meet the driving demand for higher power density by
providing a fully integrated buck converter into a tiny
4x6x1.1mm 24-pin QFN package. It features high
efficiency, excellent line and load regulation and
guarantees
the
full
3A
output
current
over
temperature.
The EN5339QI operates at high switching frequency
and allows for the use of tiny MLCC capacitors. It also
enables a very wide control loop bandwidth providing
excellent transient performance and reduced output
impedance. The internal compensation is designed
for
unconditional
stability
across
all
operating
conditions.
The Altera Enpirion integrated inductor solution
significantly helps to reduce noise. The complete
power converter solution enhances productivity by
offering greatly simplified board design, layout and
manufacturing
requirements.
All
Altera
Enpirion
products
are
RoHS
compliant
and
lead-free
manufacturing environment compatible.
Features
• Integrated Inductor
• Solution Footprint as Small as 55 mm2
• Low Profile, 1.1mm
• High Reliability Solution: 280k Years MTBF
• High Efficiency, up to 95%
• Low Output Ripple Voltage; <5mV
P-P Typical
• ±3% Output Variation Over Line, Load, Temp
• 2.4 V to 5.5 V Input Voltage Range
• 3A Continuous Output Current Capability
• Output Enable and Power OK Signal
• Under Voltage Lockout, Over Current, Short Circuit,
and Thermal Protection
• RoHS Compliant; Halogen Free; 260°C Reflow
Applications
• Applications with Low Profile Requirement such as
SSD and Embedded Computing
• SAN/NAS Accelerator Appliance
• Controllers, Raid, Processors, Network Processors,
DSPs’ FPGAs, and ASICs
• Noise Sensitive Applications
EN5339QI
VOUT
PVIN
AGND
VIN
POK
TST0
TST1
TST2
ENABLE
AVIN
PGND
CIN
22µF
COUT
3x 22µF
or
2x 47µF
100k
VOUT
PGND
Ra
Rb
VFB
POK
Ca
1µF
Figure 1. Simplified Applications Circuit
Figure 2. Highest Efficiency in Smallest Solution Size
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
Efficiency vs. Output Current
VOUT = 2.5V
VOUT = 1.2V
CONDITIONS
VIN = 3.3V
Actual Solution Size
55mm2
06903
June 26, 2015
Rev E


Similar Part No. - EN5339QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5339QI ENPIRION-EN5339QI Datasheet
1Mb / 19P
   3A Low Profile Synchronous Buck DC-DC Converter with Integrated Inductor
EN5339QI-E ENPIRION-EN5339QI-E Datasheet
1Mb / 19P
   3A Low Profile Synchronous Buck DC-DC Converter with Integrated Inductor
More results

Similar Description - EN5339QI

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EVM3620A-QV-00A MPS-EVM3620A-QV-00A Datasheet
328Kb / 6P
   24V/2A Module Converter with Integrated Inductor Evaluation Board
logo
Intel Corporation
EN6340QI INTEL-EN6340QI Datasheet
2Mb / 28P
   Step-Down DC-DC Switching Converter with Integrated Inductor
EN6363QI INTEL-EN6363QI Datasheet
1Mb / 28P
   Step-Down DC-DC Switching Converter with Integrated Inductor
July 19, 2017 Rev A
logo
Monolithic Power System...
EVM3606A-QV-00A MPS-EVM3606A-QV-00A Datasheet
240Kb / 6P
   21V/0.6A Module Converter with Integrated Inductor Evaluation Board
MPM3506A MPS-MPM3506A Datasheet
1Mb / 22P
   36V/0.6A Module Synchronous Step-Down Converter with Integrated Inductor
logo
Altera Corporation
EN5396QI ALTERA-EN5396QI Datasheet
1Mb / 19P
   9A PowerSoC Synchronous DC-DC Buck Converter with Integrated Inductor
EN5322QI ALTERA-EN5322QI Datasheet
899Kb / 17P
   2A PowerSoC Synchronous Buck DC-DC Converter with Integrated Inductor
logo
Union Semiconductor, In...
UM3502QA UNIONSEMI-UM3502QA Datasheet
559Kb / 13P
   Low-Profile, 600mA, Synchronous Step-Down Converter with Integrated Inductor
logo
Monolithic Power System...
MPM3510A MPS-MPM3510A Datasheet
544Kb / 22P
   36V/1.2A Module Synchronous Step-Down Converter with Integrated Inductor
logo
Enpirion, Inc.
EP53F8QI ENPIRION-EP53F8QI Datasheet
265Kb / 11P
   1500 mA Synchronous Buck PWM DC-DC Converter with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com